データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GS1574-CNE3 データシート(PDF) 5 Page - Gennum Corporation

部品番号 GS1574-CNE3
部品情報  GS1574 HD-LINX -TM II Adaptive Cable Equalizer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GENNUM [Gennum Corporation]
ホームページ  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1574-CNE3 データシート(HTML) 5 Page - Gennum Corporation

  GS1574-CNE3 Datasheet HTML 1Page - Gennum Corporation GS1574-CNE3 Datasheet HTML 2Page - Gennum Corporation GS1574-CNE3 Datasheet HTML 3Page - Gennum Corporation GS1574-CNE3 Datasheet HTML 4Page - Gennum Corporation GS1574-CNE3 Datasheet HTML 5Page - Gennum Corporation GS1574-CNE3 Datasheet HTML 6Page - Gennum Corporation GS1574-CNE3 Datasheet HTML 7Page - Gennum Corporation GS1574-CNE3 Datasheet HTML 8Page - Gennum Corporation GS1574-CNE3 Datasheet HTML 9Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
GS1574 Preliminary Data Sheet
Proprietary and Confidential
28854 - 2
December 2004
5 of 17
2. Electrical Characteristics
2.1 Absolute Maximum Ratings
2.2 DC Electrical Characteristics
Parameter
Value
Supply Voltage
-0.5V to +3.6 VDC
Input ESD Voltage (Human Body Model)
500V
Storage Temperature Range
-50°C < Ts < 125°C
Input Voltage Range (any input)
-0.3 to (VCC +0.3)V
Operating Temperature Range
0°C to 70°C
Power Dissipation
300mW
Lead Temperature (soldering, 10 sec)
260°C
Table 2-1: DC Electrical Characteristics
VDD = 3.3V, TA = 0°C to 70°C, unless otherwise shown
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Test
Levels
Notes
Supply Voltage
VCC
3.135
3.3
3.465
V
±5%
Power Consumption
PD
TA = 25°C
265
mW
2
Supply Current
I
s
TA = 25°C
80
mA
1
Output Common Mode
Voltage
VCMOUT
TA = 25°C
VCC - ∆VSDO/2
V
7
Input Common Mode
Voltage
VCMIN
TA = 25°C
1.75
V
8
Floating MCLADJ DC
Voltage
–0m, TA = 25°C
1.3
V
7
MCLADJ Range
TA = 25°C
0.69
V
7
Mute Input Voltage
Required to Force Outputs
to Mute
VMute
Min to Mute
3.0
V
7
Mute Input Voltage
Required to Force Outputs
Active
VMute
Max to
Activate
––
2.0
V
7


同様の部品番号 - GS1574-CNE3

メーカー部品番号データシート部品情報
logo
Gennum Corporation
GS1574-CNE3 GENNUM-GS1574-CNE3 Datasheet
312Kb / 18P
   Adaptive Cable Equalizer
More results

同様の説明 - GS1574-CNE3

メーカー部品番号データシート部品情報
logo
Gennum Corporation
GS9074A GENNUM-GS9074A_09 Datasheet
1Mb / 17P
   HD-LINX II Adaptive Cable Equalizer
GS1574A GENNUM-GS1574A_11 Datasheet
1Mb / 16P
   HD-LINX II Adaptive Cable Equalizer
GS1524 GENNUM-GS1524 Datasheet
775Kb / 18P
   GS1524 HD-LINX-TM II Multi-Rate SDI Adaptive Cable Equalizer
GS1574A GENNUM-GS1574A Datasheet
342Kb / 16P
   GS1574A HD-LINX-R II Adaptive Cable Equalizer
GS9074A GENNUM-GS9074A Datasheet
342Kb / 16P
   GS9074A HD-LINX-R II Adaptive Cable Equalizer
logo
Semtech Corporation
GS2974A SEMTECH-GS2974A Datasheet
600Kb / 16P
   HD-LINX??III Adaptive Cable Equalizer
GS2974B SEMTECH-GS2974B Datasheet
703Kb / 17P
   HD-LINX??III Adaptive Cable Equalizer
logo
Gennum Corporation
GS2974A GENNUM-GS2974A Datasheet
618Kb / 16P
   HD-LINX III Adaptive Cable Equalizer
GS2974B GENNUM-GS2974B Datasheet
703Kb / 17P
   HD-LINX III Adaptive Cable Equalizer
logo
Semtech Corporation
GS1574A SEMTECH-GS1574A Datasheet
1Mb / 16P
   HD-LINX짰 II Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com