データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GS8000ACNE3 データシート(PDF) 5 Page - Gennum Corporation

部品番号 GS8000ACNE3
部品情報  DVI / HDMI Extender
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GENNUM [Gennum Corporation]
ホームページ  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS8000ACNE3 データシート(HTML) 5 Page - Gennum Corporation

  GS8000ACNE3 Datasheet HTML 1Page - Gennum Corporation GS8000ACNE3 Datasheet HTML 2Page - Gennum Corporation GS8000ACNE3 Datasheet HTML 3Page - Gennum Corporation GS8000ACNE3 Datasheet HTML 4Page - Gennum Corporation GS8000ACNE3 Datasheet HTML 5Page - Gennum Corporation GS8000ACNE3 Datasheet HTML 6Page - Gennum Corporation GS8000ACNE3 Datasheet HTML 7Page - Gennum Corporation GS8000ACNE3 Datasheet HTML 8Page - Gennum Corporation GS8000ACNE3 Datasheet HTML 9Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
GS8000 Data Sheet
Proprietary and Confidential
25544 - 3
May 2005
5 of 16
2. Electrical Characteristics
2.1 DC Electrical Characteristics
Table 2-1: Absolute Maximum Ratings
Parameter
Value
Supply Voltage
-0.3V to +3.6V
Input Voltage Range (any input)
-2.0V to +5.25V
Operating Temperature Range
-20°C to 85°C
Storage Temperature Range
-50°C to 125°C
Lead Temperature (soldering 10 sec.)
260°C
Table 2-2: DC Electrical Characteristics
VDD = 3.0V to 3.3V, TA = 0°C to 70°C, unless otherwise shown
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Test
Level
Notes
System
Operating Temperature Range
TA
0
25
70
°C
1
-20
85
°C
2
Supply Voltage
VDD
3.0
3.3
3.6
V
1
1
Supply Voltage for
LONG REACH™ DDC
DDC_VDD
4.75
5.0
5.25
V
1
1
Supply Current
ID
VDD = 3.3V, TA
= 25°C
O/P Swing = 1000mV
–157
mA
1
Supply Current for
LONG REACH™ DDC
DDC_VDD = 5V
15
mA
1
System Power
PD
VDD = 3.3V, TA
= 25°C
O/P Swing = 1000mV
–519
mW
5
ESD Protection
All pins
2
kV
3


同様の部品番号 - GS8000ACNE3

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
GS8000 ETC1-GS8000 Datasheet
4Mb / 4P
   Increase package design flexibility while maintaining electrical integrity
GS8000-03X ETC1-GS8000-03X Datasheet
4Mb / 4P
   Increase package design flexibility while maintaining electrical integrity
GS8000-063 ETC1-GS8000-063 Datasheet
4Mb / 4P
   Increase package design flexibility while maintaining electrical integrity
GS8000-095 ETC1-GS8000-095 Datasheet
4Mb / 4P
   Increase package design flexibility while maintaining electrical integrity
GS8000-126 ETC1-GS8000-126 Datasheet
4Mb / 4P
   Increase package design flexibility while maintaining electrical integrity
More results

同様の説明 - GS8000ACNE3

メーカー部品番号データシート部品情報
logo
Maxim Integrated Produc...
MAX3816A MAXIM-MAX3816A Datasheet
349Kb / 18P
   I2C 2-Wire Extender for DDC in DVI, HDMI, and VGA Interfaces
19-4109; Rev 0; 7/08
logo
National Semiconductor ...
DS16EV51-AEVKH NSC-DS16EV51-AEVKH_14 Datasheet
203Kb / 7P
   HDMI Extender Demo Kit for HDMI Cables
logo
Tripp Lite. All Rights ...
P132-000 TRIPPLITE-P132-000 Datasheet
168Kb / 2P
   DVI to HDMI Cable Adapter (DVI-D to HDMI F/M)
P130-000 TRIPPLITE-P130-000 Datasheet
165Kb / 2P
   HDMI to DVI Cable Adapter (HDMI to DVI-D F/M)
logo
Analog Devices
ADV3003 AD-ADV3003 Datasheet
771Kb / 16P
   HDMI/DVI TMDS Equalizer
REV. 0
ADV3003 AD-ADV3003_17 Datasheet
766Kb / 16P
   HDMI/DVI TMDS Equalizer
logo
List of Unclassifed Man...
ASM1442 ETC2-ASM1442 Datasheet
366Kb / 18P
   HDMI/DVI Level Shifter
logo
Tripp Lite. All Rights ...
P130000 TRIPPLITE-P130000 Datasheet
504Kb / 2P
   HDMI to DVI Cable Adapter (HDMI to DVI-D F/M)
P132000 TRIPPLITE-P132000 Datasheet
501Kb / 2P
   DVI to HDMI Cable Adapter (DVI-D to HDMI F-M)
logo
Level One
HVE-9005 LVL1-HVE-9005 Datasheet
863Kb / 3P
   HDMI over Cat.5 Extender kit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com