データシートサーチシステム
Selected language   Japanese  ▼

Delete All
ON OFF
ALLDATASHEET.JP

X  

Preview PDF Download HTML

LM1117-3.5 データシート(PDF) 3 Page - Cystech Electonics Corp.

部品番号. LM1117-3.5
部品情報  1A Low Dropout Positive Voltage Regulator
ダウンロード  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  CYSTEKEC [Cystech Electonics Corp.]
ホームページ  http://www.cystekec.com
Logo 

LM1117-3.5 Datasheet(HTML) 3 Page - Cystech Electonics Corp.

   
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CYStech Electronics Corp.
Spec. No. : C506L3
Issued Date : 2003.03.22
Revised Date :2005.10.07
Page No. : 3/4
LM1117L3
CYStek Product Specification
Current Limit
All
(VIN-VOUT)=1.5V
*
1
A
Ripple Rejection (Note 2) All
VIN=VOUT+1.5V, ILOAD= 1A
60
72
dB
Dropout Voltage
(Note 1,3)
All
VIN≧2.65V, ILOAD= 1A
*
1.15
1.3
V
Temperature Coefficient
All
VIN=VOUT=1.5V, ILOAD= 10mA
*
0.005
%/℃
The * denotes the specifications which apply over the full temperature range.
Note 1:Low duty pulse testing with Kelvin connections required.
Note 2:120Hz input ripple(CADJ for ADJ=25μF)
Note 3:△VOUT, △VREF=1%.
Representative Circuit Diagram
GND
VIN
VOUT
FOR FIXED
VOLTAGE
DEVICE
FOR
ADJUSTABLE
VOLTAGE
DEVICE
ADJ


Html ページ

1  2  3  4 


Datasheet Download



関連電子部品番号

部品番号コンポーネントの説明Html Viewメーカー
LT1585A5A LOW DROPOUT FAST RESPONSE POSITIVE ADJUSTABLE AND FIXED VOLTAGE REGULATOR 1 2 3 4 5 MoreON Semiconductor
LT1086220M05LOW DROPOUT 1.5 AMP POSITIVE VOLTAGE REGULATOR 1 2 3 Seme LAB
H1117J1A LOW DROPOUT POSITIVE VOLTAGE REGULATOR 1 2 3 4 5 MoreHi-Sincerity Mocroelectronics
PJ10845 Amp Low Dropout Positive Voltage Regulator 1 2 3 4 5 MoreList of Unclassifed Manufacturers
OM2940STM0.5 VOLT LOW DROPOUT POSITIVE FIXED VOLTAGE REGULATOR APPROVED TO DESC DRAWING 1 2 3 4 List of Unclassifed Manufacturers
OM7648SMSURFACE MOUNT POSITIVE 0.5 VOLT LOW DROPOUT VOLTAGE REGULATOR 1 2 3 4 List of Unclassifed Manufacturers
TS2950150mA Ultra Low Dropout Positive Voltage Regulator 1 2 3 4 5 MoreTaiwan Semiconductor Company, Ltd
SC1202600mA Low Dropout Positive Voltage Regulator 1 2 3 4 5 Semtech Corporation
PJ10853 Amp Low Dropout Positive Voltage Regulator 1 2 3 4 5 MoreList of Unclassifed Manufacturers
SC1592Low Dropout High Performance Adjustable Positive Voltage Regulator 1 2 3 4 5 MoreSemtech Corporation

リンク URL



Privacy Policy
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク
   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn