データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPAC175P-490E データシート(PDF) 1 Page - Total Power International

部品番号 TPAC175P-490E
部品情報  UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC HOT-SWAP CompactPCI QUAD OUTPUT 175 WATTS CURRENT SHARING SWITCHING POWER SUPPLIES TPAC175P & TPAC175D SE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOTAL-POWER [Total Power International]
ホームページ  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPAC175P-490E データシート(HTML) 1 Page - Total Power International

  TPAC175P-490E Datasheet HTML 1Page - Total Power International TPAC175P-490E Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC HOT-SWAP
CompactPCI QUAD OUTPUT 175 WATTS CURRENT SHARING
SWITCHING POWER SUPPLIES TPAC175P & TPAC175D SERIES
FEATURES:
175W IN 3U X 8HP EUROCARD PACKAGE
UNIVERSAL AC INPUT WITH PFC
INTERNAL OR-ING DIODES FOR
N+1 REDUNDANCY
HOT-SWAPPABLE
DROOP CURRENT SHARING
EMI MEET EN55022 / FCC CLASS A
CE MARKING COMPLIANCE
FULLY COMPLIANT WITH PICMG
OUTPUT SPECIFICATION
Output Voltage: See Ratings Chart.
Output Current: See Ratings Chart.
Output Wattage: Typ. 175W continuous.
Output Connector: PCIH47M400A1 for TPAC175P.
DIN41612 M24/8 for TPAC175D.
Line Regulation: Typ. 0.5%.
Load Regulation: VO1 & VO2 typ. ±1.0%.
VO3 & VO4 typ. ±2.0%.
Noise & Ripple: Typ. 1% peak-peak or 50mV, which is greater.
OVP: Built-in at VO1 & VO2.
Adjustability: Available at VO1 & VO2. VO3 factory set.
Remote Sensing: Available at VO1 & VO2.
Hot-Swap: Available.
N+1 Redundancy: Installed with OR-ing diodes for
N+1 redundancy operation.
Current Sharing: Droop current sharing at all output.
Power OK Signal: Available for VO1 & VO2.
Over Current Protection (OCP): Installed in all outputs.
Overload Protection (OLP): Fully protected against
output oveload and short circuit.
Typically set at 130-150% max. load.
Consult factory for special OLP setting.
GENERAL SPECIFICATION
Efficiency: Typ. 75-78%.
Switching Frequency: 100 KHz.
Circuit Topology: Half-bridge circuit.
Transient Response: Typ. 1.0mS for a 25% load change.
Safety Standard: IEC950/ UL1950 Class I.
Construction: Eurocard 3U x 8HP x 160mm
CompactPCI format. Front Panel with either
Ordinary handle or Extractor handle.
Operating Temperature: 0 to +50°C at full load with
specified air flow.
Derates linearly to 50% at +70°C.
Storage Temperature: -40°C to +85°C.
Temperature Coefficient: Typ. ±0.02% /°C.
Cooling: At least 20cfm (600lfm) airflow is required to
deliver full rating load.
Power Density: 3.2 Watts /Cubic Inch.
Note: All measurements are at nominal input, full load, and +25℃ unless otherwise specified.
SPECIFICATION
INPUT SPECIFICATION
Input Voltage: Typ. 90-264Vac with PFC.
Power Factor Correction: Meet Harmonic Correction
IEC1000-3-2. Power Factor typ. 0.98.
Input Connector: PCIH47M400A1 for TPAC175P.
DIN41612 M24/8 for TPAC175D.
Input Frequency: 47-63Hz.
Inrush Current: Less than 30A @ 230Vac.By thermistor.
Input Current:
2.2A @115Vac/1.1A @230Vac for TPAC175D.
2.4A @115Vac/1.2A @230Vac for TPAC175P.
Dielectric Withstand: Meet IEC950 regulation.
EMI: Meet EN55022 / FCC Class A.
Hold-up Time: 5mS @115V & 230Vac after power fail signal.
Remote ON/OFF: Available at [INH#] & [EN#] pins.
Power Fail Signal: Available at [FAL#] pin.
Status LED: <Green> means valid input voltage.
<Amber> means a critical fault.
Thermal Protection: Installed NTC for thermal sensor
at [DEG#] pin.
Earth Leakage: Less than 0.5mA @230Vac.
In application
TOTAL POWER, INT. Tel: 877-646-0900 Fax: 978-453-7395
Email: sales@total-power.com http://www.total-power.com
-1-
TOTAL POWER INT'L


同様の部品番号 - TPAC175P-490E

メーカー部品番号データシート部品情報
logo
Total Power Internation...
TPAC175P-490 TOTAL-POWER-TPAC175P-490 Datasheet
738Kb / 2P
   UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC HOT-SWAP CompactPCI QUAD OUTPUT 175 WATTS CURRENT SHARING SWITCHING POWER SUPPLIES TPAC175P & TPAC175D SERIES
More results

同様の説明 - TPAC175P-490E

メーカー部品番号データシート部品情報
logo
Total Power Internation...
TPAC175 TOTAL-POWER-TPAC175 Datasheet
738Kb / 2P
   UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC HOT-SWAP CompactPCI QUAD OUTPUT 175 WATTS CURRENT SHARING SWITCHING POWER SUPPLIES TPAC175P & TPAC175D SERIES
logo
HITRON ELECTRONICS CORP...
HAC175P HITRON-HAC175P Datasheet
386Kb / 2P
   UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC HOT-SWAP CompactPCI QUAD OUTPUT 175 WATTS CURRENT SHARING SWITCHING POWER SUPPLIES
HAC400P HITRON-HAC400P Datasheet
198Kb / 2P
   UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC HOT-SWAP CompactPCI QUAD OUTPUT 400 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES
HAC500P HITRON-HAC500P Datasheet
199Kb / 2P
   UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC HOT-SWAP CompactPCI QUAD OUTPUT 500 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES
HAC250P HITRON-HAC250P Datasheet
318Kb / 2P
   UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC HOT-SWAP CompactPCI QUAD OUTPUT 250 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES
HAC301P HITRON-HAC301P Datasheet
333Kb / 2P
   UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC HOT-SWAP CompactPCI QUAD OUTPUT 301 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES
HAC202P HITRON-HAC202P Datasheet
240Kb / 2P
   UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC HALF SIZE HOT-SWAP CompactPCI QUAD OUTPUT 200 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES
logo
Total Power Internation...
TPAC250P TOTAL-POWER-TPAC250P Datasheet
509Kb / 2P
   UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC HOT-SWAP CompactPCI QUAD OUTPUT 250 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES TPAC250P SERIES
TPAC200P TOTAL-POWER-TPAC200P Datasheet
508Kb / 2P
   UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC HOT-SWAP CompactPCI QUAD OUTPUT 200 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES TPAC200P SERIES
TPAC300P TOTAL-POWER-TPAC300P Datasheet
364Kb / 2P
   UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC HOT-SWAP CompactPCI QUAD OUTPUT 300 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES TPAC300P SERIES
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com