データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPAC300P-490 データシート(PDF) 1 Page - Total Power International

部品番号 TPAC300P-490
部品情報  UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC HOT-SWAP CompactPCI QUAD OUTPUT 300 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES TPAC300P SERIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOTAL-POWER [Total Power International]
ホームページ  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPAC300P-490 データシート(HTML) 1 Page - Total Power International

  TPAC300P-490 Datasheet HTML 1Page - Total Power International TPAC300P-490 Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC HOT-SWAP
CompactPCI QUAD OUTPUT 300 WATTS ACTIVE CURRENT SHARING
SWITCHING POWER SUPPLIES TPAC300P SERIES
GENERAL SPECIFICATION
Efficiency: Typ. 80-83 %.
Switching Frequency: 120K Hz.
Circuit Topology: Forward circuit.
Transient Response: Peak transient less than 200mV and
returns to within 1% less than 250µS for 25% load-change.
Safety Standard: IEC60950 Class I.
Construction: Eurocard 6U X 8HP X 160mm
CompactPCI format. Front Panel with
Extractor handle.
Operating Temperature: 0 to +50 °C at full load with
specified air flow. Derates linearly to 50% at +70 °C
Storage Temperature: -40 to +85 °C.
Temperature Coefficient: Typ. ±0.02% / °C.
Cooling: At least 20 cfm moving air is required to achieve
full rating power 300W in a confined area.
Power Density: 2.70 Watts/ Cubic Inch.
Remark: All measurements are at nominal input, full load and +25°C unless otherwise specifications.
OUTPUT SPECIFICATION
Output Voltage: See Ratings Chart.
Output Current: See Ratings Chart.
Output Power: Typ. 300W continuous.
Output Connector: Positronic 47-pin PCIH47M400A1.
Line Regulation: Typ. 0.1%.
Load Regulation: VO1 & VO2 typ.±0.5-1.0%.
VO3 & VO4 typ.±1.0-3.0%.
Noise & Ripple: Typ. 1% peak-peak or 50mV,which is greater.
OVP: Built-in at all outputs.
Adjustability: Available at VO1, 2 &3.
Output Trim: Electrical trim available at VO1 / VO2.[ADJ #].
Remote Sensing: Available at VO1,VO2 & VO3.
Hot-Swap: Available
N+1 Redundancy: Installed with internal OR-ing diodes at all
outputs and third-wire current sharing
method for N+1 redundancy operation.
Current Sharing: Third-wire current sharing at VO1,2&3.
DC OK Signal: Available for all outputs.
Power OK Signal: Available for all outputs.
Over Current Protection (OCP): Installed at each rail.
Overload Protection (OLP): Fully protected against output
overload or short circuit. Typ. 120-130% max. load.
Consult the factory for special OLP setting.
SPECIFICATION
INPUT SPECIFICATION
Input Voltage: Typ. 90-264Vac.
Input On/Off switch: Option.
Power Factor Correction: Meet Harmonic Correction
IEC1000-3-2. Power Factor typ.0.99.
Input Connector: Positronic 47-pin PCIH47M400A1.
Input Frequency: 47-63Hz.
Inrush Current: Typ. 30A @ 230Vac.(Active).
Input Current: Typ. 4.0A@115Vac/2.0A @ 230Vac.
Dielectric Withstand: Meet IEC950 regulation.
Transient Protection: MOV withstands transient as
specified by EN61000-4-4 level 3.
EMI: Meet EN55022 / FCC Class B.
Hold-up Time: Typ. 30mS @ 115Vac,34mS @ 230Vac.
Remote ON/OFF: Available at [INH#] & [EN#] pins.
Power Fail Signal: Available at [FAL#] pin.
Status LED: <Green> means valid input voltage.
<Amber> means a critical fault.
Thermal Protection (OTP): Installed NTC and thermostat
for thermal sensor at [DEG#] pin.
Power OK: Installed at all outputs.
Leakage Current: Typ. 0.7A @ 230Vac.
FEATURES:
300W 6U X 8HP EUROCARD PACKAGE
MEET IEC1000-3-2 HARMONIC CORRECTION
INTERNAL OR-ING DIODES FOR
N+1 REDUNDANCY
HOT-SWAPPABLE
THIRD-WIRE CURRENT SHARING
EMI MEET EN 55022 / FCC CLASS B
CE MARKING COMPLIANCE
FULLY COMPLIANT WITH PICMG
TOTAL POWER INT'L
TOTAL POWER, INT. Tel: 877-646-0900 Fax: 978-453-7395
Email: sales@total-power.com http://www.total-power.com
-1-


同様の部品番号 - TPAC300P-490

メーカー部品番号データシート部品情報
logo
Total Power Internation...
TPAC301 TOTAL-POWER-TPAC301 Datasheet
505Kb / 2P
   INTERNAL OR-ING DIODES FOR N1 REDUNDANCY
TPAC301P TOTAL-POWER-TPAC301P Datasheet
505Kb / 2P
   300W 3U X 8HP EUROCARD PACKAGE
TPAC301P-490(E) TOTAL-POWER-TPAC301P-490(E) Datasheet
505Kb / 2P
   INTERNAL OR-ING DIODES FOR N1 REDUNDANCY
More results

同様の説明 - TPAC300P-490

メーカー部品番号データシート部品情報
logo
HITRON ELECTRONICS CORP...
HAC400P HITRON-HAC400P Datasheet
198Kb / 2P
   UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC HOT-SWAP CompactPCI QUAD OUTPUT 400 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES
HAC500P HITRON-HAC500P Datasheet
199Kb / 2P
   UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC HOT-SWAP CompactPCI QUAD OUTPUT 500 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES
HAC250P HITRON-HAC250P Datasheet
318Kb / 2P
   UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC HOT-SWAP CompactPCI QUAD OUTPUT 250 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES
HAC301P HITRON-HAC301P Datasheet
333Kb / 2P
   UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC HOT-SWAP CompactPCI QUAD OUTPUT 301 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES
HAC175P HITRON-HAC175P Datasheet
386Kb / 2P
   UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC HOT-SWAP CompactPCI QUAD OUTPUT 175 WATTS CURRENT SHARING SWITCHING POWER SUPPLIES
logo
Total Power Internation...
TPAC250P TOTAL-POWER-TPAC250P Datasheet
509Kb / 2P
   UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC HOT-SWAP CompactPCI QUAD OUTPUT 250 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES TPAC250P SERIES
TPAC200P TOTAL-POWER-TPAC200P Datasheet
508Kb / 2P
   UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC HOT-SWAP CompactPCI QUAD OUTPUT 200 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES TPAC200P SERIES
TPAC500P TOTAL-POWER-TPAC500P Datasheet
338Kb / 2P
   UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC HOT-SWAP CompactPCI QUAD OUTPUT 500 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES TPAC500P SERIES
logo
HITRON ELECTRONICS CORP...
HAC202P HITRON-HAC202P Datasheet
240Kb / 2P
   UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC HALF SIZE HOT-SWAP CompactPCI QUAD OUTPUT 200 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES
logo
Total Power Internation...
TPAC400P TOTAL-POWER-TPAC400P Datasheet
367Kb / 2P
   UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC HOT-SWAP CompactPCI QUAD OUTPUT 400 SWITCHING POWER SUPPLIES TPAC400P SERIESWATTS ACTIVE CURRENT SHARING
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com