データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DM9101E データシート(PDF) 8 Page - List of Unclassifed Manufacturers

部品番号 DM9101E
部品情報  10/100Mbps Ethernet Physical Layer Single Chip Transceiver
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC1 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC1 - List of Unclassifed Manufacturers

DM9101E データシート(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button DM9101E Datasheet HTML 4Page - List of Unclassifed Manufacturers DM9101E Datasheet HTML 5Page - List of Unclassifed Manufacturers DM9101E Datasheet HTML 6Page - List of Unclassifed Manufacturers DM9101E Datasheet HTML 7Page - List of Unclassifed Manufacturers DM9101E Datasheet HTML 8Page - List of Unclassifed Manufacturers DM9101E Datasheet HTML 9Page - List of Unclassifed Manufacturers DM9101E Datasheet HTML 10Page - List of Unclassifed Manufacturers DM9101E Datasheet HTML 11Page - List of Unclassifed Manufacturers DM9101E Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 43 page
background image
DM9101
10/100Mbps Ethernet Physical Layer Single Chip Transceiver
8
Final
Version: DM9101-DS-F03
July 22, 1999
Pin Description (continued)
Pin No.
Pin Name
I/O
Description
LQFP
QFP
Device Configuration/Control/Status Interface (continued)
88-91
90 - 93
OPMODE0
OPMODE1
OPMODE2
OPMODE3
I
OPMODE0 - OPMODE3:
These pins are used to control the forced or advertised operating
mode of the DM9101 (see table below). The value is latched into
the DM9101 registers at power-up/reset.
OPMODE3
OPMODE2
OPMODE1
OPMODE0
Function
0
0
0
0
Auto-neg enable
with all
capabilities with
Flow Control
0
0
0
1
Auto-neg enable
without all
capabilities
without Flow
Control
0
010
Auto-neg 100TX
FDX with Flow
Control only
0
011
Auto-neg 100TX
FDX/HDX
without Flow
Control
0
1
0
0
Auto-neg 10TP
FDX with Flow
Control only
0
1
0
1
Auto-neg 10TX
FDX/HDX
without Flow
Control
0
1
1
0
Manual select
100TX FDX
0
1
1
1
Manual select
100TX HDX
1
0
0
0
Manual select
10TX FDX
1
0
0
1
Manual select
10TX HDX
92
94
RTPR/NOD
E#
I
Repeater/Node Mode:
When set high, this bit selects REPEATER mode; when set low, it
selects NODE. In REPEATER mode or NODE mode with Full
Duplex configured, the Carrier Sense (CRS) output from the
DM9101 will be asserted only during receive activity. In NODE
mode or a mode not configured for Full Duplex operation, CRS will
be asserted during receive or transmit activity. At power-up/reset,
the value on this pin is latched into Register 16, bit 11.
93
95
BPALIGN
I
Bypass Alignment:
Allows 100Mbps transmit and receive data streams to bypass all
of the transmit and receive operations when set high.
At power-up/reset, the value on this pin is latched into bit Register
16 ,bit 13.


同様の部品番号 - DM9101E

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
DM9102 ETC-DM9102 Datasheet
459Kb / 77P
   Single Chip Fast Ethernet NIC controller
DM9102A ETC-DM9102A Datasheet
459Kb / 77P
   Single Chip Fast Ethernet NIC controller
logo
Pulse A Technitrol Comp...
DM9102A PULSE-DM9102A Datasheet
253Kb / 12P
   LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
logo
List of Unclassifed Man...
DM9102AF ETC-DM9102AF Datasheet
459Kb / 77P
   Single Chip Fast Ethernet NIC controller
DM9102AT ETC-DM9102AT Datasheet
459Kb / 77P
   Single Chip Fast Ethernet NIC controller
More results

同様の説明 - DM9101E

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
DM9161 ETC-DM9161 Datasheet
561Kb / 47P
   10/100 Mbps FAST ETHERNET PHYSICAL LAYER SINGLE CHIP TRANSCEIVER
logo
Davicom Semiconductor, ...
DM9161EP DAVICOM-DM9161EP Datasheet
94Kb / 3P
   10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9161C DAVICOM-DM9161C Datasheet
696Kb / 47P
   10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9161BIEP DAVICOM-DM9161BIEP Datasheet
129Kb / 2P
   10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9161C DAVICOM-DM9161C_1 Datasheet
70Kb / 2P
   10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9161AEP DAVICOM-DM9161AEP Datasheet
150Kb / 2P
   10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9161BEP DAVICOM-DM9161BEP Datasheet
172Kb / 3P
   10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9162 DAVICOM-DM9162 Datasheet
70Kb / 2P
   10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9163 DAVICOM-DM9163 Datasheet
187Kb / 7P
   10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9161A DAVICOM-DM9161A_09 Datasheet
456Kb / 45P
   10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com