データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ULN2003F12 データシート(PDF) 1 Page - Diodes Incorporated

部品番号 ULN2003F12
部品情報  Seven Channel, DMOSFET, Transistor Array with Negative Input Range Provides Load Current Feedback and Reduced Power Dissipation
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DIODES [Diodes Incorporated]
ホームページ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ULN2003F12 データシート(HTML) 1 Page - Diodes Incorporated

  ULN2003F12 Datasheet HTML 1Page - Diodes Incorporated ULN2003F12 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
diodes.com
Announcement
New Product
The DIODESTM Advantage
DMOSFET peripheral driver with seven channels provides low
power dissipation and simplified drive for inductive loads.
The DIODESTM ULN62003A is a high-
voltage, high-current, transistor array
containing seven open-drain
DMOSFETs with their sources directly
connected to the common ground pin.
The device’s outputs are rated at
500mA, with each output having a
protective clamp diode for driving
inductive loads such as steppers,
motors, solenoids, LED displays,
filament lamps, thermal print-heads,
and high-power buffers.
The
ULN62003A’s DMOSFET output
construction has a lower output-voltage
drop than pin-compatible bipolar
devices. This reduces power
dissipation, provides additional flexibility
to control more devices, and maintains
the desired die temperature.
The device has a wide input-signal
range, permitting signals as low as -1V.
This allows the GND pin to be used as
an overcurrent-detection path.
The ULN62003A is available in the
industry-standard, small-outline, 16-pin
SO-16 package with a flow-though pin-
out to simplify board layout. The SO-16
package is also a direct replacement for
many common peripheral drivers.
Seven-Channel, DMOSFET, Transistor Array with Negative Input Range
Provides Load-Current Feedback and Reduced Power Dissipation
DMOSFET Output Stage with Low 0.2V Voltage Drop
Provides lower power losses compared to the ULN200x
family’s bipolar Darlington transistor arrays
-1V Logic Input Voltage Relative to Device GND
Allows insertion of a ground sense resistor to monitor load
currents, verifying solenoid operations and fault conditions
High 50V and 500mA Current Output Capabilities with
Built-In Clamp Diodes
Enables a robust and rugged drive of inductive loads from
typical industrial rails
Available in a Small Outline, 16-Pin Package (SO-16)
Industry-standard footprint that simplifies board layouts
Applications
Steppers and DC brushed motor drivers
Lamps and LED display drivers
Relay drivers
Appliances
July 2022
The DIODES logo is a registered trademark of
Diodes Incorporated in the United States and
other countries.
DIODES is a trademark of Diodes Incorporated in
the United States and other countries.
© 2022 Copyright Diodes Incorporated. All Rights
Reserved.
ULN62003A


同様の部品番号 - ULN2003F12

メーカー部品番号データシート部品情報
logo
Diodes Incorporated
ULN2003F12 DIODES-ULN2003F12 Datasheet
448Kb / 8P
   Multi-Channel Relay and Inductive Load Sink Driver
ULN2003F12FN-7 DIODES-ULN2003F12FN-7 Datasheet
448Kb / 8P
   Multi-Channel Relay and Inductive Load Sink Driver
ULN2003F12FN-7 DIODES-ULN2003F12FN-7 Datasheet
432Kb / 8P
   Multi-Channel Relay and Inductive Load Sink Driver
More results

同様の説明 - ULN2003F12

メーカー部品番号データシート部品情報
logo
STMicroelectronics
AN444 STMICROELECTRONICS-AN444 Datasheet
50Kb / 5P
   DISSIPATION POWER AND SURGE CURRENT DURATION
logo
Motorola, Inc
MC33887 MOTOROLA-MC33887 Datasheet
485Kb / 28P
   5.0 A H-Bridge with Load Current Feedback
logo
Freescale Semiconductor...
33887 FREESCALE-33887_08 Datasheet
1Mb / 37P
   5.0 A H-Bridge with Load Current Feedback
33887 FREESCALE-33887_11 Datasheet
902Kb / 37P
   5.0 A H-Bridge with Load Current Feedback
33887 FREESCALE-33887 Datasheet
856Kb / 37P
   5.0 A H-Bridge with Load Current Feedback
logo
Silicon Standard Corp.
SS62003 SSC-SS62003 Datasheet
193Kb / 5P
   Seven-Channel Darlington Array
logo
Microchip Technology
MCP621 MICROCHIP-MCP621_14 Datasheet
1Mb / 62P
   Input Range incl. Negative Rail
03/25/14
logo
Analog Devices
MAX49925 AD-MAX49925 Datasheet
1Mb / 11P
   Bidirectional, Wide Positive and Negative Sensing Range, Current- Sense Amplifier with PWM
19-101605; Rev 0; 1/23
logo
TEMIC Semiconductors
U210B1 TEMIC-U210B1 Datasheet
166Kb / 12P
   Phase Control Circuit Load Current Feedback Applications
U210B TEMIC-U210B Datasheet
378Kb / 15P
   Phase Control Circuit - Load Current Feedback Applications
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com