データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CBZX55C4V3 データシート(PDF) 1 Page - Cystech Electonics Corp.

部品番号 CBZX55C4V3
部品情報  500mW DO-35 Hermetically sealed Glass Zener Voltage Regulators
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CYSTEKEC [Cystech Electonics Corp.]
ホームページ  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

CBZX55C4V3 データシート(HTML) 1 Page - Cystech Electonics Corp.

  CBZX55C4V3 Datasheet HTML 1Page - Cystech Electonics Corp. CBZX55C4V3 Datasheet HTML 2Page - Cystech Electonics Corp. CBZX55C4V3 Datasheet HTML 3Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CYStech Electronics Corp.
Spec. No. : C326LC
Issued Date : 2003.05.20
Revised Date :
Page No. : 1/3
CBZX55CXXLC series
CYStek Product Specification
500mW DO-35 Hermetically sealed Glass Zener Voltage Regulators
CBZX55CXXLC
Descriptions
This is a complete series of 500mW zener diodes with limits and excellent operating characteristics that reflect
the superior capabilities of silicon-oxide passivated junctions. All this in an axial-lead hermetically sealed glass
package that offers protection in all common environmental conditions.
Features
•Zener voltage range : 2.4 V to 47 V
•ESD rating of class 3 (>16kV) per Human Body Model
•Double slug type construction
•Metallurgical bonded construction
Mechanical Characteristics:
•Case: double slug type, hermetically sealed glass
•Finish: all external surfaces are corrosion resistant and leads are readily solderable
•Maximum lead temperature for soldering purposes: 230℃, 1/16″ from the case for 10 seconds
•Polarity: cathode indicated by the polarity band
•Mounting position: any
Maximum Ratings
Characteristics
Symbol
Max
Unit
Total Device Dissipation
Ptot
500*
mW
Thermal Resistance Junction to Ambient
RθJA
300*
°C/W
Storage Temperature
Tstg
-65 to +175
°C
Junction Temperature
Tj
175
°C
*Valid provided that leads are kept at ambient temperature at a distance of 8mm from case.


同様の部品番号 - CBZX55C4V3

メーカー部品番号データシート部品情報
logo
Merrimac Industries, In...
CBZ-11B-500 MERRIMAC-CBZ-11B-500 Datasheet
23Kb / 1P
   WIDEBAND DIRECTIONAL COUPLERS
CBZ-20B-500 MERRIMAC-CBZ-20B-500 Datasheet
23Kb / 1P
   WIDEBAND DIRECTIONAL COUPLERS
More results

同様の説明 - CBZX55C4V3

メーカー部品番号データシート部品情報
logo
Gaomi Xinghe Electronic...
0.5W6.8V GXELECTRONICS-0.5W6.8V Datasheet
533Kb / 3P
   500mW DO-35 Hermetically sealed Glass Zener Voltage Regulators
logo
Tak Cheong Electronics ...
BZX79C110 TAK_CHEONG-BZX79C110_10 Datasheet
178Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
ZX2V0 YEASHIN-ZX2V0 Datasheet
815Kb / 5P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
ZL2V4B YEASHIN-ZL2V4B Datasheet
604Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N5221B YEASHIN-1N5221B Datasheet
1Mb / 10P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Tak Cheong Electronics ...
TCBZX55C2V0 TAK_CHEONG-TCBZX55C2V0 Datasheet
181Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TCZL2V4B TAK_CHEONG-TCZL2V4B Datasheet
174Kb / 5P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N750A TAK_CHEONG-1N750A Datasheet
316Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N4370A TAK_CHEONG-1N4370A Datasheet
166Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TC1N5221B TAK_CHEONG-TC1N5221B Datasheet
92Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com