データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPDC250P-48B-490O データシート(PDF) 2 Page - Total Power International

部品番号 TPDC250P-48B-490O
部品情報  36-72VDC INPUT RANGE DC-DC CONVERTER HOT-SWAP CompactPCI QUAD OUTPUT 250 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES TPDC250P-48B SERIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOTAL-POWER [Total Power International]
ホームページ  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPDC250P-48B-490O データシート(HTML) 2 Page - Total Power International

  TPDC250P-48B-490O Datasheet HTML 1Page - Total Power International TPDC250P-48B-490O Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
OUTPUT VOLTAGE/CURRENT RATINGS CHART
MECHANICAL DIMENSIONS: MM [INCHES]
WEIGHT: 666.0 g (23.5 Oz.)
QUAD OUTPUT
MAIN +VO1 @★#≡⊙ AUX. +VO2 ▲@★#≡⊙
AUX. +VO3 ▲@★#≡⊙
AUX. -VO4 ●⊙■★=
MODEL NO.
Min. Typ. Volt. Max. Min Typ.
Volt. Max. Min. Typ Volt. Max Pk. Min. Typ. Volt. Max. Pk.
TPDC250P-48B-490(E) 2.0A 25A +5V 33A 0A
18A +3.3V 33A
0A
5A +12V 5.5A 6A 0A 0.5A -12V 1A 1.5A
TPDC250P-48B-490(O) 2.0A 25A +5V 33A 0A
18A +3.3V 33A
0A
5A +12V 5.5A 6A 0A 0.5A -12V 1A 1.5A
Symbol: "★" OVP built-in. "@" Adjustable. "#" Remote sensing. "≡" 3rd wire Load Sharing. "⊙" Installed with Or-ing diode.
"▲" Magnetic Amplifier. "●" Installed with Post-regulator. "■" Common Choke.
Remark: Peak load less than 60sec. with duty cycle <10%.
Max. load is the continuous operating load of each rail. But the max. load of each rail can't be drawn from all outputs at the same time.
INPUT & OUTPUT CONNECTORS PIN ASSIGNMENT
DC
INPUT
QUAD OUTPUT
STATUS/CONTROL
ASSIGNMENT -Vin +Vin
G
VO1
S+
S- Adj. C.S.
VO2
S+ Adj. C.S. VO3
S+
C.S
VO4
DC COM EN#
DEG#
INH# FAL#
CNTR &PIN #
47
46
45
1,2,
3,4
30
34
29
35
13,14,
15,16,
17,18
33
32
41
20
36
44
21
5,6,7,8,9,
10,11,12,
19,22,24
27
38
39
42
Mating connector: PCIH47F400A1.
TPDC250P-48B-490(E)
TPDC250P-48B-490(O)
TOTAL POWER, INT. Tel: 877-646-0900 Fax: 978-453-7395
Email: sales@total-power.com http://www.total-power.com
-2-


同様の部品番号 - TPDC250P-48B-490O

メーカー部品番号データシート部品情報
logo
Total Power Internation...
TPDC200P-48B TOTAL-POWER-TPDC200P-48B Datasheet
428Kb / 2P
   36-72VDC INPUT RANGE DC-DC CONVERTER HOT-SWAP CompactPCI QUAD OUTPUT 200 WATTS CURRENT SHARING SWITCHING POWER SUPPLIES TPDC200P-48B SERIES
TPDC200P-48B-490 TOTAL-POWER-TPDC200P-48B-490 Datasheet
428Kb / 2P
   36-72VDC INPUT RANGE DC-DC CONVERTER HOT-SWAP CompactPCI QUAD OUTPUT 200 WATTS CURRENT SHARING SWITCHING POWER SUPPLIES TPDC200P-48B SERIES
TPDC200P-48B-490E TOTAL-POWER-TPDC200P-48B-490E Datasheet
428Kb / 2P
   36-72VDC INPUT RANGE DC-DC CONVERTER HOT-SWAP CompactPCI QUAD OUTPUT 200 WATTS CURRENT SHARING SWITCHING POWER SUPPLIES TPDC200P-48B SERIES
TPDC200P-48B-490O TOTAL-POWER-TPDC200P-48B-490O Datasheet
428Kb / 2P
   36-72VDC INPUT RANGE DC-DC CONVERTER HOT-SWAP CompactPCI QUAD OUTPUT 200 WATTS CURRENT SHARING SWITCHING POWER SUPPLIES TPDC200P-48B SERIES
TPDC202P-48B TOTAL-POWER-TPDC202P-48B Datasheet
365Kb / 2P
   36-72VDC INPUT RANGE DC-DC CONVERTER HALF SIZE HOT-SWAP CompactPCI QUAD OUTPUT 202 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES TPDC202P-48B
More results

同様の説明 - TPDC250P-48B-490O

メーカー部品番号データシート部品情報
logo
HITRON ELECTRONICS CORP...
HDC250P-48B HITRON-HDC250P-48B Datasheet
326Kb / 2P
   36-72VDC INPUT RANGE DC-DC CONVERTER HOT-SWAP CompactPCI QUAD OUTPUT 250 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES
logo
Total Power Internation...
TPDC400P-48B TOTAL-POWER-TPDC400P-48B Datasheet
371Kb / 2P
   36-72VDC INPUT RANGE DC-DC CONVERTER HOT-SWAP CompactPCI QUAD OUTPUT 400 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES TPDC400P-48B SERIES
TPDC300P-48B TOTAL-POWER-TPDC300P-48B Datasheet
365Kb / 2P
   36-72VDC INPUT RANGE DC-DC CONVERTER HOT-SWAP CompactPCI QUAD OUTPUT 300 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES TPDC300P-48B SERIES
TPDC500P-48B TOTAL-POWER-TPDC500P-48B Datasheet
333Kb / 2P
   36-72VDC INPUT RANGE DC-DC CONVERTER HOT-SWAP CompactPCI QUAD OUTPUT 500 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES TPDC500P-48B SERIES
logo
HITRON ELECTRONICS CORP...
HDC500P-48B HITRON-HDC500P-48B Datasheet
197Kb / 2P
   36-72VDC INPUT RANGE DC-DC CONVERTER HOT-SWAP CompactPCI QUAD OUTPUT 500 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES
HDC301P-48B HITRON-HDC301P-48B Datasheet
298Kb / 2P
   36-72VDC INPUT RANGE DC-DC CONVERTER HOT-SWAP CompactPCI QUAD OUTPUT 300 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES
HDC201P-48B HITRON-HDC201P-48B Datasheet
337Kb / 2P
   36-72VDC INPUT RANGE DC-DC CONVERTER HOT-SWAP CompactPCI QUAD OUTPUT 200 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES
logo
Total Power Internation...
TPDC200P-48B TOTAL-POWER-TPDC200P-48B Datasheet
428Kb / 2P
   36-72VDC INPUT RANGE DC-DC CONVERTER HOT-SWAP CompactPCI QUAD OUTPUT 200 WATTS CURRENT SHARING SWITCHING POWER SUPPLIES TPDC200P-48B SERIES
TPDC202P-48B TOTAL-POWER-TPDC202P-48B Datasheet
365Kb / 2P
   36-72VDC INPUT RANGE DC-DC CONVERTER HALF SIZE HOT-SWAP CompactPCI QUAD OUTPUT 202 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES TPDC202P-48B
logo
HITRON ELECTRONICS CORP...
HDC400P-24B HITRON-HDC400P-24B Datasheet
197Kb / 2P
   18-36 OR 36-72VDC INPUT RANGE DC-DC CONVERTER HOT-SWAP CompactPCI QUAD OUTPUT 400 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com