データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPES10B-24005-0-1 データシート(PDF) 3 Page - Total Power International

部品番号 TPES10B-24005-0-1
部品情報  UNIVERSAL INPUT AC TO DC EXTERNAL WALLMOUNT & DESKTOP ADAPTORS SINGLE & DUAL OUTPUT 10-12 WATTS SWITCHING POWER SUPPLIES TPES10 & TPES10B SERIES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOTAL-POWER [Total Power International]
ホームページ  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPES10B-24005-0-1 データシート(HTML) 3 Page - Total Power International

  TPES10B-24005-0-1 Datasheet HTML 1Page - Total Power International TPES10B-24005-0-1 Datasheet HTML 2Page - Total Power International TPES10B-24005-0-1 Datasheet HTML 3Page - Total Power International TPES10B-24005-0-1 Datasheet HTML 4Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DUAL OUTPUT (Model No. for examples. )
MAIN O/P VO1
AUX. O/P VO2†
MODEL NO.
AC INPUT
AC PLUG
(Vdc)
(A)
(Vdc)
(A)
FORMAT
TPES10-03310-A-1
90-264Vac
WM1
+3.3V
1.0A
+5.0V
0.6A
Wallmount
TPES10-05010-B-3
90-264Vac
WM3
+5.0V
1.0A
+12.0V
0.3A
Wallmount
TPES10-05209-C-5
90-264Vac
WM5
+5.2V
0.9A
+15.0V
0.2A
Wallmount
TPES10-06008-D-6
90-264Vac
WM6
+6.0V
0.8A
+18.0V
0.2A
Wallmount
TPES10-09007-E-7
90-264Vac
DT7
+9.0V
0.7A
+24.0V
0.1A
Desktop
TPES10-12006-F-A
90-264Vac
PT1
+12.0V
0.6A
-5.0V
0.6A
Mouse PT
TPES10-13505-G-B
90-264Vac
PT2
+13.5V
0.5A
-12.0V
0.3A
Mouse PT
TPES10-15004-H-C
90-264Vac
PT3
+15.0V
0.4A
-15.0V
0.2A
Mouse PT
TPES10-18004-I-E
90-264Vac
PT5
+18.0V
0.4A
-18.0V
0.2A
Mouse PT
TPES10-20004-J-G
90-264Vac
PT7
+20.0V
0.4A
-24.0V
0.1A
Mouse PT
TPES10B SERIES
MODEL NO. DESCRIPTION: TPES10B – X X X YYY – 0 – S
[1] ONLY FOR WM1 AC PLUG.
[0] FOR SINGLE OUTPUT ONLY.
OUTPUT CURRENT
OUTPUT VOLTAGE
SERIES NAME (Total Power External Switcher) : ABOUT 10W
OUTPUT VOLTAGE/CURRENT RATINGS CHART
DEFINED OUTPUT VOLTAGE(Vdc)
OUTPUT VOLTAGE (Vdc) / CURRENT (A)
3.0 Vdc≦Any voltage <9.0 Vdc
3.0-5.0V/2.0A, 5.1-5.3V/1.9A, 5.4-5.6V/1.8A,
5.7-5.9V/1.7A, 6.0-6.3V/1.6A, 6.4V-6.7V/1.5A,
6.8-7.2V/1.4A, 7.3-7.7V/1.3A 7.8-8.4V/1.2A,
8.5-8.9V/1.1A.
9.0Vdc≦Any voltage ≦30.0 Vdc
9.0-12.0V/1.0A, 12.1-13.3V/0.9A, 13.4-15.0V/0.8A,
15.1-17.1V /0.7A, 17.2-20.0V/0.6A, 20.1-24.0V/0.5A,
24.1-30.0V/0.4A.
Note: Refer to the upper Chart or specify the V/A ratings and consult factory for the exact Model No.
SINGLE OUTPUT (Model No. for examples)
MODEL NO.
AC INPUT
AC PLUG
O/P VOLTAGE (Vdc)
O/P CURRENT (A)
FORMAT
TPES10B-03320-0-1
90-132Vac
WM1
3.3V
2.0A
Wallmount
TPES10B-05020-0-1
90-132Vac
WM1
5.0V
2.0A
Wallmount
TPES10B-06316-0-1
90-132Vac
WM1
6.3V
1.6A
Wallmount
TPES10B-07014-0-1
90-132Vac
WM1
7.0V
1.4A
Wallmount
TPES10B-09510-0-1
90-132Vac
WM1
9.5V
1.0A
Wallmount
TPES10B-12010-0-1
90-132Vac
WM1
12.0V
1.0A
Wallmount
TPES10B-15008-0-1
90-132Vac
WM1
15.0V
0.8A
Wallmount
TPES10B-18006-0-1
90-132Vac
WM1
18.0V
0.6A
Wallmount
TPES10B-24005-0-1
90-132Vac
WM1
24.0V
0.5A
Wallmount
TPES10B-30004-0-1
90-132Vac
WM1
30.0V
0.4A
Wallmount
TOTAL POWER INT'L Tel: 877-646-0900 Fax: 978-453-7395
Email: sales@total-power.com http://www.total-power.com
-3-


同様の部品番号 - TPES10B-24005-0-1

メーカー部品番号データシート部品情報
logo
Total Power Internation...
TPES14-10 TOTAL-POWER-TPES14-10 Datasheet
353Kb / 2P
   AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT MULTIPLE OUTPUT 14-16 WATTS SWITCHING POWER SUPPLIES TPES14 SERIES
TPES14-10A TOTAL-POWER-TPES14-10A Datasheet
353Kb / 2P
   AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT MULTIPLE OUTPUT 14-16 WATTS SWITCHING POWER SUPPLIES TPES14 SERIES
TPES14-11 TOTAL-POWER-TPES14-11 Datasheet
353Kb / 2P
   AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT MULTIPLE OUTPUT 14-16 WATTS SWITCHING POWER SUPPLIES TPES14 SERIES
TPES14-12 TOTAL-POWER-TPES14-12 Datasheet
353Kb / 2P
   AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT MULTIPLE OUTPUT 14-16 WATTS SWITCHING POWER SUPPLIES TPES14 SERIES
TPES14-14 TOTAL-POWER-TPES14-14 Datasheet
353Kb / 2P
   AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT MULTIPLE OUTPUT 14-16 WATTS SWITCHING POWER SUPPLIES TPES14 SERIES
More results

同様の説明 - TPES10B-24005-0-1

メーカー部品番号データシート部品情報
logo
HITRON ELECTRONICS CORP...
HES10 HITRON-HES10 Datasheet
364Kb / 4P
   AC/DC EXTERNAL WALLMOUNT & DESKTOP ADAPTER UNIVERSAL OR USA INPUT SINGLE & DUAL OUTPUT 10-12 WATTS SWITCHING POWER SUPPLIES
HES12 HITRON-HES12 Datasheet
300Kb / 2P
   AC/DC EXTERNAL WALLMOUNT & DESKTOP ADAPTER UNIVERSAL OR USA INPUT SINGLE OUTPUT 12 WATTS SWITCHING POWER SUPPLIES
HES18 HITRON-HES18 Datasheet
330Kb / 2P
   AC/DC EXTERNAL WALLMOUNT & DESKTOP ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 16-18 WATTS SWITCHING POWER SUPPLIES
HES15 HITRON-HES15 Datasheet
345Kb / 4P
   AC/DC EXTERNAL WALLMOUNT & DESKTOP ADAPTER UNIVERSAL INPUT MULTIPLE OUTPUT 15-16 WATTS SWITCHING POWER SUPPLIES
HES102 HITRON-HES102 Datasheet
272Kb / 2P
   AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 100 WATTS SWITCHING POWER SUPPLIES
HES75 HITRON-HES75 Datasheet
297Kb / 2P
   AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 75 WATTS SWITCHING POWER SUPPLIES
HES25 HITRON-HES25 Datasheet
317Kb / 2P
   AC/DC EXTERNAL WALLMOUNT ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 20-36 WATTS SWITCHING POWER SUPPLIES
HEG24 HITRON-HEG24 Datasheet
339Kb / 2P
   AC/DC EXTERNAL WALLMOUNT ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 24 WATTS GREEN POWER SWITCHING POWER SUPPLIES
HES34 HITRON-HES34 Datasheet
144Kb / 2P
   AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 25-36 WATTS SWITCHING POWER SUPPLIES
HES51 HITRON-HES51 Datasheet
484Kb / 2P
   AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 45-51 WATTS SWITCHING POWER SUPPLIES
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com