データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPS150-44 データシート(PDF) 2 Page - Total Power International

部品番号 TPS150-44
部品情報  SWITCHING MODE 130W U CHANNEL POWER SUPPLIES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOTAL-POWER [Total Power International]
ホームページ  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPS150-44 データシート(HTML) 2 Page - Total Power International

  TPS150-44 Datasheet HTML 1Page - Total Power International TPS150-44 Datasheet HTML 2Page - Total Power International TPS150-44 Datasheet HTML 3Page - Total Power International TPS150-44 Datasheet HTML 4Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PPS150
SWITCHING MODE 130W U CHANNEL POWER SUPPLIES
MODEL
OUTPUTVO
LTAGE
ADJUSTMENT
RANGE
MAXIMUM
OUTPUTCURRENT
PEAK OUTPUT
CURRENT(NOTE1)
MINIMUM OUTPUT
CURRENT
TOTAL
REGULATION(NOTE3)
RIPPLE & NOISE
%P-P(NOTE2)
PEAK OUTPUT
POWER(NOTE1)
SINGLE OUTPUT MODEL SELECTION CHART
TPS150-10
+5V
±
10% Typical
26A
42A
0A
±
3%
±
1%
210W Typical
TPS150-11
+12V
±
10% Typical
11A
17.6A
0A
±
3%
±
1%
210W Typical
TPS150-12
+15V
±
10% Typical
8.7A
13.9A
0A
±
3%
±
1%
210W Typical
TPS150-13
+24V
±
10% Typical
5.5A
8.8A
0A
±
3%
±
1%
210W Typical
TPS150-14
+48V
±
10% Typical
2.7A
4.3A
0A
±
3%
±
1%
210W Typical
TPS150-15
+36V
±
10% Typical
3.6A
5.8A
0A
±
3%
±
1%
210W Typical
TPS150-16
+56V
±
10% Typical
2.35A
3.8A
0A
±
3%
±
1%
210W Typical
TPS150-17
+18V
±
10% Typical
7.25A
11.6A
0A
±
3%
±
1%
210W Typical
TPS150-18
+3.3V
±
10% Typical
26A
41.6A
0A
±
5%
±
1.5%
210W Typical
DUAL OUTPUT MODEL SELECTION CHART
+5 V
±
10% Typical
15A
24A
1.5A
±
5%
±
1%
TPS150-20
+12V
Fixed
6.3A
10.1A
0.63A
±
5%
±
1%
210W Typical
+5 V
±
10% Typical
15A
24A
1.5A
±
5%
±
1%
TPS150-21
+24V
Fixed
3.3A
5.3A
0.33A
±
5%
±
1%
210W Typical
+5 V
±
10% Typical
15A
24A
1.5A
±
5%
±
1%
TPS150-22
- 5 V
Fixed
15A
24A
1.5A
±
5%
±
1%
210W Typical
+12V
±
10% Typical
6.3A
10.1A
0.63A
±
5%
±
1%
TPS150-23
- 12 V
Fixed
6.3A
10.1A
0.63A
±
5%
±
1%
210W Typical
+15 V
±
10% Typical
5A
8A
0.5A
±
5%
±
1%
TPS150-24
- 15 V
Fixed
5A
8A
0.5A
±
5%
±
1%
210W Typical
+3.3V
±
10% Typical
16.5A
26.4A
1.65A
±
5%
±
1.5%
TPS150-25
+12 V
Fixed
6.3A
10.1A
0.63A
±
5%
±
1%
210W Typical
+ 12V
±
10% Typical
7.1A
11.4A
0.71A
±
5%
±
1%
TPS150-26
+ 24V
Fixed
2.7A
4.3A
0.27A
±
5%
±
1%
210W Typical
+ 10.3V
±
10% Typical
6.3A
10.1A
0.63A
±
5%
±
1%
TPS150-27
+ 24V
Fixed
3.6A
5.8A
0.36A
±
5%
±
1%
210W Typical
+ 5V
±
10% Typical
20A
32A
2A
±
5%
±
1%
TPS150-28
+ 3.3V
Fixed
14.5A
23.2A
1.45A
±
5%
±
1.5%
210W Typical
TRIPLE OUTPUT MODEL SELECTION CHART
+ 5V
±
10% Typical
15A
24A
1.5A
±
5%
±
1%
+12V
Fixed
6A
9.6A
0.6A
±
5%
±
1%
TPS150-30
- 5 V
Fixed
0.9A
1.4A
0.09A
±
10%
±
1%
210W Typical
+ 5V
±
10% Typical
15A
24A
1.5A
±
5%
±
1%
+12V
Fixed
6A
9.6A
0.6A
±
5%
±
1%
TPS150-31
-12V
Fixed
0.9A
1.4A
0.09A
±
10%
±
1%
210W Typical
+ 5V
±
10% Typical
15A
24A
1.5A
±
5%
±
1%
+15V
Fixed
4A
6.4A
0.4A
±
5%
±
1%
TPS150-32
-15V
Fixed
1A
1.6A
0.1A
±
10%
±
1%
210W Typical
+ 5V
±
10% Typical
21A
33.6A
2.1A
±
5%
±
1%
+15V
Fixed
3A
4.8A
0.3A
±
5%
±
1%
TPS150-33
- 5 V
Fixed
0.9A
1.4A
0.09A
±
10%
±
1%
210W Typical
+ 5V
±
10% Typical
19.2A
30.7A
1.92A
±
5%
±
1%
+15V
Fixed
3A
4.8A
0.3A
±
5%
±
1%
TPS150-34
-12V
Fixed
0.9A
1.4A
0.09A
±
10%
±
1%
210W Typical
+ 5 V
±
10% Typical
13.8A
22.1A
1.38A
±
5%
±
1%
-12V
Fixed
0.9A
1.4A
0.09A
±
5%
±
1%
TPS150-35
+24V
Fixed
3A
4.8A
0.3A
±
10%
±
1%
210W Typical
+ 5V
±
10% Typical
13.8A
22.1A
1.38A
±
5%
±
1%
+12V
Fixed
6A
9.6A
0.6A
±
5%
±
1%
TPS150-36
- 12V
Fixed
1.5A
2.4A
0.15A
±
10%
±
1%
210W Typical
+ 5V
±
10% Typical
13.8A
22A
1.38A
±
5%
±
1%
+12V
Fixed
5.4A
8.6A
0.54A
±
5%
±
1%
TPS150-37
+24V
Fixed
0.8A
1.3A
0.08A
±
10%
±
1%
210W Typical
+ 5V
±
10% Typical
6.7A
10.7A
0.67A
±
5%
±
1%
+24V
Fixed
1.8A
2.9A
0.18A
±
5%
±
1%
TPS150-38
+12V
Fixed
6A
9.6A
0.6A
±
10%
±
1%
210W Typical


同様の部品番号 - TPS150-44

メーカー部品番号データシート部品情報
logo
Total Power Internation...
TPS150-10 TOTAL-POWER-TPS150-10 Datasheet
271Kb / 4P
   SWITCHING MODE 130W U CHANNEL POWER SUPPLIES
TPS150-11 TOTAL-POWER-TPS150-11 Datasheet
271Kb / 4P
   SWITCHING MODE 130W U CHANNEL POWER SUPPLIES
TPS150-12 TOTAL-POWER-TPS150-12 Datasheet
271Kb / 4P
   SWITCHING MODE 130W U CHANNEL POWER SUPPLIES
TPS150-13 TOTAL-POWER-TPS150-13 Datasheet
271Kb / 4P
   SWITCHING MODE 130W U CHANNEL POWER SUPPLIES
TPS150-14 TOTAL-POWER-TPS150-14 Datasheet
271Kb / 4P
   SWITCHING MODE 130W U CHANNEL POWER SUPPLIES
More results

同様の説明 - TPS150-44

メーカー部品番号データシート部品情報
logo
Total Power Internation...
TPS-150 TOTAL-POWER-TPS-150 Datasheet
271Kb / 4P
   SWITCHING MODE 130W U CHANNEL POWER SUPPLIES
TPS-100 TOTAL-POWER-TPS-100 Datasheet
135Kb / 4P
   SWITCHING MODE 90W U CHANNEL POWER SUPPLIES
TPS100 TOTAL-POWER-TPS100 Datasheet
130Kb / 4P
   SWITCHING MODE 90W U CHANNEL POWER SUPPLIES
TPS350 TOTAL-POWER-TPS350 Datasheet
1Mb / 4P
   SWITCHING MODE 350W U CHANNEL POWER SUPPLIES
logo
Astrodyne Corporation
PMK130 ASTRODYNE-PMK130 Datasheet
2Mb / 10P
   130W Open Frame and U-Channel Power Supplies with PFC
logo
Volgen Kaga Electronics...
SPU130-101 VOLGEN-SPU130-101 Datasheet
329Kb / 2P
   130W Desk Top Switching Power Supplies For I.T.E.
logo
MPS Industries, Inc.
MPU130 MPSIND-MPU130 Datasheet
261Kb / 2P
   130W Desk Top Switching Power Supplies For Medical Equipment
logo
Total Power Internation...
TPS180 TOTAL-POWER-TPS180 Datasheet
942Kb / 4P
   SWITCHING MODE 180W U CHANNEL POWER SUPPLY
TPS-350 TOTAL-POWER-TPS-350 Datasheet
1Mb / 4P
   TPS350 SWITCHING MODE 350W U CHANNEL POWER SUPPLY
TPS-300 TOTAL-POWER-TPS-300 Datasheet
1Mb / 4P
   TPS350 SWITCHING MODE 350W U CHANNEL POWER SUPPLY
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com