データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM27213 データシート(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
部品番号 LM27213
部品情報  Single Phase Hysteretic Buck Controller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM27213 データシート(HTML) 3 Page - National Semiconductor (TI)

  LM27213 Datasheet HTML 1Page - National Semiconductor (TI) LM27213 Datasheet HTML 2Page - National Semiconductor (TI) LM27213 Datasheet HTML 3Page - National Semiconductor (TI) LM27213 Datasheet HTML 4Page - National Semiconductor (TI) LM27213 Datasheet HTML 5Page - National Semiconductor (TI) LM27213 Datasheet HTML 6Page - National Semiconductor (TI) LM27213 Datasheet HTML 7Page - National Semiconductor (TI) LM27213 Datasheet HTML 8Page - National Semiconductor (TI) LM27213 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Pin Descriptions (TSSOP/LLP)
Pin 1, CBOOT: Connection for the high-side drive bootstrap
capacitor.
Pin 2, HG: High-side FET gate drive output.
Pin 3, SW: Connect to switch node (drain of bottom power
FET) to detect inductor current reversal. Also serves as the
return path for the high-side FET gate drive currents.
Pin 4, NC:No connect.
Pin 5, SRCK: Source Kelvin. Connect directly to source of
low-side FET to detect negative inductor current.
Pin 6, NC: No connect
Pin 7, ILIM: Over-current sense. Voltage between this pin
and the regulator output is the voltage across the current
sense resistor.
Pin 8, ILIMREF: Current limit reference. Voltage between
this pin and the regulator output sets the inductor current
limit level.
Pin 9, CMP: Current sense. Voltage between this pin and
the regulator output sets the cycle by cycle inductor current.
Pin 10, CMPREF: Inductor current reference. Voltage be-
tween this pin and the regulator output programs the induc-
tor current.
Pin 11, VREF: Desired regulator output voltage under no
load.
Pin 12, CLK_EN#: Signal to start clock chip PLL locking. A
low level indicates that the core supply is now stable and the
CPU can begin clocking.
Pin 13, DGND: Digital ground.
Pin 14, PGOOD: Power good flag. Open-drain output. Logic
high when output voltage enters the power good window and
XPOK is asserted. Masked during transitions.
Pin 15, XPOK: Input that tells the LM27213 that the supply
voltage for the Memory Controller Hub is up. The LM27213
will regulate the output voltage to VBOOT until XPOK tran-
sitions to a high state. PGOOD is forced low as long as this
pin is low.
Pin 16, SENSE: Regulator output voltage sense. Connect
directly to output.
Pin 17, VOVP: Over-voltage protection level. Connect this
pin to the desired reference voltage to set the trigger level for
over-voltage protection.
Pins 18 P_Z2: Factory reference trim, do not connect. This
pin must float.
Pin 19, P_Z1: Factory reference trim, do not connect. This
pin must float.
Pins 20 NC: No connect.
Pin 21, NC: No connect
Pin 22, P_Z0: Factory reference trim, do not connect. This
pin must float.
Pin 23, SGND: Signal Ground.
Pin 24, VDD: Chip power supply.
Pin 25, SS: : Soft start, soft shutdown and slew rate control.
Connect a capacitor between this pin and ground to control
the soft start and soft shutdown speed. The value of the
capacitor will also define the slew rate of the dynamic VID
transitions.
Pin 26, VIR7: 1.7V reference voltage.
Pin 27, VBOOT: Initial output voltage desired after soft start
completes. Connect this pin to the desired reference level.
Pin 28, VSLP: Desired Voltage in Sleep Mode. Connect this
pin to the desired reference level.
Pin 29, NC: : No connect.
Pin 30, NC: No connect.
Pin 31, VDAC: Buffered Digital-to-Analog converter output.
Pins 32, VSTP: Desired output voltage in Stop CPU mode.
Connect this pin to the desired reference level.
Pin 33, SLP: When this pin is logic high, VREF voltage is
equal to that on the VSLP pin.
Pin 34, STP_CPU#: When this pin is logic low, VREF volt-
age is equal to that on the VSTP pin.
Pin 35, DE_EN#: Power saving mode trigger signal. En-
ables diode emulation.
Pin 36, VID5: 6th and most significant bit to program the
output voltage.
Pin 37, VID4: 5th bit to program the output voltage.
Pin 38, VID3: 4th bit to program the output voltage.
Pin 39, VID2: 3rd bit to program the output voltage.
Pin 40, VID1: 2nd bit to program the output voltage.
Pin 41, VID0: First and least significant bit to program the
output voltage.
Pin 42, VR_ON: Chip enable input.
Pin 43, NC: No connect
Pin 44, NC: No connect.
Pin 45, PGND: Power Ground. Connect to ground plane.
Pin 46, NC: Power ground connection.
Pin 47, LG: Low-side FET gate drive output.
Pin 48, PVDD: Power input for the gate drives.
www.national.com
3


同様の部品番号 - LM27213

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM27213 TI-LM27213 Datasheet
1Mb / 32P
[Old version datasheet]   LM27213 Single Phase Hysteretic Buck Controller
LM27213MTD/NOPB TI-LM27213MTD/NOPB Datasheet
1Mb / 32P
[Old version datasheet]   LM27213 Single Phase Hysteretic Buck Controller
LM27213MTDX/NOPB TI-LM27213MTDX/NOPB Datasheet
1Mb / 32P
[Old version datasheet]   LM27213 Single Phase Hysteretic Buck Controller
LM27213SQ/NOPB TI-LM27213SQ/NOPB Datasheet
1Mb / 32P
[Old version datasheet]   LM27213 Single Phase Hysteretic Buck Controller
LM27213SQX/NOPB TI-LM27213SQX/NOPB Datasheet
1Mb / 32P
[Old version datasheet]   LM27213 Single Phase Hysteretic Buck Controller
More results

同様の説明 - LM27213

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM27213 TI-LM27213_15 Datasheet
1Mb / 32P
[Old version datasheet]   LM27213 Single Phase Hysteretic Buck Controller
logo
National Semiconductor ...
LM27212 NSC-LM27212 Datasheet
1Mb / 23P
   Two-Phase Current-Mode Hysteretic Buck Controller
logo
Texas Instruments
LM3485 TI1-LM3485_14 Datasheet
1,023Kb / 22P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3475 TI1-LM3475_14 Datasheet
1Mb / 21P
[Old version datasheet]   Hysteretic PFET Buck Controller
logo
National Semiconductor ...
LM3485 NSC-LM3485 Datasheet
369Kb / 15P
   Hysteretic PFET Buck Controller
logo
Texas Instruments
LM3485 TI1-LM3485_16 Datasheet
1Mb / 28P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485 TI-LM3485_15 Datasheet
1Mb / 24P
[Old version datasheet]   Hysteretic PFET Buck Controller
logo
National Semiconductor ...
LM3475 NSC-LM3475 Datasheet
305Kb / 14P
   Hysteretic PFET Buck Controller
logo
Texas Instruments
LM3485MMX TI-LM3485MMX Datasheet
996Kb / 23P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3475 TI1-LM3475 Datasheet
1Mb / 25P
[Old version datasheet]   Hysteretic PFET Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com