データシートサーチシステム |
|
AD5290YRMZ10 データシート(PDF) 2 Page - Analog Devices |
|
AD5290YRMZ10 データシート(HTML) 2 Page - Analog Devices |
2 / 11 page Preliminary Technical Data AD5290 Rev. Pr C | Page 2 of 11 ELECTRICAL CHARACTERISTICS—10 kΩ, 50 kΩ, 100 kΩ VERSIONS (VDD/VSS = ±15V±10% or ±5V±10%, VA = +VDD, VB = VSS/0V, -40°C < TA < +105°C unless otherwise noted) Table 1. Parameter Symbol Conditions Min Typ1 Max Unit DC CHARACTERISTICS—RHEOSTAT MODE Resistor Differential Nonlinearity2 R-DNL RWB, VA = no connect –1 ±0.1 +1 LSB Resistor Integral Nonlinearity2 R-INL RWB, VA = no connect –2 ±0.25 +2 LSB Nominal Resistor Tolerance3 ∆RAB TA = 25°C –30 +30 % Resistance Temperature Coefficient (∆RAB/RAB)/∆T*106 VAB = VDD, Wiper = no connect 35 ppm/°C Wiper Resistance RW VDD = 30 V 50 120 Ω VDD = 5 V 200 400 Ω DC CHARACTERISTICS—POTENTIOMETER DIVIDER MODE Resolution N 8 Bits Differential Nonlinearity4 DNL –1 ±0.1 +1 LSB Integral Nonlinearity4 INL –1 ±0.3 +1 LSB Voltage Divider Temperature Coefficient (∆VW/VW)/∆T*106 Code = 0x80 5 ppm/°C Full-Scale Error VWFSE Code = 0xFF –3 –1 0 LSB Zero-Scale Error VWZSE Code = 0x00 0 1 3 LSB RESISTOR TERMINALS Voltage Range5 VA,B,W VSS VDD V Capacitance6 A, B CA,B f = 1 MHz, measured to GND, Code = 0x80 45 pF Capacitance6 W CW f = 1 MHz, measured to GND, Code = 0x80 60 pF Common-Mode Leakage ICM VA = VB = VW 1 nA DIGITAL INPUTS AND OUTPUTS Input Logic High VIH VDD = +5V or +15V 2.4 V Input Logic Low VIL VDD = +5V or +15V 0.8 V Output Logic High VOH RL = 2.2 kΩ to +5 V 4.9 V Output Logic Low VOL IOL = 1.6mA, VLOGIC = +5V, VDD = +15V 0.4 V Input Current II VIN = 0 V or +15 V ±1 µA Input Capacitance CI 5 pF POWER SUPPLIES Power Supply Range VDD/VSS Dual Supply Range ±2.7 ±16.5 V Power Supply Range VDD Single Supply Range, VSS = 0 V +2.7 +30 V Supply Current6 IDD VIH = 5 V or VIL = 0 V, VDD = +5 V 0.1 10 µA Supply Current IDD VIH = 5 V or VIL = 0 V, VDD = +15 V 0.75 2 mA Supply Current ISS VIH = 5 V or VIL = 0 V, VSS = - 5 V or –15 V 0.02 0.1 mA Power Dissipation7 PDISS VIH = 5 V or VIL = 0 V, VDD = +15 V, VSS = -15 V 11 30 mW Power Supply Sensitivity PSS ∆V DD = +15V ±10%, or ∆V SS = -15V ±10%, Code = Midscale ±0.01 ±0.02 %/% DYNAMIC CHARACTERISTICS6, 8 Bandwidth –3dB BW RAB = 10 kΩ/50 kΩ/100 kΩ, Code = 0x80 525/125/60 kHz |
同様の部品番号 - AD5290YRMZ10 |
|
同様の説明 - AD5290YRMZ10 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |