データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SBW13009 データシート(PDF) 3 Page - SemiWell Semiconductor

部品番号 SBW13009
部品情報  High Voltage Fast-Switching NPN Power Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SEMIWELL [SemiWell Semiconductor]
ホームページ  http://www.semiwellsemi.co.kr
Logo SEMIWELL - SemiWell Semiconductor

SBW13009 データシート(HTML) 3 Page - SemiWell Semiconductor

  SBW13009 Datasheet HTML 1Page - SemiWell Semiconductor SBW13009 Datasheet HTML 2Page - SemiWell Semiconductor SBW13009 Datasheet HTML 3Page - SemiWell Semiconductor SBW13009 Datasheet HTML 4Page - SemiWell Semiconductor SBW13009 Datasheet HTML 5Page - SemiWell Semiconductor SBW13009 Datasheet HTML 6Page - SemiWell Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
02
4
6
8
10
12
14
10
100
1000
T
J = 25
oC
I
C, Collector Current [A]
0
1
2
3
4567
89
10
11
12
13
14
1
10
T
J = 25
oC
I
C, Collector Current [A]
0.1
1
10
0.2
0.4
0.6
0.8
1.0
1.2
1.4
T
J = 25
oC
T
J = 125
oC
I
C, Collector Current [A]
0.1
1
10
0.01
0.1
1
10
T
J = 25
oC
T
J = 125
oC
I
C, Collector Current [A]
0.01
0.1
1
10
0
5
10
15
20
25
30
35
40
45
T
J = 125
oC
T
J = 25
oC
I
C, Collector Current [A]
0
1
2
3
456789
10
0
2
4
6
8
10
12
14
16
18
I
B = 200mA
I
B = 2000mA
I
B = 1600mA
I
B = 1200mA
I
B = 1000mA
I
B = 800mA
I
B = 600mA
I
B = 400mA
I
B = 0mA
V
CE, Collector-Emitter Voltage [V]
SBW13009
3/6
Fig 1. Static Characteristics
Fig 2. DC Current Gain
Fig 3. Collector-Emitter Saturation Voltage
Fig 4. Base-Emitter Saturation Voltage
Fig 5. Resistive Load Fall Time
Fig 6. Resistive Load Storage Time
Note :
hFE = 5
Note :
hFE = 5
Notes :
VCC = 125V
hFE = 5
IB1 = - IB2
Notes :
VCC = 125V
hFE = 5
IB1 = - IB2
Notes :
VCE = 5V
VCE = 1V


同様の部品番号 - SBW13009

メーカー部品番号データシート部品情報
logo
Shenzhen Winsemi Microe...
SBW13009-K WINSEMI-SBW13009-K Datasheet
439Kb / 5P
   High Voltage Fast-Switching NPN Power Transistor
SBW13009-O WINSEMI-SBW13009-O Datasheet
414Kb / 5P
   High voltage Fast Switching NPN Power Transistor
logo
SemiWell Semiconductor
SBW13009-O SEMIWELL-SBW13009-O Datasheet
217Kb / 4P
   High Voltage Fast-Switching NPN Power Transistor
logo
Shenzhen Winsemi Microe...
SBW13009-S WINSEMI-SBW13009-S Datasheet
438Kb / 5P
   High Voltage Fast-Switching NPN Power Transistor
logo
SemiWell Semiconductor
SBW13009-S SEMIWELL-SBW13009-S Datasheet
210Kb / 4P
   High Voltage Fast-Switching NPN Power Transistor
More results

同様の説明 - SBW13009

メーカー部品番号データシート部品情報
logo
STMicroelectronics
BUL312FP STMICROELECTRONICS-BUL312FP Datasheet
149Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL742 STMICROELECTRONICS-BUL742 Datasheet
112Kb / 5P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BULB39D STMICROELECTRONICS-BULB39D Datasheet
191Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
August 2001
SGSIF464 STMICROELECTRONICS-SGSIF464 Datasheet
88Kb / 7P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
STD83003 STMICROELECTRONICS-STD83003 Datasheet
299Kb / 8P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
ST2001HI STMICROELECTRONICS-ST2001HI Datasheet
67Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
ST83003 STMICROELECTRONICS-ST83003 Datasheet
258Kb / 7P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
October 2002
BUL128 STMICROELECTRONICS-BUL128 Datasheet
79Kb / 7P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL138 STMICROELECTRONICS-BUL138 Datasheet
69Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL213 STMICROELECTRONICS-BUL213 Datasheet
71Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL39D STMICROELECTRONICS-BUL39D Datasheet
185Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com