データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI8252-IQ データシート(PDF) 11 Page - Silicon Laboratories

部品番号 SI8252-IQ
部品情報  DIGITAL POWER CONTROLLER
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SILABS [Silicon Laboratories]
ホームページ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI8252-IQ データシート(HTML) 11 Page - Silicon Laboratories

Back Button SI8252-IQ Datasheet HTML 7Page - Silicon Laboratories SI8252-IQ Datasheet HTML 8Page - Silicon Laboratories SI8252-IQ Datasheet HTML 9Page - Silicon Laboratories SI8252-IQ Datasheet HTML 10Page - Silicon Laboratories SI8252-IQ Datasheet HTML 11Page - Silicon Laboratories SI8252-IQ Datasheet HTML 12Page - Silicon Laboratories SI8252-IQ Datasheet HTML 13Page - Silicon Laboratories SI8252-IQ Datasheet HTML 14Page - Silicon Laboratories SI8252-IQ Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
Si8250/1/2
Preliminary Rev. 0.8
11
Table 11. Reset Electrical Characteristics
TA = –40 to +125 °C, VDD = 2.5 V, SYSCLK = 25 MHz, PLLCLK = 200 MHz unless otherwise specified.
Parameter
Conditions
Min
Typ
Max
Units
RST Output Low Voltage
IOL = 8.5mA, VDD = 2.5V
0.7
V
RST Input High Voltage
0.7 x VDD
——
V
RST Input Low Voltage
0.3 x VDD
V
RST Input Pull-up Current
RST =0.0
25
TBD
µA
VDD POR Threshold
2.0
2.1
2.2
V
Missing clock detector timeout
Time from last system clock ris-
ing edge to start of reset
250
650
µs
Reset time delay
Delay between release of any
reset source and code execu-
tion at location 0x0000
5.0
µs
Minimum RST Low time to gen-
erate a System Reset
6.5
µs
VDD monitor turn-on time
100
µs
VDD monitor supply current
40
µA
Table 12. Flash Electrical Characteristics
TA = –40 to +125 °C, VDD = 2.25 V – 2.75 V, SYSCLK = 25 MHz, PLLCLK = 200 MHz unless otherwise specified.
Parameter
Conditions
Min
Typ
Max
Units
Flash Size
Si8250
32768(1)
——
bytes
Si8251, Si8252
16383(1)
——
Endurance
10 K
100 K
Erase/Write
Read Cycle Time
TBD
ns
Erase Cycle Time
50 MHz System Clock
32
48
ms
Write Cycle Time
50 MHz System Clock
76
114
µs
Notes:
1. The last 512 bytes of memory are reserved.


同様の部品番号 - SI8252-IQ

メーカー部品番号データシート部品情報
logo
Skyworks Solutions Inc.
SI82520AB-AM1 SKYWORKS-SI82520AB-AM1 Datasheet
721Kb / 28P
   4.0 A Symmetric Drive ISODrivers with 20 V VDDIH, Low Propagation Delay and High Transient Immunity.
Revision 206413A November, 2022
SI82520AB-IM1 SKYWORKS-SI82520AB-IM1 Datasheet
721Kb / 28P
   4.0 A Symmetric Drive ISODrivers with 20 V VDDIH, Low Propagation Delay and High Transient Immunity.
Revision 206413A November, 2022
SI82520AD-AS3 SKYWORKS-SI82520AD-AS3 Datasheet
721Kb / 28P
   4.0 A Symmetric Drive ISODrivers with 20 V VDDIH, Low Propagation Delay and High Transient Immunity.
Revision 206413A November, 2022
SI82520AD-IS3 SKYWORKS-SI82520AD-IS3 Datasheet
721Kb / 28P
   4.0 A Symmetric Drive ISODrivers with 20 V VDDIH, Low Propagation Delay and High Transient Immunity.
Revision 206413A November, 2022
SI82520BB-AM1 SKYWORKS-SI82520BB-AM1 Datasheet
721Kb / 28P
   4.0 A Symmetric Drive ISODrivers with 20 V VDDIH, Low Propagation Delay and High Transient Immunity.
Revision 206413A November, 2022
More results

同様の説明 - SI8252-IQ

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FMS7401L FAIRCHILD-FMS7401L_05 Datasheet
1Mb / 81P
   Digital Power Controller
FMS7401 FAIRCHILD-FMS7401 Datasheet
1Mb / 80P
   Digital Power Controller
logo
Analog Devices
ADP1047 AD-ADP1047 Datasheet
1Mb / 84P
   Digital Power Factor Correction Controller
REV. 0
logo
Dialog Semiconductor
IW3614 DIALOG-IW3614 Datasheet
1Mb / 18P
   AC/DC Digital Power Controller
logo
Texas Instruments
DLPC410 TI1-DLPC410 Datasheet
1Mb / 63P
[Old version datasheet]   Digital Controller
logo
Omron Electronics LLC
E5AK OMRON-E5AK Datasheet
694Kb / 36P
   Digital Controller
logo
Analog Devices
EVAL-ADM1275EBZ AD-EVAL-ADM1275EBZ Datasheet
741Kb / 48P
   Hot-Swap Controller and Digital Power
REV. D
logo
Zilog, Inc.
IXRD1002 ZILOG-IXRD1002 Datasheet
1Mb / 15P
   High Power Digital Inrush Current Controller
logo
Dialog Semiconductor
IW3630 DIALOG-IW3630 Datasheet
412Kb / 7P
   AC/DC Digital Power Controller for High Power
IW1689 DIALOG-IW1689 Datasheet
973Kb / 17P
   Low-Power Off-line Digital PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com