データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD4C211-L データシート(PDF) 3 Page - Solid State Optronic

部品番号 AD4C211-L
部品情報  Dual 1 Form A Solid State Relay
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SSOUSA [Solid State Optronic]
ホームページ  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

AD4C211-L データシート(HTML) 3 Page - Solid State Optronic

  AD4C211-L Datasheet HTML 1Page - Solid State Optronic AD4C211-L Datasheet HTML 2Page - Solid State Optronic AD4C211-L Datasheet HTML 3Page - Solid State Optronic AD4C211-L Datasheet HTML 4Page - Solid State Optronic AD4C211-L Datasheet HTML 5Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
AD4C211-L
Dual 1 Form A
Solid State Relay
PERFORMANCE DATA
0
10
20
30
40
50
0.04 0.06 0.08 0.1 0.12 0.14 0.16 0.18
Turn-Off Tim e (m s)
AD4C211-L
Typical Turn-Off Time Distribution
N = 100, Ambient Temperature = 25°C
0
10
20
30
40
16.5 17
17.5 18 18.5 19
19.5 20
On-Resistance (ohm s)
AD4C211-L
0
10
20
30
40
0.06 0.07 0.09 0.1 0.12 0.13 0.15 0.16
Leakage Current (uA)
Typical On-Resistance Distribution
N = 100, Ambient Temperature = 25°C
AD4C211-L
Typical Leakage Current Distribution
N = 100, Ambient Temperature = 25°C
0
10
20
30
40
50
380 400 420 440 460 480 500 520
Blocking Voltage (V)
AD4C211-L
0
50
100
150
Tem perature (C)
Typical Blocking Voltage Distribution
N = 100, Ambient Temperature = 25°C
AD4C211-L
Maximum Load Current vs. Temperature
0
10
20
30
40
0.4 0.45 0.5 0.55 0.6 0.65 0.7 0.75
Turn-On Tim e (m s)
AD4C211-L
Typical Turn-On Time Distribution
N = 100, Ambient Temperature = 25°C
www.ssousa.com • +1.408.293.4600
Page 3 of 5
AD4C211-L
rev 1.40 (10/25/2004)
© 2004 Solid State Optronics • San José, CA


同様の部品番号 - AD4C211-L

メーカー部品番号データシート部品情報
logo
Solid State Optronic
AD4C211-L SSOUSA-AD4C211-L_15 Datasheet
218Kb / 5P
   Current limiting (over-current protection)
More results

同様の説明 - AD4C211-L

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
LH1522AB VISHAY-LH1522AB Datasheet
387Kb / 5P
   Dual 1 Form A Solid State Relay
Revision 17-August-01
LH1505AB VISHAY-LH1505AB Datasheet
89Kb / 5P
   Dual 1 Form A Solid State Relay
Revision 17-August-01
LH1532FP VISHAY-LH1532FP_13 Datasheet
111Kb / 6P
   Dual 1 Form A Solid-State Relay
Rev. 1.7, 12-Apr-13
LH1522AB VISHAY-LH1522AB_11 Datasheet
168Kb / 7P
   Dual 1 Form A Solid-State Relay
Rev. 1.7, 25-Jul-11
LH1520AB VISHAY-LH1520AB_V02 Datasheet
209Kb / 10P
   Dual 1 Form A Solid-State Relay
01-Jan-2023
logo
Solid State Optronic
AD4C111-L SSOUSA-AD4C111-L Datasheet
168Kb / 4P
   Dual 1 Form A Solid State Relay
logo
Vishay Siliconix
VOR2142A8 VISHAY-VOR2142A8 Datasheet
157Kb / 9P
   Dual 1 Form A Solid-State Relay
Rev. 1.0, 14-Jun-16
LH1556AAC VISHAY-LH1556AAC_14 Datasheet
202Kb / 9P
   Dual 1 Form A Solid-State Relay
Rev. 1.8, 10-Mar-14
LH1532AAC VISHAY-LH1532AAC_11 Datasheet
163Kb / 7P
   Dual 1 Form A Solid-State Relay
Rev. 1.6, 25-Jul-11
LH1532FP VISHAY-LH1532FP_11 Datasheet
106Kb / 6P
   Dual 1 Form A Solid State Relay
Rev. 1.6, 07-Jul-11
LH1556AAC VISHAY-LH1556AAC_11 Datasheet
163Kb / 8P
   Dual 1 Form A Solid-State Relay
Rev. 1.7, 25-Jul-11
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com