データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FMM5320ZW データシート(PDF) 1 Page - Eudyna Devices Inc

部品番号 FMM5320ZW
部品情報  Single-Pole Double-Throw Switch GaAs PHEMT High Power Switch DC - 2.0 GHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  EUDYNA [Eudyna Devices Inc]
ホームページ  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

FMM5320ZW データシート(HTML) 1 Page - Eudyna Devices Inc

  FMM5320ZW Datasheet HTML 1Page - Eudyna Devices Inc FMM5320ZW Datasheet HTML 2Page - Eudyna Devices Inc FMM5320ZW Datasheet HTML 3Page - Eudyna Devices Inc FMM5320ZW Datasheet HTML 4Page - Eudyna Devices Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Preliminary
ES/FMM5320ZW
Single-Pole Double-Throw Switch
GaAs PHEMT High Power Switch DC - 2.0 GHz
Rev 1.1
August 25, 2005
1
Eudyna Devices Inc. Confidential
FEATURES
• Low Insertion Loss: 0.45 dB at 2GHz
• Low voltage operation: 2.5 V
• Low Harmonics: -70 dBc at +34 dBm
• High Isolation: 20 dB at 2 GHz
• Miniature SC-70 plastic package
• GaAs PHEMT technology
DESCRIPTION
ES/FMM5320ZW is a high power single-pole double-throw (SP2T) GaAs PHEMT switch designed
for transmit / receive switching applications in the 0.5 GHz to 2.0GHz range. The ES/FMM5320ZW
is ideally suited for applications where high linearity, low control voltage, low insertion loss, high
isolation, small size, and low cost are required. Typical applications include UMTS, GSM, and
CDMA handset systems. The device is in a low-cost miniature 6 pin SOT-363 / SC-70 package.
2.0 mm x 2.1 mm x 1.0 mm
RF1
RF2
GND
RFC
V1
V2
1
2
3
6
5
4
INDEX
Pin Configuration
(Top view)
Function Block Diagram
1
6
4
3
5
2
RF1
GND
RF2
V1
RFC
V2
Lead (Pb) Free Package


同様の部品番号 - FMM5320ZW

メーカー部品番号データシート部品情報
logo
Eudyna Devices Inc
FMM5321ZV EUDYNA-FMM5321ZV Datasheet
176Kb / 5P
   Quad-band Antenna Switch Module
More results

同様の説明 - FMM5320ZW

メーカー部品番号データシート部品情報
logo
Eudyna Devices Inc
HS69SPDT312 EUDYNA-HS69SPDT312 Datasheet
137Kb / 4P
   Single Pole Double Throw GaAs PHEMT Switch 0.1 - 6 GHz
ESM5322ZU EUDYNA-ESM5322ZU Datasheet
55Kb / 3P
   Double Pole Double Throw GaAs PHEMT Switch 0.1 - 6 GHz
logo
Tyco Electronics
MASWGM0003-DIE MACOM-MASWGM0003-DIE Datasheet
93Kb / 5P
   Switch, Single-Pole, Double-Throw 2.0-8.0 GHz
MASWGM0002-DIE MACOM-MASWGM0002-DIE Datasheet
128Kb / 5P
   Switch, Single-Pole, Double-Throw 2.0-20.0 GHz
logo
Eudyna Devices Inc
FMM5309ZU EUDYNA-FMM5309ZU Datasheet
86Kb / 4P
   Single Pole Three Throw GaAs PHEMT High Power Switch 0.5 - 2.5 GHz
logo
Tyco Electronics
MASWGM0005-DIE MACOM-MASWGM0005-DIE Datasheet
153Kb / 5P
   Switch, Single-Pole, Double-Throw DC-5.0 GHz
logo
Texas Instruments
SN74LVC1G3157DSFR TI1-SN74LVC1G3157DSFR Datasheet
1Mb / 28P
[Old version datasheet]   SINGLE-POLE DOUBLE-THROW ANALOG SWITCH
SN74LVC1G3157-Q1 TI1-SN74LVC1G3157-Q1_14 Datasheet
902Kb / 21P
[Old version datasheet]   SINGLE-POLE DOUBLE-THROW ANALOG SWITCH
logo
Pasternack Enterprises,...
PE71S6064 PASTERNACK-PE71S6064 Datasheet
399Kb / 4P
   Single Pole Double Throw Relay Switch
logo
Texas Instruments
SN74LVC1G3157 TI1-SN74LVC1G3157_18 Datasheet
2Mb / 42P
[Old version datasheet]   Single-Pole Double-Throw Analog Switch
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com