データシートサーチシステム |
|
TSC87C52-16CKR データシート(PDF) 1 Page - TEMIC Semiconductors |
|
TSC87C52-16CKR データシート(HTML) 1 Page - TEMIC Semiconductors |
1 / 24 page TSC87C52 1 MATRA MHS Rev. C – 10 Sept 1997 Preliminary CMOS 0 to 33 MHz Programmable 8–bit Microcontroller Description TEMIC’s TSC87C52 is high performance CMOS EPROM version of the 80C52 CMOS single chip 8 bit microcontroller. The fully static design of the TSC87C52 allows to reduce system power consumption by bringing the clock frequency down to any value, even DC, without loss of data. The TSC87C52 retains all the features of the 80C52 with some enhancement: 8 K bytes of internal code memory (EPROM); 256 bytes of internal data memory (RAM); 32 I/O lines; three 16 bit timers one with count–down and clock–out capability; a 6-source, 2-level interrupt structure; a full duplex serial port with framing error detection; a power off flag; and an on-chip oscillator. The TSC87C52 has 2 software-selectable modes of reduced activity for further reduction in power consumption. In the idle mode the CPU is frozen while the RAM, the timers, the serial port and the interrupt system continue to function. In the power down mode the RAM is saved and all other functions are inoperative. The TSC87C52 is manufactured using non volatile SCMOS process which allows it to run up to: D 33 MHz with VCC = 5 V ± 10%. D 16 MHz with 2.7 V < VCC < 5.5 V. Features D 8 Kbytes of EPROM G Improved Quick Pulse programming algorithm G Secret ROM by encryption D 256 bytes of RAM D 64 Kbytes program memory space D 64 Kbytes data memory space D 32 programmable I/O lines D Three 16 bit timer/counters including enhanced timer 2 D Programmable serial port with framing error detection D Power control modes D Two–level interrupt priority D Fully static design D 0.8µ SCMOS non volatile process D ONCE Mode D Enhanced Hooks system for emulation purpose D Available temperature ranges: G commercial G industrial D Available packages: G PDIP40 (OTP) G PLCC44 (OTP) G PQFP44 (OTP) G CQPJ44 (UV erasable) G CERDIP40 (UV erasable) |
同様の部品番号 - TSC87C52-16CKR |
|
同様の説明 - TSC87C52-16CKR |