データシートサーチシステム |
|
LM1270 データシート(PDF) 11 Page - National Semiconductor (TI) |
|
|
LM1270 データシート(HTML) 11 Page - National Semiconductor (TI) |
11 / 27 page Video Detection (Continued) sate for clocking delays in the timing counters in the LM1270. This value is empirically derived from testing the video system. VIDEO INPUT DETECTION The outputs of the three video detector channels are OR’d together to provide a single composite signal of the three channels when used for timing parameter measurement. The video detect logic must find the extreme points of the displayed image during each frame with respect to the hori- zontal and vertical flyback pulses as measured using the internal PLL. For best performance in autosizing mode, it is recommended that the application use the maximum number of pixels per line when measurements are made. Remem- ber, the VCO frequency is limited to 160 MHz when the prescaler is set to 7. The durations to be measured are shown generically in the figures below, and apply to both horizontal and vertical tim- ings. For the horizontal timings the measurements will de- pend on the mode selected in the EMPHASIS register. Ver- tical and HFLYBACK timing measurements will be the same in both modes. 1. Flyback or sync period: the duration of either the sync input or the horizontal flyback, in either horizontal lines (vertical) or pixels (horizontal). 2. Back porch period: the duration between the trailing edge of the sync or flyback pulse and the leading edge of the first detected video, in either lines (vertical) or pixels (horizontal). 3. Video period: the duration between the leading edge of the first detected video and the trailing edge of the last detected video, in either lines (vertical) or pixels (hori- zontal). 4. Front porch: the duration between the trailing edge of the last detected video and the leading edge of the sync or flyback pulse, in either lines (vertical) or pixels (hori- zontal). Note: In the horizontal timing measurement description, reference to sync means either HSYNC or H_FEEDBACK, selected by WCHE bit in the EMPHASIS register. As the video may start and finish at different positions on the screen, depending upon the image, the measured horizontal porches and video time may vary from line to line. To over- come this, the periods should be measured over at least one entire field. The hardware records the shortest back porch and front porch periods used over the measured period. WINDOW COORDINATE DATA The microcontroller must program the highlight window co- ordinates in the LM1270 by writing to the appropriate regis- ters. The coordinate values must be sent from the PC. For maximum flexibility, the LM1270 is designed to allow opera- tion such that the coordinate data may be sent by: 1. DDC2A/B (e.g., I 2C compatible) transmission 2. Information carried as video data during the vertical blanking time 3. Any other PC-monitor interface (e.g., USB) COORDINATE DATA TRANSMISSION BY VIDEO OPERATION When sending coordinate data by video please refer to the information for register 27 in the register descriptions. Any video line may be selected for data, clock, or window. It is important to make sure each video line has a different se- lection otherwise the video transmission of data will not function. It is possible to program two video channels to carry the same information and create this incorrect opera- tion. If the LIMIT bit of the TEST1 register is set to a “1” (default value), then one line of data may be transmitted after the vertical sync on one of the video channels. This data must be sent during the vertical blanking time that is set by the vertical blanking register. Data must be transmitted only during the vertical blanking time otherwise it will be ignored by the logic. If the LIMIT bit of the TEST1 register is set to a “0”, then the data may be transmitted at any time following the vertical sync. The data consists of a stream of 9 bytes. In normal use it is expected that the first eight bytes will be data, and the remaining byte will be used as a checksum. Alternatively, the ninth byte may be used as an additional data byte. Another video channel provides a clock pulse stream of exactly 72 pulses. The logic counts the number of pulses between two horizontal sync pulses. If the number of clock pulses is greater or less than 72, then the data is ignored. If the count is 72, then the data is shifted into registers 2E-36 upon arrival of the next horizontal sync, provided the output 20063521 FIGURE 4. Timing Intervals with WCHE = 1 20063522 FIGURE 5. Timing Intervals with WCHE = 0 www.national.com 11 |
同様の部品番号 - LM1270 |
|
同様の説明 - LM1270 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |