データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STE0515 データシート(PDF) 2 Page - Stanson Technology

部品番号 STE0515
部品情報  Five-Line ESD Protection Array
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STANSON [Stanson Technology]
ホームページ  http://www.stansontech.com
Logo STANSON - Stanson Technology

STE0515 データシート(HTML) 2 Page - Stanson Technology

  STE0515 Datasheet HTML 1Page - Stanson Technology STE0515 Datasheet HTML 2Page - Stanson Technology STE0515 Datasheet HTML 3Page - Stanson Technology STE0515 Datasheet HTML 4Page - Stanson Technology STE0515 Datasheet HTML 5Page - Stanson Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Five-Line ESD Protection Array
STE0515
Working voltage 5V
OREDRING INFORMATION
Part Number
Package
STE0515D52RG
SOT-563
※ STE0515D52RG: Tape Reel; Pb-Free
ABSOULTE MAXIMUM RATINGS (Ta = 25℃ Unless otherwise noted )
Parameter
Symbol
Typical
Unit
Peak Pulse Power (tp=8/20 us)
Ppk
250
W
Maximum Peak Pulse Currint (tp=8/20us)
Ipp
7
A
ESD per ICE 61000-4-2 (Air)
Vpp
+/-15
KV
ESD per ICE 61000-4-2 (Contact)
Vpp
+/-8
KV
Operating Junction Tempreature
Tj
-55~150
Storgae Temperature Range
TSTG
-55~150
Lead Soldering Temperature
TL
260(10sec)
ELECTRICAL CHARACTERISTICS (Ta = 25℃ Unless otherwise noted )
Parameter
Symbol
Conditions
Min
Typ Max Unit
Reverse Stand-Off Voltage
VRWM
5
V
Reverse Breakdown Voltage
VBR
It=1mA
6
8.5
V
Reverse Leakage Current
IR
VRWM=5V, T=25℃
0.01
1
uA
Reverse Leakage Current
IR
VRWM=3V, T=25℃
0.01
0.5
uA
Clamping Voltage
VC
Ipp=1A, tp=8/20us
11.5
V
Clamping Voltage
VC
Ipp=7A, tp=8/20us
15
V
Junction Capacitance
Cj
Between I/O Pin and GND
VR=0V, f 1MHz
20
30
pF
Page 2
STANSON TECHNOLOGY
120 Bentley Square, Mountain View, Ca 94040 USA
TEL: (650) 9389294 FAX: (650) 9389295


同様の部品番号 - STE0515

メーカー部品番号データシート部品情報
logo
Stanson Technology
STE0511 STANSON-STE0511 Datasheet
65Kb / 4P
   Single-line ESD Protection Array
STE0511D52RG STANSON-STE0511D52RG Datasheet
65Kb / 4P
   Single-line ESD Protection Array
STE0512 STANSON-STE0512 Datasheet
83Kb / 5P
   Dual-Line ESD Protection Array
STE0512D52RG STANSON-STE0512D52RG Datasheet
83Kb / 5P
   Dual-Line ESD Protection Array
STE0514 STANSON-STE0514 Datasheet
87Kb / 6P
   Four-Line ESD Protection Array
More results

同様の説明 - STE0515

メーカー部品番号データシート部品情報
logo
Union Semiconductor, In...
UESD54B UNIONSEMI-UESD54B Datasheet
263Kb / 11P
   Quad/Five/Six Line ESD Protection Diode Array
UESD54B UNIONSEMI-UESD54B_15 Datasheet
380Kb / 10P
   Quad/Five/Six Line ESD Protection Diode Array
logo
Vishay Siliconix
VESD05A5-06G VISHAY-VESD05A5-06G Datasheet
140Kb / 8P
   Five-Line ESD Protection Diode Array in SOT-363
Rev. 1.0, 14-Feb-2019
logo
Diodes Incorporated
DMF05LCFLP DIODES-DMF05LCFLP Datasheet
82Kb / 4P
   FIVE ELEMENT COMMON ANODE ESD-PROTECTION DIODE ARRAY
logo
Pan Jit International I...
PJSDA05C-5 PANJIT-PJSDA05C-5 Datasheet
71Kb / 2P
   FIVE BI-DIRECTIONAL TVS ARRAY FOR ESD PROTECTION
logo
SYNC POWER Crop.
SPE0525_0911 SYNC-POWER-SPE0525_0911 Datasheet
197Kb / 7P
   5-Line ESD Protection Array
SPE0534 SYNC-POWER-SPE0534_09 Datasheet
197Kb / 7P
   4-Line ESD Protection Array
SPE0599 SYNC-POWER-SPE0599 Datasheet
202Kb / 6P
   Single -Line ESD Protection Array
SPE0531 SYNC-POWER-SPE0531_11 Datasheet
188Kb / 6P
   Single-Line ESD Protection Array
SPE0562_0911 SYNC-POWER-SPE0562_0911 Datasheet
207Kb / 6P
   Single-Line ESD Protection Array
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com