データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CAT24C03WI-T データシート(PDF) 3 Page - Catalyst Semiconductor

部品番号 CAT24C03WI-T
部品情報  2-Kb I2C CMOS Serial EEPROM with Partial Array Write Protection
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CATALYST [Catalyst Semiconductor]
ホームページ  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24C03WI-T データシート(HTML) 3 Page - Catalyst Semiconductor

  CAT24C03WI-T Datasheet HTML 1Page - Catalyst Semiconductor CAT24C03WI-T Datasheet HTML 2Page - Catalyst Semiconductor CAT24C03WI-T Datasheet HTML 3Page - Catalyst Semiconductor CAT24C03WI-T Datasheet HTML 4Page - Catalyst Semiconductor CAT24C03WI-T Datasheet HTML 5Page - Catalyst Semiconductor CAT24C03WI-T Datasheet HTML 6Page - Catalyst Semiconductor CAT24C03WI-T Datasheet HTML 7Page - Catalyst Semiconductor CAT24C03WI-T Datasheet HTML 8Page - Catalyst Semiconductor CAT24C03WI-T Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
CAT24C03
3
Doc No. 1113, Rev. A
© 2006 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
A.C. CHARACTERISTICS
VCC = 1.8 V to 5.5 V, TA = -40°C to 85°C, unless otherwise specified.
Symbol
Parameter
1.8 V - 5.5 V
2.5 V - 5.5 V
Units
Min
Max
Min
Max
FSCL
Clock Frequency
100
400
kHz
TI(1)
Noise Suppression Time Constant at
SCL, SDA Inputs
0.1
0.1
μs
tAA(2)
SCL Low to SDA Data Out
3.5
0.9
μs
tBUF(1)
Time the Bus Must be Free Before a
New Transmission Can Start
4.7
1.3
μs
tHD:STA
Start Condition Hold Time
4
0.6
μs
tLOW
Clock Low Period
4.7
1.3
μs
tHIGH
Clock High Period
4
0.6
μs
tSU:STA
Start Condition Setup Time
4.7
0.6
μs
tHD:DAT
Data In Hold Time
0
0
μs
tSU:DAT
Data In Setup Time
0.25
0.1
μs
tR(1)
SDA and SCL Rise Time
1
0.3
μs
tF(1)
SDA and SCL Fall Time
0.3
0.3
μs
tSU:STO
Stop Condition Setup Time
4
0.6
μs
tDH
Data Out Hold Time
0.1
0.1
μs
tWR
Write Cycle Time
5
5
ms
tPU(1), (3)
Power-up to Ready Mode
1
1
ms
Note:
(1) This parameter is tested initially and after a design or process change that affects the parameter.
(2) For timing measurements the SDA line capacitance is ~ 100 pF; the SCL input is driven with rise and fall times of < 50 ns; the SDA I/O
is pulled-up by a 3 mA current source; input driving signals swing from 20% to 80% of VCC. Output level reference levels are 30% and
respectively 70% of VCC.
(3) tPU is the delay required from the time VCC is stable until the device is ready to accept commands.
Power-On Reset (POR)
The CAT24C03 incorporates Power-On Reset (POR)
circuitry which protects the internal logic against
powering up in the wrong state.
The CAT24C03 will power up into Standby mode after
VCC exceeds the POR trigger level and will power
down into Reset mode when VCC drops below the POR
trigger level. This bi-directional POR feature protects
the device against ‘brown-out’ failure following a
temporary loss of power.
The POR circuitry triggers at the minimum VCC level
required for proper initialization of the internal state
machines. The POR trigger level automatically tracks the
internal CMOS device thresholds, and is naturally well
below the minimum recommended VCC supply voltage.


同様の部品番号 - CAT24C03WI-T

メーカー部品番号データシート部品情報
logo
Catalyst Semiconductor
CAT24C03WI-T CATALYST-CAT24C03WI-T Datasheet
434Kb / 18P
   2-Kb and 4-Kb I2C Serial EEPROM with Partial Array Write Protection
logo
ON Semiconductor
CAT24C03WI-T3 ONSEMI-CAT24C03WI-T3 Datasheet
165Kb / 14P
   2-Kb and 4-Kb I2C Serial EEPROM with Partial Array Write Protection
August, 2009 ??Rev. 3
More results

同様の説明 - CAT24C03WI-T

メーカー部品番号データシート部品情報
logo
ON Semiconductor
CAT24WC66 ONSEMI-CAT24WC66 Datasheet
147Kb / 11P
   64-Kb I2C Serial EEPROM with Partial Array Write Protection
August, 2009 ??Rev. 10
logo
Catalyst Semiconductor
CAT24C03 CATALYST-CAT24C03_06 Datasheet
434Kb / 18P
   2-Kb and 4-Kb I2C Serial EEPROM with Partial Array Write Protection
logo
ON Semiconductor
CAT24C03 ONSEMI-CAT24C03 Datasheet
165Kb / 14P
   2-Kb and 4-Kb I2C Serial EEPROM with Partial Array Write Protection
August, 2009 ??Rev. 3
logo
Catalyst Semiconductor
CAT24C05 CATALYST-CAT24C05 Datasheet
434Kb / 18P
   2-Kb and 4-Kb I2C Serial EEPROM with Partial Array Write Protection
CAT24FC65 CATALYST-CAT24FC65 Datasheet
446Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM with Partial Array Write Protection
CAT24WC66 CATALYST-CAT24WC66_06 Datasheet
155Kb / 13P
   64K-bit I2C Serial EEPROM with Partial Array Write Protection
CAT24WC03 CATALYST-CAT24WC03_05 Datasheet
362Kb / 14P
   2K/4K-Bit Serial EEPROM with Partial Array Write Protection
logo
ON Semiconductor
CAT24S128 ONSEMI-CAT24S128 Datasheet
96Kb / 12P
   128 Kb I2C CMOS Serial EEPROM with Software Write Protect
September, 2018 ??Rev. 7
CAT24AA01 ONSEMI-CAT24AA01_15 Datasheet
91Kb / 10P
   1-Kb and 2-Kb I2C CMOS Serial EEPROM
May, 2015 ??Rev. 5
CAT24AA01 ONSEMI-CAT24AA01 Datasheet
170Kb / 10P
   1-Kb and 2-Kb I2C CMOS Serial EEPROM
August, 2009 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com