データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CAT24C03LI-GT3 データシート(PDF) 6 Page - Catalyst Semiconductor

部品番号 CAT24C03LI-GT3
部品情報  2-Kb I2C CMOS Serial EEPROM with Partial Array Write Protection
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CATALYST [Catalyst Semiconductor]
ホームページ  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24C03LI-GT3 データシート(HTML) 6 Page - Catalyst Semiconductor

Back Button CAT24C03LI-GT3 Datasheet HTML 2Page - Catalyst Semiconductor CAT24C03LI-GT3 Datasheet HTML 3Page - Catalyst Semiconductor CAT24C03LI-GT3 Datasheet HTML 4Page - Catalyst Semiconductor CAT24C03LI-GT3 Datasheet HTML 5Page - Catalyst Semiconductor CAT24C03LI-GT3 Datasheet HTML 6Page - Catalyst Semiconductor CAT24C03LI-GT3 Datasheet HTML 7Page - Catalyst Semiconductor CAT24C03LI-GT3 Datasheet HTML 8Page - Catalyst Semiconductor CAT24C03LI-GT3 Datasheet HTML 9Page - Catalyst Semiconductor CAT24C03LI-GT3 Datasheet HTML 10Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
CAT24C03
6
Doc. No. 1113, Rev. A
© 2006 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
WRITE OPERATIONS
Byte Write
In Byte Write mode the Master sends a START, followed
by Slave address, byte address and data to be written
(Figure 5). The Slave acknowledges all 3 bytes, and the
Master then follows up with a STOP, which in turn starts
the internal Write operation (Figure 6). During internal
Write, the Slave will not acknowledge any Read or Write
request from the Master.
Page Write
The CAT24C03 contains 256 bytes of data, arranged
in 16 pages of 16 bytes each. A page is selected by the
4 most significant bits of the address byte following the
Slave address, while the 4 least significant bits point to
the byte within the page. Up to 16 bytes can be written
in one Write cycle (Figure 7).
The internal byte address counter is automatically in-
cremented after each data byte is loaded. If the Master
transmits more than 16 data bytes, then earlier bytes will
be overwritten by later bytes in a ‘wrap-around’ fashion
(within the selected page). The internal Write cycle starts
immediately following the STOP.
Acknowledge Polling
Acknowledge polling can be used to determine if the
CAT24C03 is busy writing or is ready to accept com-
mands. Polling is implemented by interrogating the
device with a ‘Selective Read’ command (see READ
OPERATIONS).
The CAT24C03 will not acknowledge the Slave address,
as long as internal Write is in progress.
Hardware Write Protection
With the WP pin held HIGH, the entire memory is pro-
tected against Write operations. If the WP pin is left
floating or is grounded, it has no impact on the operation
of the CAT24C03.


同様の部品番号 - CAT24C03LI-GT3

メーカー部品番号データシート部品情報
logo
Catalyst Semiconductor
CAT24C03LI-GT3 CATALYST-CAT24C03LI-GT3 Datasheet
434Kb / 18P
   2-Kb and 4-Kb I2C Serial EEPROM with Partial Array Write Protection
CAT24C03LI-GT3 CATALYST-CAT24C03LI-GT3 Datasheet
370Kb / 17P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb CMOS Serial EEPROM
logo
ON Semiconductor
CAT24C03LI-GT3 ONSEMI-CAT24C03LI-GT3 Datasheet
165Kb / 14P
   2-Kb and 4-Kb I2C Serial EEPROM with Partial Array Write Protection
August, 2009 ??Rev. 3
More results

同様の説明 - CAT24C03LI-GT3

メーカー部品番号データシート部品情報
logo
ON Semiconductor
CAT24WC66 ONSEMI-CAT24WC66 Datasheet
147Kb / 11P
   64-Kb I2C Serial EEPROM with Partial Array Write Protection
August, 2009 ??Rev. 10
logo
Catalyst Semiconductor
CAT24C03 CATALYST-CAT24C03_06 Datasheet
434Kb / 18P
   2-Kb and 4-Kb I2C Serial EEPROM with Partial Array Write Protection
logo
ON Semiconductor
CAT24C03 ONSEMI-CAT24C03 Datasheet
165Kb / 14P
   2-Kb and 4-Kb I2C Serial EEPROM with Partial Array Write Protection
August, 2009 ??Rev. 3
logo
Catalyst Semiconductor
CAT24C05 CATALYST-CAT24C05 Datasheet
434Kb / 18P
   2-Kb and 4-Kb I2C Serial EEPROM with Partial Array Write Protection
CAT24FC65 CATALYST-CAT24FC65 Datasheet
446Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM with Partial Array Write Protection
CAT24WC66 CATALYST-CAT24WC66_06 Datasheet
155Kb / 13P
   64K-bit I2C Serial EEPROM with Partial Array Write Protection
CAT24WC03 CATALYST-CAT24WC03_05 Datasheet
362Kb / 14P
   2K/4K-Bit Serial EEPROM with Partial Array Write Protection
logo
ON Semiconductor
CAT24S128 ONSEMI-CAT24S128 Datasheet
96Kb / 12P
   128 Kb I2C CMOS Serial EEPROM with Software Write Protect
September, 2018 ??Rev. 7
CAT24AA01 ONSEMI-CAT24AA01_15 Datasheet
91Kb / 10P
   1-Kb and 2-Kb I2C CMOS Serial EEPROM
May, 2015 ??Rev. 5
CAT24AA01 ONSEMI-CAT24AA01 Datasheet
170Kb / 10P
   1-Kb and 2-Kb I2C CMOS Serial EEPROM
August, 2009 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com