データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BZW04P15B データシート(PDF) 4 Page - DB Lectro Inc

部品番号 BZW04P15B
部品情報  GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 to 440 Volts 400 Watts Peak 1.0 Watt Steady Stae
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DBLECTRO [DB Lectro Inc]
ホームページ  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

BZW04P15B データシート(HTML) 4 Page - DB Lectro Inc

  BZW04P15B Datasheet HTML 1Page - DB Lectro Inc BZW04P15B Datasheet HTML 2Page - DB Lectro Inc BZW04P15B Datasheet HTML 3Page - DB Lectro Inc BZW04P15B Datasheet HTML 4Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Ratings and
Characteristic Curves(T
A=25
unless otherwise noted)
BZW04 SERIES
RATINGS AND CHARACTERISTIC CURVES
10
100
1000
110
100
Fig.6 - Maximum Non-Repetitive Forward
Surge Current Uni-Directional Only
200
TJ = TJ max.
8.3ms Single Half Sine-Wave
(JEDEC Method)
5
50
Number of Cycles at 60 Hz
50
0.01
0.1
1
10
100
0
50
100
150
200
250
300
350
400
450
500
Measured at Devices
Stand-off Voltage,VWM
TA = 25°C
V(BR) - Breakdown Voltage (V)
Fig.7 - Typical Reverse Leakage Characteristics
3.0
4.0
150
0
1.0
2.0
tr = 10µsec.
Peak Value
IPPM
Half Value- IPPM
2
TJ = 25°C
Pulse Width(td)is defined
as the point where the
peak current decays to
50% of IPPM
10/1000µsec.Waveform
as defined by R.E.A.
td
Fig.3 - Pulse Waveform
3.0
0
4.0
50
100
t - Time(ms)
1
10
100
0.001
0.01
0.1
1
10
100
1000
Fig. 8 - Typ.Transient Thermal Impedance
tp-Pulse Duration (sec)
0.00
0.13
0.25
0.38
0.50
0.63
0.75
0.88
1.00
0
25
50
75
100
125
150
175
200
0
60 HZ Resistive or
Inductive Load
L=0.375" (9.5mm)
Lead Lengths
1.6x1.6x.040"
(40x40x1mm)
Copper Heat Sinks
TL - Lead Temperature (°C)
Fig.5 - steady State Power Derating Curve
0.1
1
10
100
Fig. 1 - Peak Pulse Power Rating
10ms
Non-repetitive Pulse
Waveform shown in Fig. 3
TA=25°C
0.1µs
1.0µs
10µs
100µs
1.0ms
td - Pulse Width (sec.)
10
100
1000
10000
1.0
100
200
10
Measured at
Stand-Off
Voltage, VWM
TJ = 25°C
f = 1.0MHZ
Vsig = 50mVp-p
Measured at Zero Bias
Fig.4 - Typ.Junction Capacitance Uni-Directional
VWM - Reverse Stand-Off Voltage (V)
0
25
50
75
100
0
25
50
75
100
125
150
175
200
Fig.2 - Pulse Derating Curve
TA - Ambient Temperature (°C)
DB LECTRO Inc.
DB LECTRO Inc. 3600 boul. Matte suite i Brossard Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714


同様の部品番号 - BZW04P15B

メーカー部品番号データシート部品情報
logo
DB Lectro Inc
BZW04P15B DBLECTRO-BZW04P15B Datasheet
293Kb / 1P
   MINI TYPE LED LAMPS
logo
Galaxy Semi-Conductor H...
BZW04P15B BILIN-BZW04P15B Datasheet
113Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
BZW04P15B VISHAY-BZW04P15B Datasheet
105Kb / 6P
   TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
logo
MDE Semiconductor, Inc.
BZW04P15B MDE-BZW04P15B Datasheet
74Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Taychipst Elec...
BZW04P15B TAYCHIPST-BZW04P15B Datasheet
3Mb / 4P
   Transient Voltage Suppressors
More results

同様の説明 - BZW04P15B

メーカー部品番号データシート部品情報
logo
Pan Jit International I...
P4KE PANJIT-P4KE Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 400 Watt Peak Power 1.0 Watt Steady State)
logo
DB Lectro Inc
1.5KE DBLECTRO-1.5KE Datasheet
147Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-6.8 TO 440 Volts 1500 watt Peak Power / 6.5 Watt Steady State
logo
Pan Jit International I...
P6KE PANJIT-P6KE Datasheet
62Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State)
logo
StarHope
TVS-P4KE SPSEMI-TVS-P4KE Datasheet
324Kb / 6P
   Glass Passivated Junction Transient Voltage Suppressor Voltage - 6.8 to 550 Volts 400 Watt Peak Power/1.0Watt Steady State
logo
Surge Components
P6KE SURGE-P6KE Datasheet
201Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-6.8 to 440 Volts?
logo
StarHope
TVS-P6KE SPSEMI-TVS-P6KE Datasheet
323Kb / 6P
   Glass Passivated Junction Transient Voltage Suppressor Voltage - 6.8 to 600 Volts 600 Watt Peak Power/5.0Watt Steady State
logo
Microdiode Electronics ...
P4KE6.8 CHENDA-P4KE6.8 Datasheet
838Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR Breakdown Voltage 6.8-440 Volts Peak Pulse Power400 Watts
P6KE6.8 CHENDA-P6KE6.8 Datasheet
839Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR Breakdown Voltage 6.8-440 Volts Peak Pulse Power 600 Watts
logo
StarHope
TVS-1KE SPSEMI-TVS-1KE Datasheet
324Kb / 6P
   Glass Passivated Junction Transient Voltage Suppressor Stand-Off Voltage - 6.8 to 550 Volts 1500 Watt Peak Pulse Power/6.5 Watt Steady State
P4KE SPSEMI-P4KE Datasheet
373Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 to 550 Volts
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com