データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DM74ALS373N データシート(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 DM74ALS373N
部品情報  Octal D-Type TRI-STATE Transparent Latch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

DM74ALS373N データシート(HTML) 3 Page - National Semiconductor (TI)

  DM74ALS373N Datasheet HTML 1Page - National Semiconductor (TI) DM74ALS373N Datasheet HTML 2Page - National Semiconductor (TI) DM74ALS373N Datasheet HTML 3Page - National Semiconductor (TI) DM74ALS373N Datasheet HTML 4Page - National Semiconductor (TI) DM74ALS373N Datasheet HTML 5Page - National Semiconductor (TI) DM74ALS373N Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Switching Characteristics over recommended operating free air temperature range (Note 1)
Symbol
Parameter
Conditions
From
To
Min
Max
Units
tPLH
Propagation Delay Time
VCC e 45V to 55V
Data
Any Q
212
ns
Low to High Level Output
RL e 500X
tPHL
Propagation Delay Time
CL e 50 pF
Data
Any Q
416
ns
High to Low Level Output
tPLH
Propagation Delay Time
Enable
Any Q
622
ns
Low to High Level Output
tPHL
Propagation Delay Time
Enable
Any Q
723
ns
High to Low Level Output
tPZH
Output Enable Time
Output
Any Q
618
ns
to High Level Output
Control
tPZL
Output Enable Time
Output
Any Q
520
ns
to Low Level Output
Control
tPHZ
Output Disable Time
Output
Any Q
210
ns
from High Level Output
Control
tPLZ
Output Disable Time
Output
Any Q
212
ns
from Low Level Output
Control
Note 1
See Section 5 for test waveforms and output load
Function Table
Output
Enable
D
Output
Control
G
Q
LH
H
H
LH
L
L
LL
X
Q0
HX
X
Z
L e Low State H e High State X e Don’t Care
Z e High Impedance State
Q0 e Previous Condition of Q
http
www nationalcom
3


同様の部品番号 - DM74ALS373N

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
DM74ALS373N FAIRCHILD-DM74ALS373N Datasheet
71Kb / 7P
   Octal D-Type 3-STATE Transparent Latch
More results

同様の説明 - DM74ALS373N

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
DM74AS533 NSC-DM74AS533 Datasheet
126Kb / 4P
   Octal D-Type Transparent Latch with TRI-STATE Outputs
MM54HCT573 NSC-MM54HCT573 Datasheet
127Kb / 6P
   TRI-STATE Octal D-Type Latch / TRI-STATE Octal D-Type Flip-Flop
74ABT373 NSC-74ABT373 Datasheet
333Kb / 16P
   Octal Transparent Latch with TRI-STATE Outputs
54F373DM NSC-54F373DM Datasheet
174Kb / 8P
   Octal Transparent Latch with TRI-STATE Outputs
54FCT533 NSC-54FCT533 Datasheet
152Kb / 6P
   Octal Transparent Latch with TRI-STATE Outputs
54ABT373 NSC-54ABT373 Datasheet
357Kb / 14P
   Octal Transparent Latch with TRI-STATE Outputs
54F533DM NSC-54F533DM Datasheet
166Kb / 8P
   Octal Transparent Latch with TRI-STATE Outputs
54AC373 NSC-54AC373 Datasheet
166Kb / 10P
   Octal Transparent Latch with TRI-STATE Outputs
54FCT373 NSC-54FCT373 Datasheet
146Kb / 8P
   Octal Transparent Latch with TRI-STATE Outputs
logo
System Logic Semiconduc...
SL74LV373 SLS-SL74LV373 Datasheet
47Kb / 8P
   OCTAL D-TYPE TRANSPARENT LATCH(3-State)
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com