データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CX50331 データシート(PDF) 6 Page - List of Unclassifed Manufacturers

部品番号 CX50331
部品情報  0.18um Structured ASIC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC1 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC1 - List of Unclassifed Manufacturers

CX50331 データシート(HTML) 6 Page - List of Unclassifed Manufacturers

  CX50331 Datasheet HTML 1Page - List of Unclassifed Manufacturers CX50331 Datasheet HTML 2Page - List of Unclassifed Manufacturers CX50331 Datasheet HTML 3Page - List of Unclassifed Manufacturers CX50331 Datasheet HTML 4Page - List of Unclassifed Manufacturers CX50331 Datasheet HTML 5Page - List of Unclassifed Manufacturers CX50331 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
CX5000:
0.18um Structured ASIC Product Family
© ChipX Inc.
6
CEC034 (9/20/05)
TABLE 4: CX5000 SUPPORTED I/O
I/O STANDARD
VDD
NOTES
LVTTL25/33
2.5V/3.3V
Selectable drive strength, pull-up/down, slew-rate, hysteresis, Bidir
LVCMOS25/33
2.5V/3.3V
Selectable drive strength, pull-up/down, slew-rate, hysteresis, Bidir
PCI
3.3V
PCI Standard 2.2 at up to 66MHz
PCI-X
3.3V
PCI-X standard at up to 133MHz
USB
3.3V
USB Standard 1.1 at 4Mbps and 12Mbps
LVDS
3.3V
IEEE 1596.3-1996, ANSI/TIA/EIA-644-1995
LVPECL
3.3V
SSTL2/3
2.5V/3.3V
Support for Class I and II
HSTL
1.5V
Support for Class I, II and IV
RSDS
RSDS V1.0
Electrical Specifications
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
MIN
MAX
UNITS
VDDCore
Core Supply Voltage
-0.25
2.25
V
VDDI/O
I/O Supply Voltage
-0.25
4.0
V
Vin/Vout
DC Input and Output
-0.25
4.0
V
TJ
Junction Temperature
-55
155
°C
NORMAL OPERATING CONDITIONS
SYMBOL
PARAMETER
MIN
MAX
UNITS
VDD1.8v
Core and I/O Supply Voltage
1.5
1.98
V
VDD 2.5v
I/O Supply Voltage
2.25
2.75
V
VDD 3.3v
I/O Supply Voltage
3.0
3.6
V
Design Flow
ChipX spends considerable development effort to ensure that taping out a design to a CX5000 Structured
ASIC is a simple, painless, and risk-free endeavor. ChipX provides on-line downloadable libraries for both
Synopsys and Synplify ASIC synthesis tools.
RTL or Netlist Handoff
Many customers prefer to handoff their RTL designs early and let ChipX perform the entire timing closure
loop, including synthesis and final simulations. ChipX can also convert obsolete design netlists and even
well specified concept designs into prototypes rapidly and reliably.
Packaging and Test
ChipX uses world-class external packaging and test facilities in the United States and Taiwan to
assemble and complete commercial, industrial, or military testing and qualification of products. A vast
standard packaging library that includes the most popular DIP, QFP, BGA, fine-pitch BGA, and PGA
package sizes supports the CX5000 product line. The CX5000 is guaranteed to match any standard
FPGA device with a pin-for-pin replacement package. For specialist applications, multi-chip modules or
hard-to-find hermetic or BGA package sizes, ChipX experienced custom package design staff can create
a package or pinout to your specifications. ChipX offers SCAN insertion and ATPG as well as fault
grading, at speed test, Mil 883 test flows and a variety of additional test and QA services to match every
product requirement.
For more information, please visit our website: www.chipx.com


同様の部品番号 - CX50331

メーカー部品番号データシート部品情報
logo
Kyocera Kinseki Corpota...
CX5032GA KSS-CX5032GA Datasheet
69Kb / 1P
   Crystal units surface mount type
CX5032GA08000H0QTVZ1 KSS-CX5032GA08000H0QTVZ1 Datasheet
69Kb / 1P
   Crystal units surface mount type
CX5032GA10000H0QSWZZ KSS-CX5032GA10000H0QSWZZ Datasheet
1Mb / 27P
   Crystal Units Surface Mount Type
CX5032GA12000H0QSWZZ KSS-CX5032GA12000H0QSWZZ Datasheet
1Mb / 27P
   Crystal Units Surface Mount Type
CX5032GA15000H0QSWZZ KSS-CX5032GA15000H0QSWZZ Datasheet
1Mb / 27P
   Crystal Units Surface Mount Type
More results

同様の説明 - CX50331

メーカー部品番号データシート部品情報
logo
AMI SEMICONDUCTOR
X2P376 AMI-X2P376 Datasheet
1,022Kb / 14P
   0.15mm Structured ASIC
X2P360 AMI-X2P360 Datasheet
157Kb / 2P
   0.15關m Structured ASIC
logo
STMicroelectronics
ISB35000 STMICROELECTRONICS-ISB35000 Datasheet
345Kb / 15P
   HCMOS STRUCTURED ARRAY
logo
ATMEL Corporation
ATL25 ATMEL-ATL25 Datasheet
232Kb / 14P
   ASIC
ATU18 ATMEL-ATU18 Datasheet
186Kb / 12P
   0.18um ULC Series with Embedded DPRAM
logo
Pan Jit International I...
QR1006F-AU PANJIT-QR1006F-AU Datasheet
303Kb / 6P
   PLANAR STRUCTURED SUPERFAST RECOVERY RECTIFIERS
QRT8A06 PANJIT-QRT8A06 Datasheet
775Kb / 8P
   PLANAR STRUCTURED SUPERFAST RECOVERY RECTIFIERS
QRT10A06 PANJIT-QRT10A06 Datasheet
626Kb / 7P
   PLANAR STRUCTURED SUPERFAST RECOVERY RECTIFIERS
QRT812 PANJIT-QRT812 Datasheet
688Kb / 7P
   PLANAR STRUCTURED SUPERFAST RECOVERY RECTIFIERS
logo
List of Unclassifed Man...
M1EN ETC1-M1EN Datasheet
44Kb / 6P
   CMOS ASIC encoder
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com