データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FAN5078 データシート(PDF) 7 Page - Fairchild Semiconductor

部品番号 FAN5078
部品情報  DDR/ACPI Regulator Combo
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5078 データシート(HTML) 7 Page - Fairchild Semiconductor

Back Button FAN5078 Datasheet HTML 3Page - Fairchild Semiconductor FAN5078 Datasheet HTML 4Page - Fairchild Semiconductor FAN5078 Datasheet HTML 5Page - Fairchild Semiconductor FAN5078 Datasheet HTML 6Page - Fairchild Semiconductor FAN5078 Datasheet HTML 7Page - Fairchild Semiconductor FAN5078 Datasheet HTML 8Page - Fairchild Semiconductor FAN5078 Datasheet HTML 9Page - Fairchild Semiconductor FAN5078 Datasheet HTML 10Page - Fairchild Semiconductor FAN5078 Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
© 2006 Fairchild Semiconductor Corporation
7
www.fairchildsemi.com
FAN5078 Rev. 1.0.0 • 05/11/06
Electrical Specifications
Recommended operating conditions; component values per Figure 1, unless otherwise noted.
Parameter
Conditions
Min.
Typ.
Max.
Units
Power Supplies
VCC Current:
S0
LDRV, HDRV Open, FB forced above
regulation point, I(VTT) = 0, EN=1, S3#I=1
15
24
mA
S3
EN=1, S3#I = LOW, I(3.3) < 10mA
15
24
mA
S5
EN=0, I(3.3) = 0
2
4
mA
Rising VCC
4.0
4.2
4.4
V
Falling
3.9
4,1
4.3
V
VCC UVLO Threshold
Hysteresis
0.15
V
Rising
4.3
4.4
4.6
V
Falling
3.9
4.1
4.2
V
5V MAIN UVLO Threshold
Hysteresis
0.30
V
5V MAIN Input Resistance
to GND
35
62
KΩ
Oscillator
Frequency
255
300
345
KHz
Ramp Amplitude, pk–pk
(1)
1.8
V
Ramp Offset
0.5
V
Reference and Soft Start
Internal Reference Voltage
0.891
0.900
0.909
V
ILIM Reference Voltage
-2
μA > IILIM > -18μA
0.882
0.900
0.918
V
Initial ramp after power-up
4.2
Average Soft Start Current
(ISS)
During PWM / LDO soft start
45
µA
SS Discharge Resistance
EN = 0
150
SS Complete Threshold
1.5
V
SS Complete Hysteresis
50
mV
PWM Converter
Load Regulation
IOUT from 0 to 15A
-2
+2
%
FB Bias Current
-1.8
-1.3
-0.8
µA
Under-Voltage Shutdown
as % of set point, 2
μS noise filter
65
75
80
%
Over-Voltage Threshold
as % of set point
110
115
120
%
ISNS Over-Current Threshold
RILIM= 56KΩ
-195
-170
-145
µA
VDDQ IN Discharge
Resistance
EN = 0
20
55
COMP Source Current
VCOMP = 2.5V
650
µA
COMP Sink Current
VCOMP = 2.5V
100
µA
Error Amp GBW Product
(1)
5.5
MHz
Error Amp DC Gain
(1)
82
dB


同様の部品番号 - FAN5078

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FAN5078D3 FAIRCHILD-FAN5078D3 Datasheet
611Kb / 18P
   Complete ACPI Compliant Power Solution for DDR3 Memory System
FAN5078D3MPX FAIRCHILD-FAN5078D3MPX Datasheet
611Kb / 18P
   Complete ACPI Compliant Power Solution for DDR3 Memory System
More results

同様の説明 - FAN5078

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FAN5068 FAIRCHILD-FAN5068 Datasheet
159Kb / 18P
   DDR-1/DDR-2 plus ACPI Regulator Combo
logo
Intersil Corporation
ISL6532C INTERSIL-ISL6532C Datasheet
506Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Renesas Technology Corp
ISL6532A RENESAS-ISL6532A Datasheet
890Kb / 18P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Intersil Corporation
ISL6537ACRZ-T INTERSIL-ISL6537ACRZ-T Datasheet
413Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
ISL6548 INTERSIL-ISL6548 Datasheet
464Kb / 15P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Richtek Technology Corp...
RT9644 RICHTEK-RT9644 Datasheet
357Kb / 17P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Intersil Corporation
ISL6548A INTERSIL-ISL6548A_06 Datasheet
500Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Renesas Technology Corp
ISL6532 RENESAS-ISL6532 Datasheet
772Kb / 15P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
ISL6548A RENESAS-ISL6548A Datasheet
788Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Intersil Corporation
ISL6548A INTERSIL-ISL6548A Datasheet
494Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com