データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ES35P40-75CC2T データシート(PDF) 9 Page - Excel Semiconductor Inc.

部品番号 ES35P40-75CC2T
部品情報  4Mbit CMOS 3.0 Volt Flash Memory with 75Mhz SPI Bus Interface
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  EXCELSEMI [Excel Semiconductor Inc.]
ホームページ  
Logo EXCELSEMI - Excel Semiconductor Inc.

ES35P40-75CC2T データシート(HTML) 9 Page - Excel Semiconductor Inc.

Back Button ES35P40-75CC2T Datasheet HTML 5Page - Excel Semiconductor Inc. ES35P40-75CC2T Datasheet HTML 6Page - Excel Semiconductor Inc. ES35P40-75CC2T Datasheet HTML 7Page - Excel Semiconductor Inc. ES35P40-75CC2T Datasheet HTML 8Page - Excel Semiconductor Inc. ES35P40-75CC2T Datasheet HTML 9Page - Excel Semiconductor Inc. ES35P40-75CC2T Datasheet HTML 10Page - Excel Semiconductor Inc. ES35P40-75CC2T Datasheet HTML 11Page - Excel Semiconductor Inc. ES35P40-75CC2T Datasheet HTML 12Page - Excel Semiconductor Inc. ES35P40-75CC2T Datasheet HTML 13Page - Excel Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
ES I
ES I
9
Rev. 0D May 11 , 2006
ES25P40
Excel Semiconductor inc.
ADVANCED INFORMATION
INSTRUCTIONS
All instructions, addresses, and data are shifted in
and out of the device, starting with the most signifi-
cant bit. Serial Data Input (SI) is sampled on the first
rising edge of Serial Clock (SCK) after Chip Select
(CS#) is driven Low. Then, the one byte instruction
code must be shifted in to the device, most signifi-
cant bit first, on Serial Data Input (SI), each bit being
latched on the rising edges of Serial Clock (SCK).
The instruction set is listed in Table 3.
Every instruction sequence starts with a one byte
instruction code. Depending on the instruction, this
might be followed by address bytes, or by data
bytes, or by both or none. Chip Select (CS#) must be
driven High after the last bit of the instruction
sequence has been shifted in.
In the case of a Read Data Bytes (READ), Read Sta-
tus Register (RDSR), Read Data Bytes at higher
speed (FAST_READ), Read Identification (RDID) ,
Read Manufacturer and Device ID (RDMD), Read
Parameter Page (RDPARA) and Fast Read Parame-
ter Page (FRDPARA) instructions, the shifted-in
instruction sequence is followed by a data-out
sequence.
Chip Select (CS#) can be driven High after any bit
of the data-out sequence is being shifted out to ter-
minate the transaction.
In the case of a Page Program (PP), Program
Parameter Page (PPP), Sector Erase (SE), Bulk
Erase (BE), Parameter Page Erase(PE), Write Sta-
tus Register (WRSR), Write Enable (WREN), Deep
Power Down (DP) or Write Disable (WRDI) instruc-
tion, Chip Select (CS#) must be driven High exactly
at a byte boundary, otherwise the instruction is
rejected, and is not executed. That is, Chip Select
(CS#) must driven High when the number of clock
pulses after Chip Select (CS#) being driven Low is
an exact multiple of eight.
All attempts to access the memory array during a
Write Status Register cycle, Program cycle or Erase
cycle are ignored, and the internal Write Status
Register cycle, Program cycle or Erase cycle con-
tinues unaffected.


同様の部品番号 - ES35P40-75CC2T

メーカー部品番号データシート部品情報
logo
Excel Semiconductor Inc...
ES35P16-75CC2R EXCELSEMI-ES35P16-75CC2R Datasheet
435Kb / 35P
   16Mbit CMOS 3.0 Volt Flash Memory with 75Mhz SPI Bus Interface
ES35P16-75CC2T EXCELSEMI-ES35P16-75CC2T Datasheet
435Kb / 35P
   16Mbit CMOS 3.0 Volt Flash Memory with 75Mhz SPI Bus Interface
ES35P16-75CC2Y EXCELSEMI-ES35P16-75CC2Y Datasheet
435Kb / 35P
   16Mbit CMOS 3.0 Volt Flash Memory with 75Mhz SPI Bus Interface
ES35P16-75CG2R EXCELSEMI-ES35P16-75CG2R Datasheet
435Kb / 35P
   16Mbit CMOS 3.0 Volt Flash Memory with 75Mhz SPI Bus Interface
ES35P16-75CG2T EXCELSEMI-ES35P16-75CG2T Datasheet
435Kb / 35P
   16Mbit CMOS 3.0 Volt Flash Memory with 75Mhz SPI Bus Interface
More results

同様の説明 - ES35P40-75CC2T

メーカー部品番号データシート部品情報
logo
Excel Semiconductor Inc...
ES25P16 EXCELSEMI-ES25P16 Datasheet
435Kb / 35P
   16Mbit CMOS 3.0 Volt Flash Memory with 75Mhz SPI Bus Interface
ES25P80 EXCELSEMI-ES25P80 Datasheet
435Kb / 35P
   8Mbit CMOS 3.0 Volt Flash Memory with 75Mhz SPI Bus Interface
logo
SPANSION
S25FL004A SPANSION-S25FL004A Datasheet
945Kb / 39P
   4-Megabit CMOS 3.0 Volt Flash Memory with 50 Mhz SPI Bus Interface
S25FL004D SPANSION-S25FL004D Datasheet
724Kb / 36P
   4 Megabit CMOS 3.0 Volt Flash Memory with 50 Mhz SPI Bus Interface
S25FL064A SPANSION-S25FL064A Datasheet
949Kb / 32P
   64 Megabit CMOS 3.0 Volt Flash Memory with 50MHz SPI (Serial Peripheral Interface) Bus
S25FL032A SPANSION-S25FL032A Datasheet
941Kb / 36P
   32 Megabit CMOS 3.0 Volt Flash Memory with 50MHz SPI (Serial Peripheral Interface) Bus
S25FL016A SPANSION-S25FL016A Datasheet
997Kb / 34P
   16 Megabit CMOS 3.0 Volt Flash Memory with 50MHz SPI (Serial Peripheral Interface) Bus
S25FL128P SPANSION-S25FL128P Datasheet
1Mb / 48P
   128 Megabit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Bus
S25FL016A SPANSION-S25FL016A_08 Datasheet
1Mb / 36P
   16 Megabit CMOS 3.0 Volt Flash Memory with 50-MHz SPI (Serial Peripheral Interface) Bus
S25FL008A SPANSION-S25FL008A Datasheet
960Kb / 32P
   8-Megabit CMOS 3.0 Volt Flash Memory with 50 MHz SPI (Serial Peripheral Interface) Bus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com