データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ES29LV160DB-12TG データシート(PDF) 1 Page - Excel Semiconductor Inc.

部品番号 ES29LV160DB-12TG
部品情報  16Mbit(2M x 8/1M x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  EXCELSEMI [Excel Semiconductor Inc.]
ホームページ  
Logo EXCELSEMI - Excel Semiconductor Inc.

ES29LV160DB-12TG データシート(HTML) 1 Page - Excel Semiconductor Inc.

  ES29LV160DB-12TG Datasheet HTML 1Page - Excel Semiconductor Inc. ES29LV160DB-12TG Datasheet HTML 2Page - Excel Semiconductor Inc. ES29LV160DB-12TG Datasheet HTML 3Page - Excel Semiconductor Inc. ES29LV160DB-12TG Datasheet HTML 4Page - Excel Semiconductor Inc. ES29LV160DB-12TG Datasheet HTML 5Page - Excel Semiconductor Inc. ES29LV160DB-12TG Datasheet HTML 6Page - Excel Semiconductor Inc. ES29LV160DB-12TG Datasheet HTML 7Page - Excel Semiconductor Inc. ES29LV160DB-12TG Datasheet HTML 8Page - Excel Semiconductor Inc. ES29LV160DB-12TG Datasheet HTML 9Page - Excel Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 54 page
background image
ES I
ES I
1
Rev. 1C Jan 5 , 2006
ES29LV160D
Excel Semiconductor inc.
ES29LV160D
16Mbit(2M x 8/1M x 16)
CMOS 3.0 Volt-only, Boot Sector Flash Memory
GENERAL FEATURES
• Single power supply operation
- 2.7V -3.6V for read, program and erase operations
•Sector Structure
- 16Kbyte x 1, 8Kbyte x 2, 32Kbyte x 1 boot sectors
- 64Kbyte x 31 sectors
• Top or Bottom boot block
- ES29LV160DT for Top boot block device
- ES29LV160DB for Bottom boot block device
• Package Options
- 48-pin TSOP
- 48-ball FBGA ( 6 x 8 mm )
- Pb-free packages
- All Pb-free products are RoHS-Compliant
• Low Vcc write inhibit
• Manufactured on 0.18um process technology
• Compatible with JEDEC standards
- Pinout and software compatible with single-power
supply flash standard
DEVICE PERFORMANCE
• Read access time
- 90ns/120n for normal Vcc range ( 2.7V - 3.6V )
- 70ns for regulated Vcc range ( 3.0V - 3.6V )
• Program and erase time
- Program time : 6us/byte, 8us/word ( typical )
- Sector erase time : 0.7sec/sector ( typical )
• Power consumption (typical values)
- 200nA in standby or automatic sleep mode
- 9mA active read current at 5 MHz
- 15mA active write current during program or erase
• Minimum 100,000 program/erase cycles per sector
• 20 Year data retention at 125oC
SOFTWARE FEATURES
• Erase Suspend / Erase Resume
• Data# poll and toggle for Program/erase status
• CFI ( Common Flash Interface) supported
• Unlock Bypass program
• Autoselect mode
• Auto-sleep mode after tACC + 30ns
HARDWARE FEATURES
• Hardware reset input pin ( RESET#)
- Provides a hardware reset to device
- Any internal device operation is terminated and the
device returns to read mode by the reset
• Ready/Busy# output pin ( RY/BY#)
- Provides a program or erase operational status
about whether it is finished for read or still being
progressed
• Sector protection / unprotection ( RESET# , A9 )
- Hardware method of locking a sector to prevent
any program or erase operation within that sector
- Two methods are provided :
- In-system method by RESET# pin
- A9 high-voltage method for PROM programmers
• Temporary Sector Unprotection ( RESET# )
- Allows temporary unprotection of previously
protected sectors to change data in-system


同様の部品番号 - ES29LV160DB-12TG

メーカー部品番号データシート部品情報
logo
Excel Semiconductor Inc...
ES29LV160DB-80RTG EXCELSEMI-ES29LV160DB-80RTG Datasheet
679Kb / 50P
   8Mbit(1M x 8/512K x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
More results

同様の説明 - ES29LV160DB-12TG

メーカー部品番号データシート部品情報
logo
Excel Semiconductor Inc...
ES29LV160E EXCELSEMI-ES29LV160E Datasheet
700Kb / 53P
   16Mbit(2M x 8/1M x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
AMIC Technology
A29L160 AMICC-A29L160_07 Datasheet
531Kb / 42P
   2M X 8 Bit / 1M X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L160 AMICC-A29L160 Datasheet
556Kb / 45P
   2M X 8 Bit / 1M X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
Austin Semiconductor
AS29LV016J AUSTIN-AS29LV016J Datasheet
420Kb / 40P
   16 Megabit (2M x 8-Bit / 1M x 16-Bit) CMOS 3.0 Volt-Only Boot Sector Flash Memory
AS29LV016 AUSTIN-AS29LV016 Datasheet
414Kb / 40P
   16 Megabit (2M x 8-Bit / 1M x 16-Bit) CMOS 3.0 Volt-Only Boot Sector Flash Memory
logo
AMIC Technology
A29L008 AMICC-A29L008 Datasheet
335Kb / 36P
   1M X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
Excel Semiconductor Inc...
ES29LV320D EXCELSEMI-ES29LV320D Datasheet
583Kb / 59P
   32Mbit(4M x 8/2M x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
AMIC Technology
A29L008A AMICC-A29L008A Datasheet
462Kb / 34P
   1M X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
Excel Semiconductor Inc...
ES29LV320E EXCELSEMI-ES29LV320E Datasheet
745Kb / 58P
   32Mbit(4M x 8/2M x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
ES29LV800D EXCELSEMI-ES29LV800D Datasheet
679Kb / 50P
   8Mbit(1M x 8/512K x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com