データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ES35P40-75CG2Y データシート(PDF) 1 Page - Excel Semiconductor Inc.

部品番号 ES35P40-75CG2Y
部品情報  4Mbit CMOS 3.0 Volt Flash Memory with 75Mhz SPI Bus Interface
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  EXCELSEMI [Excel Semiconductor Inc.]
ホームページ  
Logo EXCELSEMI - Excel Semiconductor Inc.

ES35P40-75CG2Y データシート(HTML) 1 Page - Excel Semiconductor Inc.

  ES35P40-75CG2Y Datasheet HTML 1Page - Excel Semiconductor Inc. ES35P40-75CG2Y Datasheet HTML 2Page - Excel Semiconductor Inc. ES35P40-75CG2Y Datasheet HTML 3Page - Excel Semiconductor Inc. ES35P40-75CG2Y Datasheet HTML 4Page - Excel Semiconductor Inc. ES35P40-75CG2Y Datasheet HTML 5Page - Excel Semiconductor Inc. ES35P40-75CG2Y Datasheet HTML 6Page - Excel Semiconductor Inc. ES35P40-75CG2Y Datasheet HTML 7Page - Excel Semiconductor Inc. ES35P40-75CG2Y Datasheet HTML 8Page - Excel Semiconductor Inc. ES35P40-75CG2Y Datasheet HTML 9Page - Excel Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
ES I
ES I
1
Rev. 0D May 11 , 2006
ES25P40
Excel Semiconductor inc.
ADVANCED INFORMATION
ES25P40
4Mbit CMOS 3.0 Volt Flash Memory
with 75Mhz SPI Bus Interface
ARCHITECTURAL ADVANTAGES
• Single power supply operation
- 2.7V -3.6V for read and program operations
• Memory Architecture
- Eight sectors with 512 Kb each
• Program
- Page program ( up to 256 bytes) in 1.5ms (typical)
- Program cycles are on a page by page basis
•Erase
- 0.5s typical sector erase time
- 3s typical bulk erase time
• Endurance
- 100,000 cycles per sector (typical)
• Data Retention
- 20 years (typical)
• Parameter Page
- 256 Byte page independent from main memory
for parameter storage
- Seperate from array, erase time < 20ms
• Device ID
- JEDEC standard two-byte electronic signature
- RES instruction one-byte electronic signature for
backward compatibility
- Manufacturer and device type ID
• Process Technology
- Manufactured on 0.18um process technology
• Package Option
- Industry Standard Pinouts
- 8-pin SO (208mil) package
- All Pb-Free devices are RoHS Compliant
PERFORMANCE CHARACTERISTICS
•Speed
- 75Mhz clock rate (maximum)
• Power Saving Standby Mode
- Standby mode 50uA (max)
- Deep Power Down Mode 1uA (typical)
MEMORY PROTECTION FEATURES
• Memory Protection
- W# pin works in conjunction with Status Register Bits
to protect specified memory areas
- Status Register Block Protection Bits (BP2, BP1, BP0)
in status register configure parts of memory as read
only
SOFTWARE FEATURES
• SPI Bus Compatible Serial Interface


同様の部品番号 - ES35P40-75CG2Y

メーカー部品番号データシート部品情報
logo
Excel Semiconductor Inc...
ES35P16-75CC2R EXCELSEMI-ES35P16-75CC2R Datasheet
435Kb / 35P
   16Mbit CMOS 3.0 Volt Flash Memory with 75Mhz SPI Bus Interface
ES35P16-75CC2T EXCELSEMI-ES35P16-75CC2T Datasheet
435Kb / 35P
   16Mbit CMOS 3.0 Volt Flash Memory with 75Mhz SPI Bus Interface
ES35P16-75CC2Y EXCELSEMI-ES35P16-75CC2Y Datasheet
435Kb / 35P
   16Mbit CMOS 3.0 Volt Flash Memory with 75Mhz SPI Bus Interface
ES35P16-75CG2R EXCELSEMI-ES35P16-75CG2R Datasheet
435Kb / 35P
   16Mbit CMOS 3.0 Volt Flash Memory with 75Mhz SPI Bus Interface
ES35P16-75CG2T EXCELSEMI-ES35P16-75CG2T Datasheet
435Kb / 35P
   16Mbit CMOS 3.0 Volt Flash Memory with 75Mhz SPI Bus Interface
More results

同様の説明 - ES35P40-75CG2Y

メーカー部品番号データシート部品情報
logo
Excel Semiconductor Inc...
ES25P16 EXCELSEMI-ES25P16 Datasheet
435Kb / 35P
   16Mbit CMOS 3.0 Volt Flash Memory with 75Mhz SPI Bus Interface
ES25P80 EXCELSEMI-ES25P80 Datasheet
435Kb / 35P
   8Mbit CMOS 3.0 Volt Flash Memory with 75Mhz SPI Bus Interface
logo
SPANSION
S25FL004A SPANSION-S25FL004A Datasheet
945Kb / 39P
   4-Megabit CMOS 3.0 Volt Flash Memory with 50 Mhz SPI Bus Interface
S25FL004D SPANSION-S25FL004D Datasheet
724Kb / 36P
   4 Megabit CMOS 3.0 Volt Flash Memory with 50 Mhz SPI Bus Interface
S25FL064A SPANSION-S25FL064A Datasheet
949Kb / 32P
   64 Megabit CMOS 3.0 Volt Flash Memory with 50MHz SPI (Serial Peripheral Interface) Bus
S25FL032A SPANSION-S25FL032A Datasheet
941Kb / 36P
   32 Megabit CMOS 3.0 Volt Flash Memory with 50MHz SPI (Serial Peripheral Interface) Bus
S25FL016A SPANSION-S25FL016A Datasheet
997Kb / 34P
   16 Megabit CMOS 3.0 Volt Flash Memory with 50MHz SPI (Serial Peripheral Interface) Bus
S25FL128P SPANSION-S25FL128P Datasheet
1Mb / 48P
   128 Megabit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Bus
S25FL016A SPANSION-S25FL016A_08 Datasheet
1Mb / 36P
   16 Megabit CMOS 3.0 Volt Flash Memory with 50-MHz SPI (Serial Peripheral Interface) Bus
S25FL008A SPANSION-S25FL008A Datasheet
960Kb / 32P
   8-Megabit CMOS 3.0 Volt Flash Memory with 50 MHz SPI (Serial Peripheral Interface) Bus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com