データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ES29DS800FT-70RTG データシート(PDF) 8 Page - Excel Semiconductor Inc.

部品番号 ES29DS800FT-70RTG
部品情報  4Mbit(512Kx 8/256K x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  EXCELSEMI [Excel Semiconductor Inc.]
ホームページ  
Logo EXCELSEMI - Excel Semiconductor Inc.

ES29DS800FT-70RTG データシート(HTML) 8 Page - Excel Semiconductor Inc.

Back Button ES29DS800FT-70RTG Datasheet HTML 4Page - Excel Semiconductor Inc. ES29DS800FT-70RTG Datasheet HTML 5Page - Excel Semiconductor Inc. ES29DS800FT-70RTG Datasheet HTML 6Page - Excel Semiconductor Inc. ES29DS800FT-70RTG Datasheet HTML 7Page - Excel Semiconductor Inc. ES29DS800FT-70RTG Datasheet HTML 8Page - Excel Semiconductor Inc. ES29DS800FT-70RTG Datasheet HTML 9Page - Excel Semiconductor Inc. ES29DS800FT-70RTG Datasheet HTML 10Page - Excel Semiconductor Inc. ES29DS800FT-70RTG Datasheet HTML 11Page - Excel Semiconductor Inc. ES29DS800FT-70RTG Datasheet HTML 12Page - Excel Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
ES I
ES I
8
Rev.1C January 5, 2006
ES29LV400D
Excel Semiconductor inc.
the device immediately terminates any operation in
progress, tristates all output pins, and ignores all
read/write
commands
for
the duration of
the
RESET# pulse The device also resets the internal
state machine to reading array data. The operation
that was interrupted should be reinitiated once after
the device is ready to accept another command
sequence, to ensure data integrity.
CMOS Standby during Device Reset
Current is reduced for the duration of the RESET#
pulse. When RESET# is held at Vss + 0.3V, the
device draws the greatly reduced CMOS standby
current ( ICC4 ). If RESET# is held at VIL but not
within Vss+0.3V, the standby current will be greater.
RY/BY# and Terminating Operations
If RESET# is asserted during a program or erase
operation, the RY/BY# pin remains a “0” (busy) until
the internal reset operation is completed, which
requires a time of tREADY (during Embedded Algo-
rithms). The system can thus monitor RY/BY# to
determine whether the reset operation is completed.
If RESET# is asserted when a program or erase
operation is not executing (RY/BY# pin is “1”), the
reset operation is completed within a time of tREADY
(not during Embedded Algorithms). The system can
read data after the RESET# pin returns to VIH, which
requires a time of tRH.
RESET# tied to the System Reset
The RESET# pin may be tied to the system reset cir-
cuitry. A system reset would thus also reset the
Flash memory, enabling the system to read the boot-
up firmware from the Flash memory.Refer to the AC
Characteristics tables for RESET# parameters and
to Fig. 17 for the timing diagram.
SECTOR PROTECTION
The ES29LV400 features hardware sector protec-
tion. In the device, sector protection is performed on
the sector previously defined in the Table 3-4. Once
after a sector is protected, any program or erase
operation is not allowed in the protected sector. The
previously protected sectors must be unprotected by
one of the unprotect methods provided here before
changing data in those sectors.
Sector protection can be implemented via two
methods.
- In-system protection
- A9 High-voltage protection
To check whether the sector protection was suc-
cessfully executed or not, another operation called
“protect verification” needs to be performed after
the protection operation on a sector. All protection
and protect verifications provided in the device are
summarized in detail at the Table 1.
In-System Protection
“In-system
protection”,
the
primary
method,
requires VID (11.5V~12.5V) on the RESET# with
A6=0, A1=1, and A0=0. This method can be imple-
mented either in-system or via programming equip-
ment. This method uses standard microprocessor
bus cycle timing. Refer to Fig. 26 for timing diagram
and Fig. 2 for the protection algorithm.
A9 High-Voltage Protection
“High-voltage protection”, the alternate method
intended only for programming equipment, must
force VID (11.5~12.5V) on address pin A9 and con-
trol pin OE# with A6=0, A1=1 and A0=0. Refer to
Fig. 28 for timing diagram and Fig. 4 for the protec-
tion algorithm.
SECTOR UNPROTECTION
The previously protected sectors must be unpro-
tected before modifying any data in the sectors.
The sector unprotection algorithm unprotects all
sectors in parallel. All unprotected sectors must first
be protected prior to the first sector unprotection
write cycle to avoid any over-erase due to the intrin-
sic erase characteristics of the protection cell. After
the unprotection operation, all previously protected
sectors will need to be individually re-protected.
Standard microprocessor bus cycle timings are
used in the unprotection and unprotect verification
operations. Three unprotect methods are provided
in the ES29LV400 device. All unprotection and
unprotect verification cycles are summarized in
detail at the Table 1.
- In-system unprotection
- A9 High-voltage unprotection
- Temporary sector unprotection


同様の部品番号 - ES29DS800FT-70RTG

メーカー部品番号データシート部品情報
logo
Excel Semiconductor Inc...
ES29DS800FT-70TGI EXCELSEMI-ES29DS800FT-70TGI Datasheet
679Kb / 51P
   4Mbit(512Kx 8/256K x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
ES29DS800FT-70WC EXCELSEMI-ES29DS800FT-70WC Datasheet
678Kb / 50P
   8Mbit(1M x 8/512K x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
More results

同様の説明 - ES29DS800FT-70RTG

メーカー部品番号データシート部品情報
logo
Excel Semiconductor Inc...
ES29LV400E EXCELSEMI-ES29LV400E Datasheet
679Kb / 51P
   4Mbit(512Kx 8/256K x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
AMIC Technology
A29L400 AMICC-A29L400 Datasheet
387Kb / 40P
   512K X 8 Bit / 256K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L400A AMICC-A29L400A Datasheet
539Kb / 38P
   512K X 8 Bit / 256K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L400C AMICC-A29L400C Datasheet
440Kb / 37P
   512K X 8 Bit / 256K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29002 AMICC-A29002 Datasheet
312Kb / 32P
   256K X 8 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
logo
SPANSION
S29AL008J70TFI010 SPANSION-S29AL008J70TFI010 Datasheet
1Mb / 54P
   CMOS 3.0 Volt-only Boot Sector Flash Memory
S29AL016J70TFI020 SPANSION-S29AL016J70TFI020 Datasheet
1Mb / 58P
   CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
Eon Silicon Solution In...
EN29LV400A EON-EN29LV400A Datasheet
771Kb / 41P
   4 Megabit (512K X 8-bit / 256K X 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
logo
SPANSION
S29AL016D SPANSION-S29AL016D Datasheet
1Mb / 58P
   16 MEGABIT CMOS 3.0 VOLT ONLY BOOT SECTOR FLASH MEMORY
logo
Eon Silicon Solution In...
EN29LV400A EON-EN29LV400A_11 Datasheet
427Kb / 43P
   4 Megabit (512K x 8-bit / 256K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com