データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ES29LV400F-70RTG データシート(PDF) 6 Page - Excel Semiconductor Inc.

部品番号 ES29LV400F-70RTG
部品情報  4Mbit(512Kx 8/256K x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  EXCELSEMI [Excel Semiconductor Inc.]
ホームページ  
Logo EXCELSEMI - Excel Semiconductor Inc.

ES29LV400F-70RTG データシート(HTML) 6 Page - Excel Semiconductor Inc.

Back Button ES29LV400F-70RTG Datasheet HTML 2Page - Excel Semiconductor Inc. ES29LV400F-70RTG Datasheet HTML 3Page - Excel Semiconductor Inc. ES29LV400F-70RTG Datasheet HTML 4Page - Excel Semiconductor Inc. ES29LV400F-70RTG Datasheet HTML 5Page - Excel Semiconductor Inc. ES29LV400F-70RTG Datasheet HTML 6Page - Excel Semiconductor Inc. ES29LV400F-70RTG Datasheet HTML 7Page - Excel Semiconductor Inc. ES29LV400F-70RTG Datasheet HTML 8Page - Excel Semiconductor Inc. ES29LV400F-70RTG Datasheet HTML 9Page - Excel Semiconductor Inc. ES29LV400F-70RTG Datasheet HTML 10Page - Excel Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 52 page
background image
ES I
ES I
6
Rev.1C January 5, 2006
ES29LV400D
Excel Semiconductor inc.
Several device operational modes are provided in
the ES29LV400 device. Commands are used to ini-
tiate the device operations. They are latched and
stored into internal registers with the address and
data information needed to execute the device
operation.
The available device operational modes are listed
in Table 1 with the required inputs, controls, and the
resulting
outputs.
Each
operational
mode
is
described in further detail in the following subsec-
tions.
Read
The internal state of the device is set for the read
mode and the device is ready for reading array data
upon device power-up, or after a hardware reset. To
read the stored data from the cell array of the
device, CE# and OE# pins should be driven to VIL
while WE# pin remains at VIH. CE# is the power
control and selects the device. OE# is the output
control and gates array data to the output pins.
Word or byte mode of output data is determined by
the BYTE# pin. No additional command is needed
in this mode to obtain array data. Standard micro-
processor read cycles that assert valid addresses
on the device address inputs produce valid data on
the device data outputs. The device stays at the read
mode until another operation is activated by writing
commands into the internal command register. Refer
to the AC read cycle timing diagrams for further
details ( Fig. 16 ).
Word/Byte Mode Configuration ( BYTE# )
The device data output can be configured by BYTE#
into one of two modes : word and byte modes. If the
BYTE# pin is set at logic ‘1’, the device is configured
in word mode, DQ0 - DQ15 are active and controlled
by CE# and OE#. If the BYTE# pin is set at logic ‘0’,
the device is configured in byte mode, and only data
I/O pins DQ0 - DQ7 are active and controlled by CE#
and OE#. The data I/O pins DQ8 - DQ14 are tri-
stated, and the DQ15 pin is used as an input for the
LSB (A-1) address.
Standby Mode
When the device is not selected or activated in a
system, it needs to stay at the standby mode, in
which current consumption is greatly reduced with
outputs in the high impedance state.
DEVICE BUS OPERATIONS


同様の部品番号 - ES29LV400F-70RTG

メーカー部品番号データシート部品情報
logo
Excel Semiconductor Inc...
ES29LV400F-70WCI EXCELSEMI-ES29LV400F-70WCI Datasheet
745Kb / 58P
   32Mbit(4M x 8/2M x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
More results

同様の説明 - ES29LV400F-70RTG

メーカー部品番号データシート部品情報
logo
Excel Semiconductor Inc...
ES29LV400E EXCELSEMI-ES29LV400E Datasheet
679Kb / 51P
   4Mbit(512Kx 8/256K x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
AMIC Technology
A29L400 AMICC-A29L400 Datasheet
387Kb / 40P
   512K X 8 Bit / 256K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L400A AMICC-A29L400A Datasheet
539Kb / 38P
   512K X 8 Bit / 256K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L400C AMICC-A29L400C Datasheet
440Kb / 37P
   512K X 8 Bit / 256K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29002 AMICC-A29002 Datasheet
312Kb / 32P
   256K X 8 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
logo
SPANSION
S29AL008J70TFI010 SPANSION-S29AL008J70TFI010 Datasheet
1Mb / 54P
   CMOS 3.0 Volt-only Boot Sector Flash Memory
S29AL016J70TFI020 SPANSION-S29AL016J70TFI020 Datasheet
1Mb / 58P
   CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
Eon Silicon Solution In...
EN29LV400A EON-EN29LV400A Datasheet
771Kb / 41P
   4 Megabit (512K X 8-bit / 256K X 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
logo
SPANSION
S29AL016D SPANSION-S29AL016D Datasheet
1Mb / 58P
   16 MEGABIT CMOS 3.0 VOLT ONLY BOOT SECTOR FLASH MEMORY
logo
Eon Silicon Solution In...
EN29LV400A EON-EN29LV400A_11 Datasheet
427Kb / 43P
   4 Megabit (512K x 8-bit / 256K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com