データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SD040SA30A データシート(PDF) 1 Page - Sensitron

部品番号 SD040SA30A
部品情報  SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SENSITRON [Sensitron]
ホームページ  http://www.sensitron.com
Logo SENSITRON - Sensitron

SD040SA30A データシート(HTML) 1 Page - Sensitron

  SD040SA30A Datasheet HTML 1Page - Sensitron SD040SA30A Datasheet HTML 2Page - Sensitron SD040SA30A Datasheet HTML 3Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SENSITRON
SEMICONDUCTOR
• 221 West Industry Court
Deer Park, NY 11729-4681
(631) 586-7600 FAX (631) 242-9798
• World Wide Web Site - http://www.sensitron.com • E-Mail Address - sales@sensitron.com •
SD040SA30A/B
Technical Data
Data Sheet 500, Rev.-
SILICON SCHOTTKY RECTIFIER DIE
Very Low Forward Voltage Drop
Applications:
• Switching Power Supply • Converters • Free-Wheeling Diodes • Polarity Protection Diode
Features:
Soft Reverse Recovery at Low and High Temperature
Very Low Forward Voltage Drop
Low Power Loss, High Efficiency
High Surge Capacity
Guard Ring for Enhanced Durability and Long Term Reliability
Guaranteed Reverse Avalanche Characteristics
Electrically / Mechanically Stable during and after Packaging
Maximum Ratings
(1):
Characteristics
Symbol
Condition
Max.
Units
Peak Inverse Voltage
VRWM
-
30
V
Max. Average Forward
Current
IF(AV)
50% duty cycle, rectangular
wave form
1
A
Max. Peak One Cycle Non-
Repetitive Surge Current
IFSM
8.3 ms, half Sine wave
(1)
20
A
Non-Repetitive Avalanche
Energy
EAS
TJ = 25 °C, IAS = 0.74 A,
L = 12 mH
3.2
mJ
Repetitive Avalanche Current
IAR
IAS decay linearly to 0 in 1 µs
ƒ limited by T
J max VA=1.5VR
0.74
A
Max. Junction Temperature
TJ
-
-65 to +150
°C
Max. Storage Temperature
Tstg
-
-65 to +150
°C
Electrical Characteristics
(1):
Characteristics
Symbol
Condition
Max.
Units
Max. Forward Voltage Drop
VF1
@ 1A, Pulse, TJ = 25 °C
0.49
V
VF2
@ 1A, Pulse, TJ = 125 °C
0.39
V
Max. Reverse Current
IR1
@VR = 30V, Pulse,
TJ = 25 °C
120
µA
IR2
@VR = 30V, Pulse,
TJ = 125 °C
6.0
mA
Max. Junction Capacitance
CT
@VR = 5V, TC = 25 °C
fSIG = 1MHz,
VSIG = 50mV (p-p)
90
pF
(1) in SHD package


同様の部品番号 - SD040SA30A

メーカー部品番号データシート部品情報
logo
Sensitron
SD040SA45A SENSITRON-SD040SA45A Datasheet
62Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop (150 C TJ Operation)
SD040SA45B SENSITRON-SD040SA45B Datasheet
62Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop (150 C TJ Operation)
SD040SA60A SENSITRON-SD040SA60A Datasheet
62Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop (150 째C TJ Operation)
SD040SA60A SENSITRON-SD040SA60A Datasheet
44Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop (150 째C TJ Operation)
SD040SA60A SENSITRON-SD040SA60A_10 Datasheet
44Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop (150 째C TJ Operation)
More results

同様の説明 - SD040SA30A

メーカー部品番号データシート部品情報
logo
Sensitron
SD125SB45A SENSITRON-SD125SB45A Datasheet
188Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop
SD125SC150A SENSITRON-SD125SC150A Datasheet
189Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop
SD175SA30A SENSITRON-SD175SA30A Datasheet
54Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop
SD275SA30A SENSITRON-SD275SA30A Datasheet
181Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop
SD060SC200A SENSITRON-SD060SC200A Datasheet
165Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop
SD090SA45A SENSITRON-SD090SA45A Datasheet
54Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop
SD200SA30A SENSITRON-SD200SA30A Datasheet
54Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop
SD200SC200A SENSITRON-SD200SC200A Datasheet
55Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop
SD125SC200A SENSITRON-SD125SC200A Datasheet
190Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop
SD040SC200A SENSITRON-SD040SC200A Datasheet
56Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com