データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SD060SA30A データシート(PDF) 2 Page - Sensitron

部品番号 SD060SA30A
部品情報  SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SENSITRON [Sensitron]
ホームページ  http://www.sensitron.com
Logo SENSITRON - Sensitron

SD060SA30A データシート(HTML) 2 Page - Sensitron

  SD060SA30A Datasheet HTML 1Page - Sensitron SD060SA30A Datasheet HTML 2Page - Sensitron SD060SA30A Datasheet HTML 3Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SENSITRON
SEMICONDUCTOR
• 221 West Industry Court
Deer Park, NY 11729-4681
(631) 586-7600 FAX (631) 242-9798
• World Wide Web Site - http://www.sensitron.com • E-Mail Address - sales@sensitron.com •
SD060SA30A/B
Data Sheet 501, Rev.-
Mechanical Dimensions: In Inches / mm
0.060
± 0.003
(1.52
± 0.077)
0.054
± 0.003
(1.37
± 0.077)
H
Bottom side metalization Ag - 30 kÅ minimum.
Top side metalization Al - 25 kÅ minimum
or Ag - 30 kÅ minimum.
Bottom side is cathode, top side is anode.
Dimension H = 0.0105 ± 0.001 (0.27
± 0.026) for Al top;
Dimension H = 0.0155 ± 0.001 (0.39
± 0.026) for Ag top.
0.0
0.1
0.2
0.3
0.4
0.5
0.6
Forward Voltage Drop - V
F (V)
10
-2
10
-1
10
0
Typical Forward Characteristics
125 °C
150 °C
25 °C
010
20
30
40
Reverse Voltage - V
R (V)
10
-3
10
-2
10
-1
10
0
10
1
10
2
Typical Reverse Characteristics
25 °C
50 °C
75 °C
100 °C
125 °C
150 °C
010
20
30
40
Reverse Voltage - V
R (V)
110
130
150
170
190
Typical Junction Capacitance
25 °C


同様の部品番号 - SD060SA30A

メーカー部品番号データシート部品情報
logo
Sensitron
SD060SA45A SENSITRON-SD060SA45A Datasheet
62Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop (150 C TJ Operation)
SD060SA45B SENSITRON-SD060SA45B Datasheet
62Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop (150 C TJ Operation)
SD060SA60A SENSITRON-SD060SA60A Datasheet
62Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop (150 C TJ Operation)
SD060SA60A SENSITRON-SD060SA60A Datasheet
44Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop (150 째C TJ Operation)
SD060SA60A SENSITRON-SD060SA60A_10 Datasheet
44Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop (150 째C TJ Operation)
More results

同様の説明 - SD060SA30A

メーカー部品番号データシート部品情報
logo
Sensitron
SD125SB45A SENSITRON-SD125SB45A Datasheet
188Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop
SD125SC150A SENSITRON-SD125SC150A Datasheet
189Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop
SD175SA30A SENSITRON-SD175SA30A Datasheet
54Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop
SD275SA30A SENSITRON-SD275SA30A Datasheet
181Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop
SD060SC200A SENSITRON-SD060SC200A Datasheet
165Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop
SD090SA45A SENSITRON-SD090SA45A Datasheet
54Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop
SD200SA30A SENSITRON-SD200SA30A Datasheet
54Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop
SD200SC200A SENSITRON-SD200SC200A Datasheet
55Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop
SD125SC200A SENSITRON-SD125SC200A Datasheet
190Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop
SD040SA30A SENSITRON-SD040SA30A Datasheet
54Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop
SD040SC200A SENSITRON-SD040SC200A Datasheet
56Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com