データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CD214A-T7.5A データシート(PDF) 2 Page - Bourns Electronic Solutions

部品番号 CD214A-T7.5A
部品情報  Transient Voltage Suppressor Diode Series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BOURNS [Bourns Electronic Solutions]
ホームページ  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CD214A-T7.5A データシート(HTML) 2 Page - Bourns Electronic Solutions

  CD214A-T7.5A Datasheet HTML 1Page - Bourns Electronic Solutions CD214A-T7.5A Datasheet HTML 2Page - Bourns Electronic Solutions CD214A-T7.5A Datasheet HTML 3Page - Bourns Electronic Solutions CD214A-T7.5A Datasheet HTML 4Page - Bourns Electronic Solutions CD214A-T7.5A Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
CD214A Transient Voltage Suppressor Diode Series
Electrical Characteristics (@TA = 25 °C unless otherwise noted)
Maximum
Maximum
Maximum
Unidirectional Device
Bidirectional Device
Working Peak
Reverse
Reverse
Reverse
Breakdown Voltage
Reverse
Leakage
Voltage
Surge
Part
Part
Part
Part
VBR (Volts)
Voltage
@ VRWM
@IRSM
Current
Number
Marking
Number
Marking
Min.
Max.
@ IT (mA)
VRWM (Volts)
IR (uA)
VRSM (Volts)
IRSM (Amps)
CD214A-T5.0A
HE
CD214A-T5.0CA
TE
6.40
7.00
10
5.0
800 / 1600
9.2
43.5
CD214A-T6.0A
HG
CD214A-T6.0CA
TG
6.67
7.37
10
6.0
800 / 1600
10.3
38.8
CD214A-T6.5A
HK
CD214A-T6.5CA
TK
7.22
7.98
10
6.5
500 / 1000
11.2
35.7
CD214A-T7.0A
HM
CD214A-T7.0CA
TM
7.78
8.60
10
7.0
200 / 400
12.0
33.3
CD214A-T7.5A
HP
CD214A-T7.5CA
TP
8.33
9.21
1.0
7.5
100 / 200
12.9
31.0
CD214A-T8.0A
HR
CD214A-T8.0CA
TR
8.89
9.83
1.0
8.0
50 / 100
13.6
29.4
CD214A-T8.5A
HT
CD214A-T8.5CA
TT
9.44
10.4
1.0
8.5
10 / 20
14.4
27.7
CD214A-T9.0A
HV
CD214A-T9.0CA
TV
10.0
11.1
1.0
9.0
5 / 10
15.4
26.0
CD214A-T10A
HX
CD214A-T10CA
TX
11.1
12.3
1.0
10
5 / 10
17.0
23.5
CD214A-T11A
HZ
CD214A-T11CA
TZ
12.2
13.2
1.0
11
5.0
18.2
22.0
CD214A-T12A
IE
CD214A-T12CA
UE
13.3
14.7
1.0
12
5.0
19.9
20.1
CD214A-T13A
IG
CD214A-T13CA
UG
14.4
15.9
1.0
13
5.0
21.5
18.6
CD214A-T14A
IK
CD214A-T14CA
UK
15.6
17.2
1.0
14
5.0
23.2
17.2
CD214A-T15A
IM
CD214A-T15CA
UM
16.7
18.5
1.0
15
5.0
24.4
16.4
CD214A-T16A
IP
CD214A-T16CA
UP
17.8
19.7
1.0
16
5.0
26.0
15.3
CD214A-T17A
IR
CD214A-T17CA
UR
18.9
20.9
1.0
17
5.0
27.6
14.5
CD214A-T18A
IT
CD214A-T18CA
UT
20.0
22.1
1.0
18
5.0
29.2
13.7
CD214A-T20A
IV
CD214A-T20CA
UV
22.2
24.5
1.0
20
5.0
32.4
12.3
CD214A-T22A
IX
CD214A-T22CA
UX
24.4
26.9
1.0
22
5.0
35.5
11.2
CD214A-T24A
IZ
CD214A-T24CA
UZ
26.7
29.5
1.0
24
5.0
38.9
10.3
CD214A-T26A
JE
CD214A-T26CA
VE
28.9
31.9
1.0
26
5.0
42.1
9.5
CD214A-T28A
JG
CD214A-T28CA
VG
31.1
34.4
1.0
28
5.0
45.4
8.8
CD214A-T30A
JK
CD214A-T30CA
VK
33.3
36.8
1.0
30
5.0
48.4
8.3
CD214A-T33A
JM
CD214A-T33CA
VM
36.7
40.6
1.0
33
5.0
53.3
7.5
CD214A-T36A
JP
CD214A-T36CA
VP
40
44.2
1.0
36
5.0
58.1
6.9
CD214A-T40A
JR
CD214A-T40CA
VR
44.4
49.1
1.0
40
5.0
64.5
6.2
CD214A-T43A
JT
CD214A-T43CA
VT
47.8
52.8
1.0
43
5.0
69.4
5.7
CD214A-T45A
JV
CD214A-T45CA
VV
50
55.3
1.0
45
5.0
72.7
5.5
CD214A-T48A
JX
CD214A-T48CA
VX
53.3
58.9
1.0
48
5.0
77.4
5.2
CD214A-T51A
JZ
CD214A-T51CA
VZ
56.7
62.7
1.0
51
5.0
82.4
4.9
CD214A-T54A
RE
CD214A-T54CA
WE
60
66.3
1.0
54
5.0
87.1
4.6
CD214A-T58A
RG
CD214A-T58CA
WG
64.4
71.2
1.0
58
5.0
93.6
4.3
CD214A-T60A
RK
CD214A-T60CA
WK
66.7
73.7
1.0
60
5.0
96.8
4.1
CD214A-T64A
RM
CD214A-T64CA
WM
71.1
78.6
1.0
64
5.0
103
3.9
CD214A-T70A
RP
CD214A-T70CA
WP
77.8
86.0
1.0
70
5.0
113
3.5
CD214A-T75A
RR
CD214A-T75CA
WR
83.3
92.1
1.0
75
5.0
121
3.3
CD214A-T78A
RT
CD214A-T78CA
WT
86.7
95.8
1.0
78
5.0
126
3.2
CD214A-T85A
RV
CD214A-T85CA
WV
94.4
104
1.0
85
5.0
137
2.9
CD214A-T90A
RX
CD214A-T90CA
WX
100
111
1.0
90
5.0
146
2.7
CD214A-T100A
RZ
CD214A-T100CA
WZ
111
123
1.0
100
5.0
162
2.5
CD214A-T110A
SE
CD214A-T110CA
XE
122
135
1.0
110
5.0
177
2.3
CD214A-T120A
SG
CD214A-T120CA
XG
133
147
1.0
120
5.0
193
2.0
CD214A-T130A
SK
CD214A-T130CA
XK
144
159
1.0
130
5.0
209
1.9
CD214A-T150A
SM
CD214A-T150CA
XM
167
185
1.0
150
5.0
243
1.6
CD214A-T160A
SP
CD214A-T160CA
XP
178
197
1.0
160
5.0
259
1.5
CD214A-T170A
SR
CD214A-T170CA
XR
189
209
1.0
170
5.0
275
1.4
Notes:
1. Suffix ‘A’ denotes a 5 % tolerance device.
3. For bidirectional devices with a VR of 10 volts or less, the IR limit is double.
2. Suffix ‘CA’ denotes a 5 % tolerance bidirectional device.
4. For unidirectional devices with a VF max. of 3.5 V at an IF of 35 A, 0.5 Sine Wave
of 8.3 ms Pulse Width.


同様の部品番号 - CD214A-T7.5A

メーカー部品番号データシート部品情報
logo
SUNMATE electronic Co.,...
CD214A-T7.5A SUNMATE-CD214A-T7.5A Datasheet
518Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODES
More results

同様の説明 - CD214A-T7.5A

メーカー部品番号データシート部品情報
logo
Bourns Electronic Solut...
SMBJ BOURNS-SMBJ Datasheet
282Kb / 5P
   Transient Voltage Suppressor Diode Series
SMAJ5.0CA-H BOURNS-SMAJ5.0CA-H Datasheet
282Kb / 5P
   Transient Voltage Suppressor Diode Series
CD214C BOURNS-CD214C_08 Datasheet
224Kb / 5P
   Transient Voltage Suppressor Diode Series
CD214B BOURNS-CD214B_08 Datasheet
231Kb / 5P
   Transient Voltage Suppressor Diode Series
CD214C BOURNS-CD214C_10 Datasheet
148Kb / 5P
   Transient Voltage Suppressor Diode Series
SMCJ50CA BOURNS-SMCJ50CA_13 Datasheet
352Kb / 5P
   Transient Voltage Suppressor Diode Series
P6SMB6.8CA-H BOURNS-P6SMB6.8CA-H Datasheet
329Kb / 5P
   Transient Voltage Suppressor Diode Series
P6SMB BOURNS-P6SMB Datasheet
329Kb / 5P
   Transient Voltage Suppressor Diode Series
SMAJ BOURNS-SMAJ Datasheet
282Kb / 5P
   Transient Voltage Suppressor Diode Series
SMAJ-Q BOURNS-SMAJ-Q Datasheet
350Kb / 5P
   Transient Voltage Suppressor Diode Series
5.0SMDJ-Q BOURNS-5.0SMDJ-Q Datasheet
536Kb / 6P
   Transient Voltage Suppressor Diode Series
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com