データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ZXLD1100 データシート(PDF) 4 Page - Zetex Semiconductors

部品番号 ZXLD1100
部品情報  ADJUSTABLE LED DRIVER WITH INTERNAL SWITCH AND OPEN CIRCUIT PROTECTION IN SC70-6
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ZETEX [Zetex Semiconductors]
ホームページ  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXLD1100 データシート(HTML) 4 Page - Zetex Semiconductors

  ZXLD1100 Datasheet HTML 1Page - Zetex Semiconductors ZXLD1100 Datasheet HTML 2Page - Zetex Semiconductors ZXLD1100 Datasheet HTML 3Page - Zetex Semiconductors ZXLD1100 Datasheet HTML 4Page - Zetex Semiconductors ZXLD1100 Datasheet HTML 5Page - Zetex Semiconductors ZXLD1100 Datasheet HTML 6Page - Zetex Semiconductors ZXLD1100 Datasheet HTML 7Page - Zetex Semiconductors ZXLD1100 Datasheet HTML 8Page - Zetex Semiconductors ZXLD1100 Datasheet HTML 9Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ZXLD1100
SEMICO NDUC TORS
ISSUE 4 - JULY 2004
4
BLOCK DIAGRAM
PIN NO.
NAME
DESCRIPTION
1
LX
Output of NDMOS switch
2
GND
Ground (0V)
3
FB
Feedback pin for current control loop (connect resistor R1
from this pin to GND for output current I=100mV/ R1)
4
EN
Enable input (active high to turn on device)
Also used to adjust output current by PWM signal.
Connect to Vin for permanent operation.
5
VSENSE
Output voltage sense (used for open circuit protection).
Connect to GND if not required.
6VIN
Input voltage (2.5V to 5.5V). Decouple with capacitor close
to device.
PIN DESCRIPTION


同様の部品番号 - ZXLD1100

メーカー部品番号データシート部品情報
logo
Diodes Incorporated
ZXLD1100 DIODES-ZXLD1100 Datasheet
241Kb / 16P
   ADJUSTABLE LED DRIVER WITH INTERNAL SWITCH AND OPEN
ZXLD1100H6 DIODES-ZXLD1100H6 Datasheet
241Kb / 16P
   ADJUSTABLE LED DRIVER WITH INTERNAL SWITCH AND OPEN
More results

同様の説明 - ZXLD1100

メーカー部品番号データシート部品情報
logo
Diodes Incorporated
ZXLD1100 DIODES-ZXLD1100 Datasheet
241Kb / 16P
   ADJUSTABLE LED DRIVER WITH INTERNAL SWITCH AND OPEN
logo
Zetex Semiconductors
ZXLD1937 ZETEX-ZXLD1937 Datasheet
226Kb / 16P
   ADJUSTABLE LED DRIVER WITH INTERNAL SWITCH IN TSOT23-5
ZXLD1101 ZETEX-ZXLD1101 Datasheet
221Kb / 16P
   ADJUSTABLE LED DRIVER WITH INTERNAL SWITCH IN TSOT23-5
logo
Diodes Incorporated
ZXLD1101 DIODES-ZXLD1101 Datasheet
233Kb / 16P
   ADJUSTABLE LED DRIVER WITH INTERNAL SWITCH IN TSOT23-5
ZXLD1937 DIODES-ZXLD1937 Datasheet
232Kb / 16P
   ADJUSTABLE LED DRIVER WITH INTERNAL SWITCH IN TSOT23-5
logo
Zetex Semiconductors
ZXLD1937ET5TA ZETEX-ZXLD1937ET5TA Datasheet
227Kb / 16P
   ADJUSTABLE LED DRIVER WITH INTERNAL SWITCH IN TSOT23-5
ZXLD1601 ZETEX-ZXLD1601 Datasheet
134Kb / 12P
   ADJUSTABLE DC - DC BOOST CONVERTER WITH INTERNAL SWITCH IN SC70
ZXLD1362 ZETEX-ZXLD1362 Datasheet
866Kb / 32P
   1A LED driver with internal switch
logo
Integrated Silicon Solu...
IS31LT3350 ISSI-IS31LT3350 Datasheet
421Kb / 12P
   40V LED DRIVER WITH INTERNAL SWITCH
logo
Zetex Semiconductors
ZXLD1350 ZETEX-ZXLD1350 Datasheet
116Kb / 2P
   350mA LED driver with internal switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com