データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GS2911Y25 データシート(PDF) 2 Page - List of Unclassifed Manufacturers

部品番号 GS2911Y25
部品情報  300mA CMOS Positive LDO Voltage Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC1 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC1 - List of Unclassifed Manufacturers

GS2911Y25 データシート(HTML) 2 Page - List of Unclassifed Manufacturers

  GS2911Y25 Datasheet HTML 1Page - List of Unclassifed Manufacturers GS2911Y25 Datasheet HTML 2Page - List of Unclassifed Manufacturers GS2911Y25 Datasheet HTML 3Page - List of Unclassifed Manufacturers GS2911Y25 Datasheet HTML 4Page - List of Unclassifed Manufacturers GS2911Y25 Datasheet HTML 5Page - List of Unclassifed Manufacturers GS2911Y25 Datasheet HTML 6Page - List of Unclassifed Manufacturers GS2911Y25 Datasheet HTML 7Page - List of Unclassifed Manufacturers GS2911Y25 Datasheet HTML 8Page - List of Unclassifed Manufacturers GS2911Y25 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
GS2911
Globaltech Semiconductor
www.globaltechsemi.com
2
GS2911
Block Diagram
Vout
Vin
Vss
Current
Limiter
+
-
Voltage
Reference
Package and Pin Assignments
GS2911YXX (SOT-89)
GS2911NXX (TO-92)
12
3
Pin1 = GND
Pin2 = VIN
Pin3 = VOUT
1
2
3
Pin1 = GND
Pin2 = VIN
Pin3 = VOUT
Ordering Information
SOT-89
TO-92
Output
GS2911Y15
GS2911N15
1.5V
GS2911Y18
GS2911N18
1.8V
GS2911Y20
GS2911N20
2.0V
GS2911Y25
GS2911N25
2.5V
GS2911Y33
GS2911N33
3.3V
GS2911Y50
GS2911N50
5.0V
*For additional available fixed voltages contact factory.
*Add “F” means lead free part.


同様の部品番号 - GS2911Y25

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
GS2905 ETC1-GS2905 Datasheet
84Kb / 9P
   500mA CMOS LDO Voltage Regulator
GS2905X15 ETC1-GS2905X15 Datasheet
84Kb / 9P
   500mA CMOS LDO Voltage Regulator
GS2905X18 ETC1-GS2905X18 Datasheet
84Kb / 9P
   500mA CMOS LDO Voltage Regulator
GS2905X25 ETC1-GS2905X25 Datasheet
84Kb / 9P
   500mA CMOS LDO Voltage Regulator
GS2905X33 ETC1-GS2905X33 Datasheet
84Kb / 9P
   500mA CMOS LDO Voltage Regulator
More results

同様の説明 - GS2911Y25

メーカー部品番号データシート部品情報
logo
ELM Technology Corporat...
ELM89 ELM-TECH-ELM89 Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
logo
ELM Electronics
ELM89 ELM-ELM89 Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
logo
ELM Technology Corporat...
ELM89-SERIES ELM-TECH-ELM89-SERIES Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
logo
Seaward Electronics Inc...
SE5167 SEAWARD-SE5167_10 Datasheet
434Kb / 8P
   300mA CMOS LDO Voltage Regulator
logo
ELM Technology Corporat...
ELM88121AA-S ELM-TECH-ELM88121AA-S Datasheet
204Kb / 21P
   CMOS 300mA LDO Voltage regulator
logo
Seaward Electronics Inc...
SE5167 SEAWARD-SE5167 Datasheet
297Kb / 8P
   300mA CMOS LDO Voltage Regulator
logo
ELM Electronics
ELM88 ELM-ELM88 Datasheet
1Mb / 21P
   CMOS 300mA LDO Voltage regulator
logo
ELM Technology Corporat...
ELM88-SERIES ELM-TECH-ELM88-SERIES Datasheet
1Mb / 21P
   CMOS 300mA LDO Voltage regulator
ELM88 ELM-TECH-ELM88 Datasheet
2Mb / 21P
   CMOS 300mA LDO Voltage regulator
ELM89121BC-S ELM-TECH-ELM89121BC-S_1 Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com