データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SHD115546 データシート(PDF) 3 Page - Sensitron

部品番号 SHD115546
部品情報  HERMETIC POWER SCHOTTKY RECTIFIER 200째C Maximum Operation Temperature Very Low Forward Voltage Drop
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SENSITRON [Sensitron]
ホームページ  http://www.sensitron.com
Logo SENSITRON - Sensitron

SHD115546 データシート(HTML) 3 Page - Sensitron

  SHD115546 Datasheet HTML 1Page - Sensitron SHD115546 Datasheet HTML 2Page - Sensitron SHD115546 Datasheet HTML 3Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
• 221 WEST INDUSTRY COURT • DEER PARK, NY 11729-4681 • PHONE (631) 586-7600 • FAX (631) 242-9798 •
• World Wide Web - http://www.sensitron.com • E-mail Address - sales@sensitron.com •
SENSITRON
DATA SHEET 831, REV. A
SHD115546
SHD115546B
0.0
0.2
0.4
0.6
0.8
1.0
Forward Voltage Drop - VF (V)
10-2
10-1
100
101
102
Typical Forward Characteristics
125 °C
200 °C
175 °C
25 °C
0
40
80
120
160
200
240
Reverse Voltage - VR (V)
10-4
10-3
10-2
10-1
100
101
Typical Reverse Characteristics
25 °C
50 °C
75 °C
100 °C
125 °C
150 °C
200 °C
175 °C
0
40
80
120
160
200
240
Reverse Voltage - VR (V)
0
200
400
600
800
Typical Junction Capacitance


同様の部品番号 - SHD115546

メーカー部品番号データシート部品情報
logo
Sensitron
SHD115546 SENSITRON-SHD115546 Datasheet
101Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 200C Maximum Operation Temperature Very Low Forward Voltage Drop
SHD115546B SENSITRON-SHD115546B Datasheet
101Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 200C Maximum Operation Temperature Very Low Forward Voltage Drop
SHD115546 SENSITRON-SHD115546_11 Datasheet
101Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 200C Maximum Operation Temperature Very Low Forward Voltage Drop
More results

同様の説明 - SHD115546

メーカー部品番号データシート部品情報
logo
Sensitron
SHD115546 SENSITRON-SHD115546_11 Datasheet
101Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 200C Maximum Operation Temperature Very Low Forward Voltage Drop
SHD114546 SENSITRON-SHD114546 Datasheet
92Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 200?C Maximum Operation Temperature Very Low Forward Voltage Drop
SHD125134 SENSITRON-SHD125134 Datasheet
56Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 200째C Maximum Operation Temperature
SHD125144 SENSITRON-SHD125144 Datasheet
56Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 200째C Maximum Operation Temperature
SHD125245 SENSITRON-SHD125245 Datasheet
51Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 200째C Maximum Operation Temperature
SHD176244 SENSITRON-SHD176244 Datasheet
43Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 200째C Maximum Operation Temperature
SHD114546 SENSITRON-SHD114546_08 Datasheet
45Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 200째C Maximum Operation Temperature
SHD125644 SENSITRON-SHD125644_08 Datasheet
41Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 200째C Maximum Operation Temperature
SHD116046 SENSITRON-SHD116046 Datasheet
158Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 200째C Maximum Operation Temperature
SHD116044 SENSITRON-SHD116044 Datasheet
156Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 200째C Maximum Operation Temperature
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com