データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TA6042FNG データシート(PDF) 4 Page - Toshiba Semiconductor

部品番号 TA6042FNG
部品情報  TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA6042FNG データシート(HTML) 4 Page - Toshiba Semiconductor

  TA6042FNG Datasheet HTML 1Page - Toshiba Semiconductor TA6042FNG Datasheet HTML 2Page - Toshiba Semiconductor TA6042FNG Datasheet HTML 3Page - Toshiba Semiconductor TA6042FNG Datasheet HTML 4Page - Toshiba Semiconductor TA6042FNG Datasheet HTML 5Page - Toshiba Semiconductor TA6042FNG Datasheet HTML 6Page - Toshiba Semiconductor TA6042FNG Datasheet HTML 7Page - Toshiba Semiconductor TA6042FNG Datasheet HTML 8Page - Toshiba Semiconductor TA6042FNG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
TA6042FNG
TA6042FNG Data Sheet
Revision 0.9
2005-07-22
4
Electrical Characteristics (unless otherwise specified, VCC = 5.0 V, Ta = 25°C)
Characteristics
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
Supply voltage
VCC
4.5
5.0
5.5
V
Supply current
ICC
(1)
Max:Vcc=5.5V
2.5
mA
(OP-AMP1)
Characteristics
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
Input current
Iin1
(2)
35
80
nA
Output dynamic range
Vod1
(3)
0.3
Vcc-0.3
V
Output source current
Iso1
(4)
Voh
= VCC − 0.3 V
100
250
µA
Output sink current
Isi1
(5)
Vol
= 0.3 V
2
11
mA
(OP-AMP2)
Characteristics
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
Input current
Iin2
(6)
35
80
nA
Output dynamic range
Vod2
(7)
0.3
Vcc-0.3
V
Output source current
Iso2
(8)
Voh
= VCC − 0.3 V
100
190
µA
Output sink current
Isi2
(9)
Vol
= 0.3 V
2
11
mA
Output DC voltage
Vo2
5pin - 6pin: Short Circuit,
8pin - 9pin: Short Circuit,
8pin output voltage:2.0V setup.
(The voltage input from 10pin)
0.98
1.00
1.02
V
(OP-AMP3)
Characteristics
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
Input current
Iin3
(10)
35
80
nA
Output dynamic range
Vod3
(11)
0.3
Vcc-0.3
V
Output source current
Iso3
(12)
Voh
= VCC − 0.3 V
100
180
µA
Output sink current
Isi3
(13)
Vol
= 0.3 V
2
11
mA
Output DC voltage
Vo3
(14)
1.86
2.00
2.14
V
(Window Comparator)
Characteristics
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
Hysteresis width
Vwhys
(15)
100
150
200
mV
Detection voltage level (High side)
Vwsh
(16)
2.79
3.00
3.21
V
Detection voltage level (Low side)
Vwsl
(16)
0.93
1.00
1.07
V
Output sink current
Iwsi
(17)
Vol
= 0.3 V
0.30
1.39
mA


同様の部品番号 - TA6042FNG

メーカー部品番号データシート部品情報
logo
Rohm
TA60 ROHM-TA60 Datasheet
962Kb / 12P
   Epitaxial Planar Silicon Transistor Arrays
logo
Toshiba Semiconductor
TA6009FM TOSHIBA-TA6009FM Datasheet
171Kb / 12P
   Bipolar Linear Integrated Circuit Silicon Monolithic Shock Sensor IC (1 ch version)
TA6009FN TOSHIBA-TA6009FN Datasheet
247Kb / 7P
   SHOCK SENSOR IC (1ch VERSION)
TA6009FN TOSHIBA-TA6009FN Datasheet
233Kb / 11P
   Shock Sensor IC (1 ch version)
TA6009FNG TOSHIBA-TA6009FNG Datasheet
233Kb / 11P
   Shock Sensor IC (1 ch version)
More results

同様の説明 - TA6042FNG

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TA8273H TOSHIBA-TA8273H Datasheet
249Kb / 13P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA2028F TOSHIBA-TA2028F Datasheet
495Kb / 8P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA4019F TOSHIBA-TA4019F Datasheet
157Kb / 7P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA8264AH TOSHIBA-TA8264AH Datasheet
234Kb / 14P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA4018F TOSHIBA-TA4018F Datasheet
142Kb / 8P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA8428K TOSHIBA-TA8428K Datasheet
260Kb / 12P
   TOSHIBA BIPOLAR LINEAR INTEGRATED CIRCUIT SILICON MONOLITHIC
TA8696F TOSHIBA-TA8696F Datasheet
212Kb / 12P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA4017FT TOSHIBA-TA4017FT Datasheet
94Kb / 6P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA1317AN TOSHIBA-TA1317AN Datasheet
888Kb / 59P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA1276AN TOSHIBA-TA1276AN Datasheet
1Mb / 86P
   TOSHIBA BIPOLAR LINEAR INTEGRATED CIRCUIT SILICON MONOLITHIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com