データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LD3870-3.8V データシート(PDF) 5 Page - Unisonic Technologies

部品番号 LD3870-3.8V
部品情報  LINEAR INTEGRATED CIRCUIT
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  UTC [Unisonic Technologies]
ホームページ  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LD3870-3.8V データシート(HTML) 5 Page - Unisonic Technologies

  LD3870-3.8V Datasheet HTML 1Page - Unisonic Technologies LD3870-3.8V Datasheet HTML 2Page - Unisonic Technologies LD3870-3.8V Datasheet HTML 3Page - Unisonic Technologies LD3870-3.8V Datasheet HTML 4Page - Unisonic Technologies LD3870-3.8V Datasheet HTML 5Page - Unisonic Technologies LD3870-3.8V Datasheet HTML 6Page - Unisonic Technologies LD3870-3.8V Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
UTC LD3870
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD. 5
QW-R102-027,B
TYPICAL CHARACTERISTICS
3
3.2
2.7
2.8
2.7
3.4
2.9
2.8
3.1
3
2.9
LD3870-3.0V
Output Voltage vs.Input Voltage
3.1
3.2
3.3
Input Voltage, VIN (V)
@:Ta=25℃
Co=4.7 μF(tantalum)
Cp=0.01 μ F
Io=0A
Io=30mA
Io=100mA
3
3.5
0
50
0
300
2.5
2
150
100
LD3870-3.0V
Output Voltage vs.Output current
4
200
250
Output current, Io (mA)
1.5
1
0.5
@:Ta=25℃
VIN=4V
CL=4.7 μF(tantalum)
Cp=0.01 μ F
10
20
0
50
0
5
150
100
LD3870-3.0V
Ground Pin Current vs.Output Current
15
200
Output current, Io (mA)
0.2
0.3
0
50
0
0.15
150
100
0.25
200
Output current, Io (mA)
LD3870-3.0V
Output Voltage vs.Output current
0.1
0.05
40
60
0
0.5
0
30
1.5
1
50
3.5
Control Voltage, Vcont (V)
LD3870-3.0V
Control Current vs. Control Voltage
20
10
3
2.5
24
3
3.5
0
0.5
03
2.5
2
1.5
1
LD3870-3.0V
Output Voltage vs.Control Voltage
4
2
2.5
Control Voltage, Vcont (V)
1.5
1
0.5
@:Ta=25℃
VIN=4V
CL=4.7 μF(tantalum)
Cp=0.01 μ F
@:Ta=25℃
CL=4.7 μF(tantalum)
Cp=0.01 μ F
Rc=50kΩ
Rc=0Ω
Rc=100kΩ
@:Ta=25℃
VIN=4V
CL=4.7 μF(tantalum)
Cp=0.01 μ F
Io=30mA
Rc=50kΩ
Rc=0Ω
Rc=100kΩ
@: VIN=4V
Ta=25 ℃
CL=4.7 μF
Cp=0.01 μF
Io=30mA


同様の部品番号 - LD3870-3.8V

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
LD3870 UTC-LD3870 Datasheet
204Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
LD3870 ETL-LD3870 Datasheet
210Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
logo
Unisonic Technologies
LD3870 UTC-LD3870 Datasheet
239Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
LD3870G-15-AF5-R UTC-LD3870G-15-AF5-R Datasheet
239Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
LD3870G-18-AF5-R UTC-LD3870G-18-AF5-R Datasheet
239Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
More results

同様の説明 - LD3870-3.8V

メーカー部品番号データシート部品情報
logo
Samsung semiconductor
KA2804 SAMSUNG-KA2804 Datasheet
73Kb / 3P
   LINEAR INTEGRATED CIRCUIT
logo
Fairchild Semiconductor
KA79LXXA FAIRCHILD-KA79LXXA Datasheet
167Kb / 5P
   LINEAR INTEGRATED CIRCUIT
logo
Samsung semiconductor
KA2212 SAMSUNG-KA2212 Datasheet
167Kb / 4P
   LINEAR INTEGRATED CIRCUIT
logo
Unisonic Technologies
UZ1086 UTC-UZ1086 Datasheet
129Kb / 5P
   LINEAR INTEGRATED CIRCUIT
logo
Samsung semiconductor
KA2655 SAMSUNG-KA2655 Datasheet
147Kb / 6P
   LINEAR INTEGRATED CIRCUIT
logo
List of Unclassifed Man...
TA7342P ETC-TA7342P Datasheet
70Kb / 3P
   LINEAR INTEGRATED CIRCUIT
TA7613AP ETC-TA7613AP Datasheet
45Kb / 4P
   LINEAR INTEGRATED CIRCUIT
logo
Unisonic Technologies
M4565 UTC-M4565 Datasheet
127Kb / 4P
   LINEAR INTEGRATED CIRCUIT
TA31142 UTC-TA31142 Datasheet
53Kb / 6P
   LINEAR INTEGRATED CIRCUIT
logo
Leshan Radio Company
LTL432ALT1G LRC-LTL432ALT1G_15 Datasheet
125Kb / 4P
   LINEAR INTEGRATED CIRCUIT
logo
Unisonic Technologies
UTA31101L-D16-T UTC-UTA31101L-D16-T Datasheet
335Kb / 7P
   LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com