データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPCF8101 データシート(PDF) 4 Page - Toshiba Semiconductor

部品番号 TPCF8101
部品情報  TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS III)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCF8101 データシート(HTML) 4 Page - Toshiba Semiconductor

  TPCF8101 Datasheet HTML 1Page - Toshiba Semiconductor TPCF8101 Datasheet HTML 2Page - Toshiba Semiconductor TPCF8101 Datasheet HTML 3Page - Toshiba Semiconductor TPCF8101 Datasheet HTML 4Page - Toshiba Semiconductor TPCF8101 Datasheet HTML 5Page - Toshiba Semiconductor TPCF8101 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TPCF8101
2002-08-28
4
Ambient temperature Ta (°C)
RDS (ON) – Ta
Drain-source voltage VDS (V)
IDR – VDS
Drain-source voltage VDS (V)
Capacitance – VDS
Ambient temperature Ta (°C)
Vth – Ta
Ambient temperature Ta (°C)
PD – Ta
Total gate charge Qg (nC)
Dynamic input/output characteristics
0
0
40
80
120
160
0.5
1.5
2
2.5
3
1
(1) t
= 5 s
(1) DC
(2) t
= 5 s
(2) DC
(1) Device mounted on a
glass-epoxy board (a) (Note 2a)
(2) Device mounted on a
glass-epoxy board (b) (Note 2b)
0
-80
-40
0
40
80
120
160
40
80
120
160
VGS = -1.8 V
-2.5 V
-4.5 V
ID = -1.5, -2.5, -6 A
-2.5 A
-6 A
ID = -2.5 A
Common source
Pulse test
ID = -1.5 A
ID = -1.5 A
10
-0.1
-1
-10
-100
100
1000
10000
VGS = 0 V
f
= 1 MHz
Ta
= 25°C
Ciss
Coss
Crss
0
-80
-40
0
40
80
120
160
-0.5
-1.0
-1.5
-2.0
Common source
VDS = -10 V
ID = -200 mA
Pulse test
-1
0
-10
-100
0.4
0.8
1.2
1.6
2.0
Common source
Ta
= 25°C
Pulse test
VGS = 0 V
-1 V
-1.8 V
-2.5 V
-4.5 V
0
0
8
16
24
32
40
-4
-8
-12
-16
-20
0
-4
-8
-12
-16
-20
VDD = -10 V
-2.5 V
-5 V
VGS
Common source
ID = -6 A
Ta
= 25°C
Pulse test
VDS


同様の部品番号 - TPCF8101

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TPCF8101 TOSHIBA-TPCF8101 Datasheet
212Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS III)
TPCF8101 TOSHIBA-TPCF8101 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
TPCF8101 TOSHIBA-TPCF8101_07 Datasheet
212Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS III)
More results

同様の説明 - TPCF8101

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TPC8110 TOSHIBA-TPC8110 Datasheet
406Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS III)
TPCF8102 TOSHIBA-TPCF8102_07 Datasheet
212Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS III)
TPCF8301 TOSHIBA-TPCF8301_07 Datasheet
196Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS III)
TPCP8101 TOSHIBA-TPCP8101 Datasheet
227Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P-Channel MOS Type (U-MOS III)
TPCF8101 TOSHIBA-TPCF8101_07 Datasheet
212Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS III)
TPCF8103 TOSHIBA-TPCF8103_07 Datasheet
264Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS III)
TPC6105 TOSHIBA-TPC6105 Datasheet
226Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS III)
TPCP8402 TOSHIBA-TPCP8402 Datasheet
162Kb / 6P
   TOSHIBA Field Effect Transistor Silicon P, N Channel MOS Type (U-MOS IV / U-MOS III)
TPCP8402 TOSHIBA-TPCP8402_07 Datasheet
304Kb / 11P
   TOSHIBA Field Effect Transistor Silicon P, N Channel MOS Type (U-MOS IV / U-MOS III)
TPCF8402 TOSHIBA-TPCF8402 Datasheet
274Kb / 11P
   TOSHIBA Field Effect Transistor Silicon P, N Channel MOS Type (U-MOS IV / U-MOS III)
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com