データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SDD3055L2 データシート(PDF) 3 Page - SamHop Microelectronics Corp.

部品番号 SDD3055L2
部品情報  N-Channel E nhancement Mode Field Effect Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SAMHOP [SamHop Microelectronics Corp.]
ホームページ  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SDD3055L2 データシート(HTML) 3 Page - SamHop Microelectronics Corp.

  SDD3055L2 Datasheet HTML 1Page - SamHop Microelectronics Corp. SDD3055L2 Datasheet HTML 2Page - SamHop Microelectronics Corp. SDD3055L2 Datasheet HTML 3Page - SamHop Microelectronics Corp. SDD3055L2 Datasheet HTML 4Page - SamHop Microelectronics Corp. SDD3055L2 Datasheet HTML 5Page - SamHop Microelectronics Corp. SDD3055L2 Datasheet HTML 6Page - SamHop Microelectronics Corp. SDD3055L2 Datasheet HTML 7Page - SamHop Microelectronics Corp. SDD3055L2 Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
S DU/D3055L 2
Parameter
S ymbol
Condition
Min Typ Max Unit
E LE CTR ICAL CHAR ACTE R IS TICS (TA=25 C unless otherwise
DRAIN-SOURCE DIODE CHARACTERISTICS
Diode Forward Voltage
VSD
VGS = 0V, Is =1.7A
0.72 1.2
V
b
C
Notes
c.Guaranteed by design, not subject to production testing.
b.Pulse Test:Pulse Width <=300us, Duty Cycle<= 2%.
F igure 1. Output C har acter istics
F igure 2. Tr ansfer C har acter istics
F igure 4. On-R esistance Var iation with
Temper ature
F igure 3. C apacitance
V DS , Drain-to S ource Voltage (V )
V GS , G ate-to-S ource Voltage (V )
V DS , Drain-to-S ource Voltage (V )
a.Surface Mounted on FR 4 Board, t <= 10sec.
5
1.8
1.6
1.2
0.8
1.4
1.0
0.6
-50
0
50
100
150
V GS =4.5V
25
20
15
10
5
0
0
1
2
3
4
5
6
V GS =10,9,8,7,6,5,4,3V
V GS = 2V
25 C
25
20
15
10
5
0
0.0
0.5
1
1.5
2
2.5
3
-55 C
T j=125 C
T j, J unction T emperature ( C )
ID=6A
0
2
4
6
8
10
12
C iss
C oss
C rss
3000
2500
2000
1500
1000
500
0
3


同様の部品番号 - SDD3055L2

メーカー部品番号データシート部品情報
logo
SamHop Microelectronics...
SDD30N02 SAMHOP-SDD30N02 Datasheet
864Kb / 8P
   N-Channel E nhancement Mode Field Effect Transistor
logo
VBsemi Electronics Co.,...
SDD30N02 VBSEMI-SDD30N02 Datasheet
898Kb / 6P
   N-Channel 20-V (D-S)175 C MOSFET
logo
SamHop Microelectronics...
SDD30N03L SAMHOP-SDD30N03L Datasheet
34Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
VBsemi Electronics Co.,...
SDD30N03L VBSEMI-SDD30N03L Datasheet
960Kb / 8P
   N-Channel 30-V (D-S) MOSFET
More results

同様の説明 - SDD3055L2

メーカー部品番号データシート部品情報
logo
SamHop Microelectronics...
SDM4800 SAMHOP-SDM4800 Datasheet
649Kb / 7P
   N-Channel E nhancement Mode Field Effect Transistor
STM7096N SAMHOP-STM7096N Datasheet
701Kb / 8P
   N-Channel E nhancement Mode Field Effect Transistor
STS2300S SAMHOP-STS2300S Datasheet
820Kb / 8P
   N-Channel E nhancement Mode Field Effect Transistor
STS2306 SAMHOP-STS2306 Datasheet
646Kb / 7P
   N-Channel E nhancement Mode Field Effect Transistor
SDU30N02 SAMHOP-SDU30N02 Datasheet
864Kb / 8P
   N-Channel E nhancement Mode Field Effect Transistor
STU4530NL SAMHOP-STU4530NL Datasheet
770Kb / 8P
   N-Channel E nhancement Mode Field Effect Transistor
STC2200 SAMHOP-STC2200 Datasheet
712Kb / 7P
   N-Channel E nhancement Mode Field Effect Transistor
STM9410A SAMHOP-STM9410A Datasheet
729Kb / 7P
   N-Channel E nhancement Mode Field Effect Transistor
STS2302S SAMHOP-STS2302S Datasheet
806Kb / 8P
   N-Channel E nhancement Mode Field Effect Transistor
STS3402 SAMHOP-STS3402 Datasheet
718Kb / 7P
   N-Channel E nhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com