データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STG8206 データシート(PDF) 1 Page - SamHop Microelectronics Corp.

部品番号 STG8206
部品情報  Dual N-Channel E nhancement Mode Field Effect Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SAMHOP [SamHop Microelectronics Corp.]
ホームページ  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STG8206 データシート(HTML) 1 Page - SamHop Microelectronics Corp.

  STG8206 Datasheet HTML 1Page - SamHop Microelectronics Corp. STG8206 Datasheet HTML 2Page - SamHop Microelectronics Corp. STG8206 Datasheet HTML 3Page - SamHop Microelectronics Corp. STG8206 Datasheet HTML 4Page - SamHop Microelectronics Corp. STG8206 Datasheet HTML 5Page - SamHop Microelectronics Corp. STG8206 Datasheet HTML 6Page - SamHop Microelectronics Corp. STG8206 Datasheet HTML 7Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
20
Dual N-Channel E nhancement Mode Field E ffect Transistor
S urface Mount Package.
ABS OLUTE MAXIMUM R ATINGS (TA=25 C unless otherwise noted)
Parameter
S ymbol
Limit
Unit
Drain-S ource Voltage
VDS
V
Gate-S ource Voltage
VGS
12
V
Drain Current-Continuous @ TJ=25 C
-Pulsed
ID
6
40
2
1.5
A
A
A
W
IDM
Drain-S ource Diode Forward Current
IS
Maximum Power Dissipation
PD
Operating Junction and S torage
Temperature R ange
TJ, TS TG
-55 to 150
C
THE R MAL CHAR ACTE R IS TICS
Thermal R esistance, Junction-to-Ambient
R JA
85
/W
C
a
a
a
a
b
S amHop Microelectronics C orp.
Dec,27.2004 ver1.2
1
P R ODUC T S UMMAR Y
V DS S
ID
R DS (ON) ( mW ) Max
20V
6A
F E AT UR E S
S uper high dense cell design for low R DS(ON).
R ugged and reliable.
20 @ V GS = 4.5V
(T OP V IE W)
T S S OP
1
1
2
3
4
8
7
6
5
D1
S 1
S 1
G 1
D2
S 2
S 2
G 2
S T G 8206
30 @ V GS = 2.5V


同様の部品番号 - STG8206

メーカー部品番号データシート部品情報
logo
SamHop Microelectronics...
STG8203 SAMHOP-STG8203 Datasheet
742Kb / 7P
   Dual N-Channel Enhancement Mode Field Effect Transistor
STG8205 SAMHOP-STG8205 Datasheet
197Kb / 7P
   Super high dense cell design for low RDS(ON).
logo
VBsemi Electronics Co.,...
STG8205 VBSEMI-STG8205 Datasheet
966Kb / 8P
   Dual N-Channel 25-V (D-S) MOSFET
logo
SamHop Microelectronics...
STG8207 SAMHOP-STG8207 Datasheet
700Kb / 7P
   Dual N-Channel E nhancement Mode F ield E ffect Transistor
STG8209 SAMHOP-STG8209 Datasheet
628Kb / 8P
   Dual N-Channel E nhancement Mode Field Effect Transistor
More results

同様の説明 - STG8206

メーカー部品番号データシート部品情報
logo
SamHop Microelectronics...
STS8208 SAMHOP-STS8208 Datasheet
591Kb / 8P
   Dual N-Channel E nhancement Mode Field Effect Transistor
STU402D SAMHOP-STU402D Datasheet
637Kb / 7P
   Dual N-Channel E nhancement Mode Field Effect Transistor
STM8206 SAMHOP-STM8206 Datasheet
646Kb / 7P
   Dual N-Channel E nhancement Mode Field Effect Transistor
STM6912 SAMHOP-STM6912 Datasheet
554Kb / 7P
   Dual N-Channel E nhancement Mode Field Effect Transistor
STG8210 SAMHOP-STG8210 Datasheet
652Kb / 7P
   Dual N-Channel E nhancement Mode Field Effect Transistor
STS8205 SAMHOP-STS8205 Datasheet
596Kb / 7P
   Dual N-Channel E nhancement Mode Field Effect Transistor
STM6913A SAMHOP-STM6913A Datasheet
722Kb / 7P
   Dual N-Channel E nhancement Mode Field Effect Transistor
STS8201 SAMHOP-STS8201 Datasheet
565Kb / 8P
   Dual N-Channel E nhancement Mode Field Effect Transistor
SDM9926 SAMHOP-SDM9926 Datasheet
571Kb / 8P
   Dual N-Channel E nhancement Mode Field Effect Transistor
STG8209 SAMHOP-STG8209 Datasheet
628Kb / 8P
   Dual N-Channel E nhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com