データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BY298 データシート(PDF) 1 Page - Pan Jit International Inc.

部品番号 BY298
部品情報  SOFT RECOVERY PLASTIC RECTIFIER(VOLTAGE - 100 to 800 Volts CURRENT - 2.0 Amperes)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PANJIT [Pan Jit International Inc.]
ホームページ  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BY298 データシート(HTML) 1 Page - Pan Jit International Inc.

  BY298 Datasheet HTML 1Page - Pan Jit International Inc. BY298 Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BY296 THRU BY299
SOFT RECOVERY PLASTIC RECTIFIER
VOLTAGE - 100 to 800 Volts
CURRENT - 2.0 Amperes
FEATURES
l
High surge current capability
l
The plastic package carries Underwriters
Laboratory Flammability Classification 94V-O
l
Void-free plastic package
l
2.0 Ampere operation
at TA=55 ¢J with no thermal runaway
l
Fast switching for high efficiency
l
Exceeds environmental standards of MIL-S-19500/228
MECHANICAL DATA
Case: Molded plastic, DO-201AD
Terminals: Axial leads, solderable per
MIL-STD-202, Method 208
Polarity: Band denotes end
Mounting Position: Any
Weight: .04 ounce, 1.1gran
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 ¢J ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOLS
BY296
BY297
BY298
BY299
UNITS
Maximum Recurrent Peak Reverse Voltage
VRRM
100
200
400
800
Volts
Maximum RMS Voltage
VRMS
70
140
280
560
Volts
Maximum DC Blocking Voltage
VDC
100
200
400
800
Volts
Maximum Average Forward Rectified Current
.375"(9.5mm) lead lengths at TA=55 ¢J
1(AV)
2.0
Amps
Peak Forward Surge Current 10ms single half sine-
wave superimposed on rated load
1FSM
70.0
Amps
Maximum Repetitive Peak Forward Surge (Note 1)
1FRM
10.0
Amps
Maximum Instantaneous Forward Voltage at 3.0A
VF
1.3
Volts
Maximum DC Reverse Current TA=25 ¢J
At Rated DC Blocking Voltage TA=100 ¢J
IR
10.0
500
£g A
Maximum Reverse Recovery Time (Note 3) TJ=25 ¢J
TRR
150
ns
Typical Junction Capacitance (Note 2) TJ=25 ¢J
CJ
28.0
pf
Typical Thermal Resistance (Note 4)
R £KJA
15.0
¢J /W
Operating Temperature Range
TJ
-50 to +125
¢J
Storage Temperature Range
TSTG
-50 to -150
¢J
NOTES:
1.
Repetitive Peak Forward Surge Current at f<15HKz.
2.
Measured at 1 MHz. And applied reverse voltage of 4.0 volts.
3.
Reverse Recovery Test Conditions; IF=0.5A,IR=1.0A,Irr=0.25A.
4.
Thermal Resistance from Junction to Ambient at .375"(9.5mm) lead lengths with both leads to heat sink.
DO-201AD


同様の部品番号 - BY298

メーカー部品番号データシート部品情報
logo
Microdiode Electronics ...
BY298 CHENDA-BY298 Datasheet
533Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Jinan Gude Electronic D...
BY298 JGD-BY298 Datasheet
141Kb / 2P
   2.0 AMPS. FAST RECOVRY RECTIFIERS
logo
Galaxy Semi-Conductor H...
BY298 BILIN-BY298 Datasheet
56Kb / 2P
   FAST RECOVERY RECTIFIER
logo
Diotec Semiconductor
BY298 DIOTEC-BY298 Datasheet
91Kb / 2P
   Fast Silicon Rectifier Diodes ??Schnelle Silizium-Gleichrichterdioden
logo
Diode Semiconductor Kor...
BY298 DSK-BY298 Datasheet
275Kb / 2P
   FAST RECOVERY RECTIFIERS
More results

同様の説明 - BY298

メーカー部品番号データシート部品情報
logo
Pan Jit International I...
BY396 PANJIT-BY396 Datasheet
60Kb / 2P
   SOFT RECOVERY, FAST SWITCHING PLASTIC RECTIFIER(VOLTAGE - 100 to 800 Volts CURRENT - 3.0 Amperes)
logo
DAESAN ELECTRONIC CORP.
BY396G DAESAN-BY396G Datasheet
212Kb / 2P
   CURRENT 3.0 Amperes VOLTAGE 100 TO 800 VOLTS
logo
Pan Jit International I...
UF2A PANJIT-UF2A Datasheet
74Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 2.0 Amperes)
FR2A PANJIT-FR2A Datasheet
59Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 2.0 Amperes)
logo
Surge Components
FR2A SURGE-FR2A Datasheet
80Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIER VOLTAGE - 50 TO 800 Volts CURRENT - 2.0 Amperes?
UF2A SURGE-UF2A Datasheet
81Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIER VOLTAGE - 50 TO 800 Volts CURRENT - 2.0 Amperes
logo
DAESAN ELECTRONIC CORP.
BY296 DAESAN-BY296 Datasheet
336Kb / 2P
   CURRENT 2.0 Amperes VOLTAGE 100 to 1000 Volts
logo
Gaomi Xinghe Electronic...
SK22B GXELECTRONICS-SK22B Datasheet
485Kb / 2P
   VOLTAGE - 20 TO 100 VOLTS CURRENT - 2.0 AMPERES
logo
Pan Jit International I...
PS200 PANJIT-PS200 Datasheet
44Kb / 2P
   PLASTIC SILICON RECTIFIER(VOLTAGE 50 to 1000 Volts CURRENT - 2.0 Amperes)
PS600R PANJIT-PS600R Datasheet
52Kb / 2P
   FAST SWITCHING RECOVERY RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 6.0 Amperes)
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com