データシートサーチシステム
Selected language   Japanese  ▼

Delete All
ON OFF
ALLDATASHEET.JP

X  

Preview PDF Download HTML

AZ393 データシート(PDF) 5 Page - List of Unclassifed Manufacturers

部品番号. AZ393
部品情報  LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
ダウンロード  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  ETC1 [List of Unclassifed Manufacturers]
ホームページ  
Logo 

AZ393 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
AZ393
5
Issue Date: Feb. 2003
Rev. 1.0
Advanced Analog Circuits
Data sheet
Negative Transition
0.01
0.1
1
10
100
1E-3
0.01
0.1
1
10
25C
o
-40C
o
85C
o
OUTPUT SINK CURRENT(mA)
0
2
4
6
8
10
12
14
16
18
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
85C
o
25C
o
-40C
o
SUPPLY VOLTAGE (V
DC)
02468
10
12
14
16
18
0
5
10
15
20
25
30
85C
o
25C
o
-40C
o
SUPPLY VOLTAGE (V
DC)
Figure 5. Supply Voltage vs. Input Current
Figure 4. Supply Voltage vs. Supply Current
Positive Transition
Figure 8. Response Time for 5mV Input Overdrive -
Figure 7. Response Time for 5mV Input Overdrive -
Figure 6. Output Sink Current vs.
Saturation Voltage
Typical Characteristics
0
5mV
105mV
0
2V
4V
6V
0
0.4 0.8 1.2 1.6
2
2.4 2.8 3.2 3.6 4
VOUT
VIN
V
IN
100mV
5V
5.1K
V
OUT
+
_
VOUT
VIN
V
IN
100mV
5V
5.1K
V
OUT
+
_
TIME (
µs)
0
50mV
100mV
150mV
200mV
0V
2V
4V
6V
0
0.4
0.8 1.2
1.6
2
2.4
2.8
3.2
3.6
4
V
IN
100mV
5V
5.1K
V
OUT
+
_
VOUT
VIN
TIME (
µs)


Html ページ

1  2  3  4  5  6  7  8  9 


Datasheet Download



関連電子部品番号

部品番号コンポーネントの説明Html Viewメーカー
LM193Low Power Low Offset Voltage Dual Comparators 1 2 3 4 5 MoreNational Semiconductor (TI)
MNLM193A-XLOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS 1 2 3 4 5 MoreNational Semiconductor (TI)
LM193JANLow Power Low Offset Voltage Dual Comparators 1 2 3 4 5 MoreNational Semiconductor (TI)
AP393Low Power Low Offset Voltage Dual Comparators 1 2 3 4 5 MoreAnachip Corp
IL393NLOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS 1 2 List of Unclassifed Manufacturers
SL393Low Power Low Offset Voltage Dual Comparators 1 2 3 4 System Logic Semiconductor
NTE943Integrated Circuit Low Power Low Offset Dual Voltage Comparator 1 2 3 4 5 NTE Electronics
LM2903LOW POWER DUAL VOLTAGE COMPARATORS 1 2 3 4 5 MoreSTMicroelectronics
LM139JANLow Power Low Offset Voltage Quad Comparators 1 2 3 4 5 MoreNational Semiconductor (TI)
TS372CLOW POWER DUAL CMOS VOLTAGE COMPARATORS 1 2 3 4 5 STMicroelectronics

リンク URL



Privacy Policy
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク
   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn