データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STU2030PLS データシート(PDF) 1 Page - SamHop Microelectronics Corp.

部品番号 STU2030PLS
部品情報  P-Channel E nhancement Mode F ield Effect Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SAMHOP [SamHop Microelectronics Corp.]
ホームページ  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STU2030PLS データシート(HTML) 1 Page - SamHop Microelectronics Corp.

  STU2030PLS Datasheet HTML 1Page - SamHop Microelectronics Corp. STU2030PLS Datasheet HTML 2Page - SamHop Microelectronics Corp. STU2030PLS Datasheet HTML 3Page - SamHop Microelectronics Corp. STU2030PLS Datasheet HTML 4Page - SamHop Microelectronics Corp. STU2030PLS Datasheet HTML 5Page - SamHop Microelectronics Corp. STU2030PLS Datasheet HTML 6Page - SamHop Microelectronics Corp. STU2030PLS Datasheet HTML 7Page - SamHop Microelectronics Corp. STU2030PLS Datasheet HTML 8Page - SamHop Microelectronics Corp. STU2030PLS Datasheet HTML 9Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
-30
ABS OLUTE MAXIMUM R ATINGS (TA=25 C unless otherwise noted)
Parameter
S ymbol
Limit
Unit
Drain-S ource Voltage
VDS
V
Gate-S ource Voltage
VGS
20
V
Drain Current-Continuous @ Tc=25 C
-Pulsed
ID
-20
-60
-20
50
A
A
A
W
IDM
Drain-S ource Diode Forward Current
IS
Maximum Power Dissipation
PD
Operating Junction and S torage
Temperature R ange
TJ, TS TG
-55 to 175
C
THE R MAL CHAR ACTE R IS TICS
a
1
Aug 20 2005
S amHop Microelectronics C orp.
P R ODUC T S UMMAR Y
V DS S
ID
R DS (ON) ( m W ) Max
-20A
32 @ V GS = -10V
55 @ V GS = -4.5V
F E AT UR E S
-30V
S T U/D2030P LS
TO-252 and TO-251 Package.
S uper high dense cell design for low R DS(ON).
R ugged and reliable.
S TU S E R IE S
TO-252AA(D-PAK)
S TU S E R IE S
TO-251(l-PAK)
G
G
S
S
D
D
S
G
D
Thermal R esistance, Junction-to-Case
Thermal R esistance, Junction-to-Ambient
R JC
3
50
R JA
/W
C
/W
C
P-Channel E nhancement Mode Field E ffect Transistor
@ Tc=25 C


同様の部品番号 - STU2030PLS

メーカー部品番号データシート部品情報
logo
VBsemi Electronics Co.,...
STU2030PLS VBSEMI-STU2030PLS Datasheet
913Kb / 9P
   P-Channel 30-V (D-S) MOSFET
More results

同様の説明 - STU2030PLS

メーカー部品番号データシート部品情報
logo
SamHop Microelectronics...
SDU9435 SAMHOP-SDU9435 Datasheet
396Kb / 5P
   P - Channel E nhancement Mode F ield E ffect Transistor
STS4501 SAMHOP-STS4501 Datasheet
116Kb / 7P
   P -Channel E nhancement Mode F ield E ffect Transistor
STM9435 SAMHOP-STM9435 Datasheet
655Kb / 7P
   P -Channel E nhancement Mode F ield E ffect Transistor
STM4431 SAMHOP-STM4431 Datasheet
887Kb / 7P
   P -Channel E nhancement Mode F ield E ffect Transistor
SDT452 SAMHOP-SDT452 Datasheet
397Kb / 5P
   P -Channel E nhancement Mode F ield E ffect Transistor
STM4973 SAMHOP-STM4973 Datasheet
890Kb / 7P
   Dual P -Channel E nhancement Mode F ield E ffect Transistor
SDM4953 SAMHOP-SDM4953 Datasheet
358Kb / 5P
   Dual P -Channel E nhancement Mode F ield E ffect Transistor
SDM4952 SAMHOP-SDM4952 Datasheet
321Kb / 5P
   Dual P -Channel E nhancement Mode F ield E ffect Transistor
SDM9410 SAMHOP-SDM9410 Datasheet
420Kb / 5P
   N-Channel E nhancement Mode F ield E ffect Transistor
STU421S SAMHOP-STU421S Datasheet
498Kb / 8P
   P -Channel Logic Level E nhancement Mode F ield E ffect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com