データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STD2040PL データシート(PDF) 3 Page - SamHop Microelectronics Corp.

部品番号 STD2040PL
部品情報  P-Channel E nhancement Mode MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SAMHOP [SamHop Microelectronics Corp.]
ホームページ  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STD2040PL データシート(HTML) 3 Page - SamHop Microelectronics Corp.

  STD2040PL Datasheet HTML 1Page - SamHop Microelectronics Corp. STD2040PL Datasheet HTML 2Page - SamHop Microelectronics Corp. STD2040PL Datasheet HTML 3Page - SamHop Microelectronics Corp. STD2040PL Datasheet HTML 4Page - SamHop Microelectronics Corp. STD2040PL Datasheet HTML 5Page - SamHop Microelectronics Corp. STD2040PL Datasheet HTML 6Page - SamHop Microelectronics Corp. STD2040PL Datasheet HTML 7Page - SamHop Microelectronics Corp. STD2040PL Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Parameter
S ymbol
Condition
Min Typ Max Unit
E LE CTR ICAL CHAR ACTE R IS TICS (TC=25 C unless otherwise noted)
DR AIN-S OUR CE DIODE CHAR ACTE R IS TICS
Diode Forward Voltage
VSD
VGS = 0V, Is =-20A
-1.3
V
a
Notes
b.Guaranteed by design, not subject to production testing.
a.Pulse Test:Pulse Width 300us, Duty Cycle 2%.
F igure 2. Transfer C haracteristics
F igure 4. On-R esistance Variation with
Drain C urrent and Temperature
F igure 3. C apacitance
-V DS , Drain-to S ource Voltage (V )
-V GS , G ate-to-S ource Voltage (V )
3
S TU/D2040P L
0
5
10
15
20
25
30
1800
1500
1200
900
600
300
0
-55 C
25 C
20
15
10
5
0
0
1.5
2.5
3
3.5
4
T j=125 C
1.6
1.4
1.2
1.0
0.8
0.6
0.4
-55
-25
0
25
125
C iss
C oss
C rss
-1.02
T j( C )
100
50
75
V GS =-10V
ID=-16A
T j, J unction T emperature ( C )
F igure 1. Output C haracteristics
-V DS , Drain-to-S ource Voltage (V )
20
16
12
8
4
0
0
0.5
1
1.5
2
2.5
3
-V GS =10V
-V GS =3V
-V GS =4V
-V GS =4.5V
2.0


同様の部品番号 - STD2040PL

メーカー部品番号データシート部品情報
logo
Sangdest Microelectroni...
STD2045 SMC-STD2045 Datasheet
159Kb / 7P
   SCHOTTKY RECTIFIER
logo
SMC Diode Solutions Co....
STD2045 SMCDIODE-STD2045 Datasheet
441Kb / 7P
   SCHOTTKY RECTIFIER
Rev. B
logo
Sangdest Microelectroni...
STD2045C SMC-STD2045C Datasheet
189Kb / 7P
   SCHOTTKY RECTIFIER
logo
SMC Diode Solutions Co....
STD2045C SMCDIODE-STD2045C Datasheet
453Kb / 7P
   SCHOTTKY RECTIFIER
Rev. B
More results

同様の説明 - STD2040PL

メーカー部品番号データシート部品情報
logo
SamHop Microelectronics...
STM4439 SAMHOP-STM4439 Datasheet
883Kb / 7P
   P -Channel E nhancement Mode MOSFET
SDM9433 SAMHOP-SDM9433 Datasheet
306Kb / 5P
   P -Channel E nhancement Mode MOSFET
STM6375 SAMHOP-STM6375 Datasheet
650Kb / 7P
   P-Channel E nhancement Mode MOSFET
STU1030PL SAMHOP-STU1030PL Datasheet
876Kb / 8P
   P-Channel E nhancement Mode MOSFET
STU1530PL SAMHOP-STU1530PL Datasheet
851Kb / 8P
   P-Channel E nhancement Mode MOSFET
STS3401 SAMHOP-STS3401 Datasheet
680Kb / 7P
   P-Channel E nhancement Mode MOSFET
STM4433 SAMHOP-STM4433 Datasheet
658Kb / 7P
   P-Channel E nhancement Mode MOSFET
SDM4435 SAMHOP-SDM4435 Datasheet
550Kb / 7P
   P-Channel E nhancement Mode MOSFET
STS3403 SAMHOP-STS3403 Datasheet
700Kb / 7P
   P-Channel E nhancement Mode MOSFET
SDM9435A SAMHOP-SDM9435A Datasheet
359Kb / 5P
   P -Channel E nhancement Mode MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com