データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STU4525NL データシート(PDF) 5 Page - SamHop Microelectronics Corp.

部品番号 STU4525NL
部品情報  N-Channel E nhancement Mode F ield E ffect Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SAMHOP [SamHop Microelectronics Corp.]
ホームページ  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STU4525NL データシート(HTML) 5 Page - SamHop Microelectronics Corp.

  STU4525NL Datasheet HTML 1Page - SamHop Microelectronics Corp. STU4525NL Datasheet HTML 2Page - SamHop Microelectronics Corp. STU4525NL Datasheet HTML 3Page - SamHop Microelectronics Corp. STU4525NL Datasheet HTML 4Page - SamHop Microelectronics Corp. STU4525NL Datasheet HTML 5Page - SamHop Microelectronics Corp. STU4525NL Datasheet HTML 6Page - SamHop Microelectronics Corp. STU4525NL Datasheet HTML 7Page - SamHop Microelectronics Corp. STU4525NL Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
F igure 11. S witching T est C ircuit
F igure 12. S witching Waveforms
t
V
V
t
t
d(on)
OUT
IN
on
r
10%
td(off)
90%
10%
10%
50%
50%
90%
toff
tf
90%
PULS E WIDTH
5
6
INVE R TE D
V DD
R
D
V
V
R
S
V
G
G S
IN
G E N
OUT
L
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000
Square Wave Pulse Duration(sec)
Normalized Thermal Transient Impedance Curve
Single Pulse
on
PDM
t1
t2
1. R thJA (t)=r (t) * R JA
2. R JA=S ee Datasheet
3. T JM-T A = P DM* R JA (t)
4. Duty C ycle, D=t1/t2
th
th
th
0.01
0.02
0.5
0.2
0.1
0.05
S T U/D4525NL


同様の部品番号 - STU4525NL

メーカー部品番号データシート部品情報
logo
SamHop Microelectronics...
STU4530NL SAMHOP-STU4530NL Datasheet
770Kb / 8P
   N-Channel E nhancement Mode Field Effect Transistor
STU4530NLS SAMHOP-STU4530NLS Datasheet
944Kb / 9P
   N-Channel Logic Level E nhancement Mode Field Effect Transistor
logo
SHENZHEN DOINGTER SEMIC...
STU458S DOINGTER-STU458S Datasheet
2Mb / 5P
   N-Channel MOSFET uses advanced trench technology
logo
SamHop Microelectronics...
STU45N01 SAMHOP-STU45N01 Datasheet
140Kb / 10P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
SHENZHEN DOINGTER SEMIC...
STU45N01 DOINGTER-STU45N01 Datasheet
862Kb / 4P
   N-Channel MOSFET uses advanced SGT technology
More results

同様の説明 - STU4525NL

メーカー部品番号データシート部品情報
logo
SamHop Microelectronics...
SDM9410 SAMHOP-SDM9410 Datasheet
420Kb / 5P
   N-Channel E nhancement Mode F ield E ffect Transistor
SDU9916 SAMHOP-SDU9916 Datasheet
424Kb / 5P
   N-Channel E nhancement Mode F ield E ffect Transistor
SDM4410 SAMHOP-SDM4410_09 Datasheet
131Kb / 7P
   N-Channel E nhancement Mode F ield E ffect Transistor
SDM4410 SAMHOP-SDM4410 Datasheet
386Kb / 5P
   N-Channel E nhancement Mode F ield E ffect Transistor
STM4884A SAMHOP-STM4884A Datasheet
697Kb / 7P
   N-Channel E nhancement Mode F ield E ffect Transistor
STU600S SAMHOP-STU600S Datasheet
856Kb / 8P
   N-Channel E nhancement Mode F ield E ffect Transistor
SDM40N02 SAMHOP-SDM40N02 Datasheet
664Kb / 7P
   N-Channel E nhancement Mode F ield E ffect Transistor
SDM4884 SAMHOP-SDM4884 Datasheet
690Kb / 7P
   N-Channel E nhancement Mode F ield E ffect Transistor
STU9410 SAMHOP-STU9410 Datasheet
817Kb / 8P
   N-Channel E nhancement Mode F ield E ffect Transistor
STM7822 SAMHOP-STM7822 Datasheet
680Kb / 7P
   N-Channel E nhancement Mode F ield E ffect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com