データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD7794 データシート(PDF) 7 Page - Analog Devices

部品番号 AD7794
部品情報  Low Power, 24-Bit Sigma-Delta ADC with In-Amp and Embedded Reference (6 Channel)
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD7794 データシート(HTML) 7 Page - Analog Devices

Back Button AD7794 Datasheet HTML 3Page - Analog Devices AD7794 Datasheet HTML 4Page - Analog Devices AD7794 Datasheet HTML 5Page - Analog Devices AD7794 Datasheet HTML 6Page - Analog Devices AD7794 Datasheet HTML 7Page - Analog Devices AD7794 Datasheet HTML 8Page - Analog Devices AD7794 Datasheet HTML 9Page - Analog Devices AD7794 Datasheet HTML 10Page - Analog Devices AD7794 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
Preliminary Technical Data
AD7794
REV.PrE 6/04 | Page 7
Parameter
AD7794B
Unit
Test Conditions/Comments
EXCITATION CURRENT SOURCES (IEXC1 and IEXC2)
Output Current
10/200/1000
µA nom
Initial Tolerance at 25°C
±5
% typ
Drift
200
ppm/°C typ
Initial Current Matching at 25°C
±1
% typ
Matching between IEXC1 and EXC2. VOUT = 0 V
Drift Matching
20
ppm/°C typ
Line Regulation (VDD)
2.1
ppm/V max
AVDD = 5 V ± 5%. Typically 1.25 ppm/V
Load Regulation
0.3
ppm/V typ
Output Compliance
AVDD – 0.6
V max
Current Sources Programmed to 10 µA or 200 µA
AVDD – 1
V max
Current Sources Programmed to 1 mA
GND – 30 mV
V min
BIAS VOLTAGE GENERATOR
VBIAS
AVDD/2
V nom
VBIAS Generator Start-Up Time
TBD
ms/nF typ
Dependent on the Capacitance connected to AIN
TEMPERATURE SENSOR
Accuracy
TBD
°C typ
LOW SIDE POWER SWITCH
RON
5
Ω max
AVDD = 5 V
7
Ω max
AVDD = 3 V
Allowable Current
20
mA max
Continuous Current
DIGITAL OUTPUTS (P1 & P2)
VOH, Output High Voltage2
AVDD – 0.6
V min
AVDD = 3 V, ISOURCE = 100 µA
VOL, Output Low Voltage2
0.4
V max
AVDD = 3 V, ISINK = 100 µA
VOH, Output High Voltage2
4
V min
AVDD = 5 V, ISOURCE = 200 µA
VOL, Output Low Voltage2
0.4
V max
AVDD = 5 V, ISINK = 800 µA
Floating-State Leakage Current
±1
µA max
Floating-State Output Capacitance
10
pF typ
INTERNAL/EXTERNAL CLOCK
Internal Clock
Fequency
64 ±2%
64 ±2%
Duty Cycle
50:50
50:50
Drift
0.01
0.01
External Clock
Frequency
64
64
Duty Cycle
45:55
45:55
LOGIC INPUTS
All Inputs Except SCLK, DIN and CLK2
VINL, Input Low Voltage
0.8
V max
DVDD = 5 V
0.4
V max
DVDD = 3 V
VINH, Input High Voltage
2.0
V min
DVDD = 3 V or 5 V
SCLK and DIN (Schmitt-Triggered
Input)2
VT(+)
1.4/2
V min/V max
DVDD = 5 V
VT(–)
0.8/1.4
V min/V max
DVDD = 5 V
VT(+) – VT(–)
0.3/0.85
V min/V max
DVDD = 5 V
VT(+)
0.9/2
V min/V max
DVDD = 3 V
VT(–)
0.4/1.1
V min/V max
DVDD = 3 V
VT(+) - VT(–)
0.3/0.85
V min/V max
DVDD = 3 V
CLK2
VINL, Input Low Voltage
0.8
V max
DVDD = 5 V
VINL, Input Low Voltage
0.4
V max
DVDD = 3 V
VINH, Input High Voltage
3.5
V min
DVDD = 5 V


同様の部品番号 - AD7794

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7794 AD-AD7794 Datasheet
767Kb / 37P
   6-Channel, Low Noise, Low Power
REV. D
AD7794BRU AD-AD7794BRU Datasheet
814Kb / 36P
   6-Channel, Low Noise, Low Power, 24-/16-Bit 誇-? ADC with On-Chip In-Amp and Reference
REV. D
AD7794BRU-REEL AD-AD7794BRU-REEL Datasheet
814Kb / 36P
   6-Channel, Low Noise, Low Power, 24-/16-Bit 誇-? ADC with On-Chip In-Amp and Reference
REV. D
AD7794BRUZ-REEL1 AD-AD7794BRUZ-REEL1 Datasheet
814Kb / 36P
   6-Channel, Low Noise, Low Power, 24-/16-Bit 誇-? ADC with On-Chip In-Amp and Reference
REV. D
AD7794BRUZ1 AD-AD7794BRUZ1 Datasheet
814Kb / 36P
   6-Channel, Low Noise, Low Power, 24-/16-Bit 誇-? ADC with On-Chip In-Amp and Reference
REV. D
More results

同様の説明 - AD7794

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7792 AD-AD7792 Datasheet
241Kb / 18P
   Low Power, 16/24-Bit Sigma-Delta ADC with Low-Noise In-Amp and Embedded Reference
REV.PrF 6/04
AD7798 AD-AD7798 Datasheet
499Kb / 17P
   Low Power, 24-Bit/16-Bit Sigma-Delta ADC with In-Amp
Rev. B
AD7124-4-EP AD-AD7124-4-EP Datasheet
272Kb / 17P
   4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
Rev. 0
ADFS7124-4 AD-ADFS7124-4 Datasheet
3Mb / 93P
   4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
Rev. 0
ADFS7124-8 AD-ADFS7124-8 Datasheet
2Mb / 93P
   8-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
Rev. 0
AD7124-4 AD-AD7124-4 Datasheet
1Mb / 90P
   4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
AD7124-8 AD-AD7124-8 Datasheet
1Mb / 91P
   8-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
AD7124-8 AD-AD7124-8_17 Datasheet
1Mb / 93P
   8-Channel, Low Noise, Low Power, 24-Bit Sigma-Delta ADC with PGA and Reference
AD7787 AD-AD7787_13 Datasheet
307Kb / 20P
   Low Power, 2-Channel 24-Bit Sigma-Delta ADC
REV. A
AD7787 AD-AD7787 Datasheet
326Kb / 20P
   Low Power, 2-Channel 24-Bit Sigma-Delta ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com