データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM5665M28 データシート(PDF) 4 Page - BCD Semiconductor Manufacturing Limited

部品番号 AM5665M28
部品情報  5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BCDSEMI [BCD Semiconductor Manufacturing Limited]
ホームページ  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AM5665M28 データシート(HTML) 4 Page - BCD Semiconductor Manufacturing Limited

  AM5665M28 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AM5665M28 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AM5665M28 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AM5665M28 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AM5665M28 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AM5665M28 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AM5665M28 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AM5665M28 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AM5665M28 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
AM5665
Preliminary Datasheet
4
Apr. 2005 Rev. 1. 1
BCD Semiconductor Manufacturing Limited
Functional Block Diagram
Figure 3. Functional Block Diagram of AM5665
7.5K
20K
10K
20k
25K
SLED
DRIVER
ACTUATOR
DRIVER
20k
10k
7.5k
7.5k
LOADING
DRIVER
ACTUATOR
DRIVER
20k
10k
20k
STBY
V
BIAS
V
INTK
CTKerr1
CTKerr2
V
INLD
GND
VCTL
VNFTK
V
CC2
VOLD-
VOLD+
VOTK-
VOTK+
V
INFC
CFCerr1
CFCerr2
VNFFC
V
INSL
FWD
REV
V
CC1
VOTR-
VOTR+
VOSL-
VOSL+
VOFC-
VOFC+
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
STAND-
BY
THERMAL
SHUT DOWN
10K
10k
V
CC1
V
CC2
V
CC1
7.5k
15k
20k
10k
TRAY
DRIVER
Pre-DRV
10k
PGND
PGND
10k
×2
×2
V
CC2


同様の部品番号 - AM5665M28

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
AM5668 ETC1-AM5668 Datasheet
136Kb / 2P
   5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
logo
BCD Semiconductor Manuf...
AM5668 BCDSEMI-AM5668 Datasheet
126Kb / 14P
   5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
logo
List of Unclassifed Man...
AM5668M28 ETC1-AM5668M28 Datasheet
136Kb / 2P
   5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
logo
BCD Semiconductor Manuf...
AM5668M28 BCDSEMI-AM5668M28 Datasheet
126Kb / 14P
   5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
logo
List of Unclassifed Man...
AM5668M28-E1 ETC1-AM5668M28-E1 Datasheet
136Kb / 2P
   5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
More results

同様の説明 - AM5665M28

メーカー部品番号データシート部品情報
logo
BCD Semiconductor Manuf...
AM5669 BCDSEMI-AM5669 Datasheet
172Kb / 14P
   5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
AM5668 BCDSEMI-AM5668 Datasheet
126Kb / 14P
   5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
logo
List of Unclassifed Man...
AM5668 ETC1-AM5668 Datasheet
136Kb / 2P
   5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
logo
BCD Semiconductor Manuf...
AM5680 BCDSEMI-AM5680 Datasheet
133Kb / 13P
   5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
AM5954A BCDSEMI-AM5954A Datasheet
139Kb / 13P
   4-CHANNEL MOTOR DRIVER FOR DVD PLAYER
logo
Unisonic Technologies
UA8868 UTC-UA8868 Datasheet
207Kb / 6P
   5-CHANNEL BTL DRIVER FOR DVD PLAYER
UA8868S UTC-UA8868S_15 Datasheet
120Kb / 6P
   5-CHANNEL BTL DRIVER FOR DVD PLAYER
logo
AMtek SEMICONDUCTORS CO...
AM5890S AMTEK-AM5890S Datasheet
121Kb / 11P
   5-channel BTL Driver for DVD player
May 2010 V1.6T
AM5766FM AMTEK-AM5766FM Datasheet
379Kb / 10P
   5-channel BTL Driver for DVD player
Aug 2012 V1.5
AM5888S AMTEK-AM5888S Datasheet
99Kb / 10P
   5-channel BTL Driver for DVD player
Oct 2005 V1.3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com