データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

S250Q-1S データシート(PDF) 2 Page - Nippon Pulse America, Inc.

部品番号 S250Q-1S
部品情報  Linear Shaft Motor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NPM [Nippon Pulse America, Inc.]
ホームページ  https://www.nipponpulse.com
Logo NPM - Nippon Pulse America, Inc.

S250Q-1S データシート(HTML) 2 Page - Nippon Pulse America, Inc.

  S250Q-1S Datasheet HTML 1Page - Nippon Pulse America, Inc. S250Q-1S Datasheet HTML 2Page - Nippon Pulse America, Inc. S250Q-1S Datasheet HTML 3Page - Nippon Pulse America, Inc. S250Q-1S Datasheet HTML 4Page - Nippon Pulse America, Inc. S250Q-1S Datasheet HTML 5Page - Nippon Pulse America, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Spec
S250T
Forcer Spacing Distance
15mm
Pole (N/S) Distance
45mm
Forcer Length
165mm
Flip Forcers
No
Forcer Spacing Distance
Forcer Spacing Distance
Tandem Forcer
Tandem S250D forcers are
possible, but are equivalent to
one (1) S250Q forcer and thus are
not listed. Tandem S250Q forcers
are possible, but are equal to
one (1) S250X forcer. (See S250X
datasheet.)
Shaft Diameter (D) - 25mm ±0.2
Stroke
D/T/Q
Stroke
X
Support
Length (L2)
Max. Bending
0~700
0~500
50mm
0.00mm
701~1000
501~800
70mm
0.30mm
1001~1500
801~1300
70mm
0.70mm
1501~max
1301~max
100mm
0.70mm
Support and Bending
Total Length (L)=Stroke (S)+Forcer Length (A)+(Support Length (L2)x2)
Stroke lengths available up to 2550mm. Contact Nippon Pulse for more information.
Forcer Specs
S250D
S250T
S250Q
Forcer Length (A)
120mm (4.72in)
165mm (6.5in)
210mm (8.27in)
Forcer Width
50mm (1.97in)
Forcer Screw Pitch (P)
105mm (4.13in)
150mm (5.91in)
195mm (7.68in)
Forcer Weight
0.80kg (1.76lbs)
1.1kg (2.43lbs)
1.5kg (3.31lbs)
Gap
0.75mm (0.03in)
Screw
M6
Tightening Torque
5.2 Nm
Serial Number
Gap
Bore
Label
Mounting Surface
Total Length
Support Length
Movable Length
Forcer Length
Forcer Screw Pitch
Stroke Length
dep
Motor Cable
Length
Bending
Radius
Reference End
Yellow Mark
Note: Cable length 300mm. The bending radius of the
motor cable should be 36.6mm (wire diameter 5.3 * 6) as
suggested by the wire manufacturer. This radius should
be maintained. Use supplied connector to attach the
proper high-flex cable as required by your application.
L = See Shaft Length
L1 = Usable Stroke + A
L2 = See Support Length
A = See Forcer Length
P = See Forcer Screw Pitch
Tolerances are as follows:
Dimension (mm)
0 -
6
7 - 30
31 - 120
121 - 315
316 - 1000
1001 - 2000
2000 -
Tolerance (mm)
±0.1
±0.2
±0.3
±0.5
±0.8
±1.2
±1.5
Unless otherwise specified,
dimensions are in mm


同様の部品番号 - S250Q-1S

メーカー部品番号データシート部品情報
logo
Diotec Semiconductor
S250 DIOTEC-S250 Datasheet
139Kb / 2P
   Surface Mount Si-Bridge Rectifiers
logo
Semikron International
S250 SEMIKRON-S250 Datasheet
156Kb / 2P
   Surface Mount Si-Bridge Rectifiers
logo
Diotec Semiconductor
S250 DIOTEC-S250 Datasheet
126Kb / 2P
   "Slim" Profile Surface Mount Si-Bridge-Rectifiers
S250 DIOTEC-S250 Datasheet
114Kb / 2P
   Surface Mount Si-Bridge-Rectifiers
logo
Galaxy Semi-Conductor H...
S250 BILIN-S250 Datasheet
136Kb / 2P
   GLASS PASSIVATED SILICON BRIDGE RECTIFIERS
More results

同様の説明 - S250Q-1S

メーカー部品番号データシート部品情報
logo
Nippon Pulse America, I...
L250XS NPM-L250XS Datasheet
997Kb / 4P
   Linear Shaft Motor
S040 NPM-S040 Datasheet
642Kb / 3P
   Linear Shaft Motor
S605 NPM-S605 Datasheet
939Kb / 5P
   Linear Shaft Motor
L320 NPM-L320 Datasheet
901Kb / 5P
   Linear Shaft Motor
S200 NPM-S200 Datasheet
872Kb / 5P
   Linear Shaft Motor
L350XS NPM-L350XS Datasheet
850Kb / 4P
   Linear Shaft Motor
L250 NPM-L250 Datasheet
930Kb / 5P
   Linear Shaft Motor
L320XS NPM-L320XS Datasheet
839Kb / 4P
   Linear Shaft Motor
S120 NPM-S120 Datasheet
795Kb / 4P
   Linear Shaft Motor
L160 NPM-L160 Datasheet
814Kb / 5P
   Linear Shaft Motor
S320 NPM-S320 Datasheet
887Kb / 5P
   Linear Shaft Motor
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com